Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC307B Datasheet(PDF) 3 Page - ON Semiconductor

Part # BC307B
Description  Amplifier Transistors PNP Silicon
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BC307B Datasheet(HTML) 3 Page - ON Semiconductor

  BC307B Datasheet HTML 1Page - ON Semiconductor BC307B Datasheet HTML 2Page - ON Semiconductor BC307B Datasheet HTML 3Page - ON Semiconductor BC307B Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
BC307B
http://onsemi.com
3
TYPICAL CHARACTERISTICS
2.0
1.5
1.0
0.2
0.3
0.5
0.7
−200
−0.2
−0.5 −1.0
−2.0
−5.0
−10
−20
−50 −100
IC, COLLECTOR CURRENT (mAdc)
Figure 1. Normalized DC Current Gain
VCE = −10 V
TA = 25°C
−1.0
−0.9
−0.8
−0.7
−0.6
−0.5
−0.4
−0.3
−0.2
−0.1
0
−0.1
IC, COLLECTOR CURRENT (mAdc)
Figure 2. “Saturation” and “On” Voltages
TA = 25°C
VBE(sat) @ IC/IB = 10
VBE(on) @ VCE = −10 V
VCE(sat) @ IC/IB = 10
400
20
30
40
60
80
100
200
300
IC, COLLECTOR CURRENT (mAdc)
Figure 3. Current−Gain — Bandwidth Product
10
1.0
2.0
3.0
5.0
7.0
−0.4
VR, REVERSE VOLTAGE (VOLTS)
Figure 4. Capacitances
TA = 25°C
Cib
Cob
150
140
130
120
110
100
IC, COLLECTOR CURRENT (mAdc)
Figure 5. Output Admittance
−0.2
−0.5
−1.0 −2.0
−5.0
−10
−20
−50 −100
VCE = −10 V
TA = 25°C
−0.5
−1.0
−2.0 −3.0
−5.0
−10
−20 −30
−50
−0.6
−1.0
−2.0
−4.0 −6.0
−10
−20 −30 −40
1.0
IC, COLLECTOR CURRENT (mAdc)
Figure 6. Base Spreading Resistance
VCE = −10 V
f = 1.0 kHz
TA = 25°C
−0.1
−0.2 −0.3
−0.5
−1.0
−2.0 −3.0
−5.0
−10
VCE = −10 V
f = 1.0 kHz
TA = 25°C
−0.1
−0.2
−0.5
−1.0
−2.0
−5.0
−10
0.01
0.03
0.05
0.1
0.3
0.5
150


Similar Part No. - BC307B

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BC307B MOTOROLA-BC307B Datasheet
110Kb / 4P
   Amplifier Transistors(PNP)
logo
ON Semiconductor
BC307B ONSEMI-BC307B Datasheet
84Kb / 4P
   Amplifier Transistors(PNP Silicon)
1997 REV 1
logo
NXP Semiconductors
BC307B PHILIPS-BC307B Datasheet
52Kb / 8P
   PNP general purpose transistors
1997 Mar 07
logo
Fairchild Semiconductor
BC307B FAIRCHILD-BC307B Datasheet
69Kb / 5P
   PNP EPITAXIAL SILICON TRANSISTOR
logo
ON Semiconductor
BC307B ONSEMI-BC307B Datasheet
93Kb / 4P
   Amplifier Transistors
May, 2011 ??Rev. 5
More results

Similar Description - BC307B

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BC251 MOTOROLA-BC251 Datasheet
161Kb / 5P
   AMPLIFIER TRANSISTORS PNP SILICON
logo
ON Semiconductor
BC556 ONSEMI-BC556 Datasheet
158Kb / 6P
   Amplifier Transistors(PNP Silicon)
1996
logo
Motorola, Inc
BCX78-7 MOTOROLA-BCX78-7 Datasheet
113Kb / 3P
   AMPLIFIER TRANSISTORS PNP SILICON
logo
New Jersey Semi-Conduct...
2N3727 NJSEMI-2N3727 Datasheet
128Kb / 1P
   PNP SILICON AMPLIFIER TRANSISTORS
logo
Motorola, Inc
BC16116 MOTOROLA-BC16116 Datasheet
199Kb / 8P
   Amplifier Transistors PNP Silicon
logo
ON Semiconductor
BC212B ONSEMI-BC212B Datasheet
60Kb / 4P
   Amplifier Transistors PNP Silicon
March, 2007 ??Rev. 4
logo
Leshan Radio Company
L2N5401 LRC-L2N5401 Datasheet
99Kb / 4P
   Amplifier Transistors PNP Silicon
logo
ON Semiconductor
2N5400 ONSEMI-2N5400 Datasheet
83Kb / 6P
   Amplifier Transistors PNP Silicon
December, 2005 ??Rev. 1
LA733P ONSEMI-LA733P Datasheet
56Kb / 4P
   Amplifier Transistors (PNP Silicon)
August, 2001 ??Rev. 1
BC327 ONSEMI-BC327_07 Datasheet
68Kb / 5P
   Amplifier Transistors PNP Silicon
March, 2007 ??Rev. 5
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com