Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS52015-1 Datasheet(PDF) 7 Page - ON Semiconductor

Part # CS52015-1
Description  1.5 A Adjustable Linear Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS52015-1 Datasheet(HTML) 7 Page - ON Semiconductor

  CS52015-1 Datasheet HTML 1Page - ON Semiconductor CS52015-1 Datasheet HTML 2Page - ON Semiconductor CS52015-1 Datasheet HTML 3Page - ON Semiconductor CS52015-1 Datasheet HTML 4Page - ON Semiconductor CS52015-1 Datasheet HTML 5Page - ON Semiconductor CS52015-1 Datasheet HTML 6Page - ON Semiconductor CS52015-1 Datasheet HTML 7Page - ON Semiconductor CS52015-1 Datasheet HTML 8Page - ON Semiconductor CS52015-1 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
CS52015−1
http://onsemi.com
7
The value for RqJA is calculated using equation (3) and the
result can be substituted in equation (1).
The value for RqJC is 3.5°C/W for a given package type
based on an average die size. For a high current regulator
such as the CS52015−1 the majority of the heat is generated
in the power transistor section. The value for RqSA depends
on the heat sink type, while RqCS depends on factors such as
package type, heat sink interface (is an insulator and thermal
grease used?), and the contact area between the heat sink and
the package. Once these calculations are complete, the
maximum permissible value of RqJA can be calculated and
the proper heat sink selected. For further discussion on heat
sink
selection,
see
application
note
“Thermal
Management,” document number AND8036/D, available
through the Literature Distribution Center or via our website
at http://onsemi.com.
ADDITIONAL ORDERING INFORMATION
Orderable Part Number
Type*
Package
Shipping
CS52015−1GT3
1.5 A, Adj. Output
TO−220−3, STRAIGHT
50 Units / Rail
CS52015−1GDP3
1.5 A, Adj. Output
D2PAK−3
50 Units / Rail
CS52015−1GDPR3
1.5 A, Adj. Output
D2PAK−3
750 / Tape & Reel
CS52015−1GST3
1.5 A, Adj. Output
SOT−223
80 Units / Rail
CS52015−1GSTR3
1.5 A, Adj. Output
SOT−223
2500 / Tape & Reel
*Consult your local sales representative for fixed output voltage versions.
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.
MARKING DIAGRAMS
52015−1
AWLYWW
1
AYW
52015
1
CS52015−1
AWLYWW
1
D2PAK−3
DP SUFFIX
CASE 418AB
SOT−223
ST SUFFIX
CASE 318E
TO−220−3
T SUFFIX
CASE 221A
A
= Assembly Location
WL, L
= Wafer Lot
YY, Y
= Year
WW, W = Work Week
CS


Similar Part No. - CS52015-1

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS52015-1 CHERRY-CS52015-1 Datasheet
173Kb / 7P
   1.5A Adjustable Linear Regulator
CS52015-1GDP3 CHERRY-CS52015-1GDP3 Datasheet
173Kb / 7P
   1.5A Adjustable Linear Regulator
CS52015-1GDPR3 CHERRY-CS52015-1GDPR3 Datasheet
173Kb / 7P
   1.5A Adjustable Linear Regulator
CS52015-1GST3 CHERRY-CS52015-1GST3 Datasheet
173Kb / 7P
   1.5A Adjustable Linear Regulator
CS52015-1GSTR3 CHERRY-CS52015-1GSTR3 Datasheet
173Kb / 7P
   1.5A Adjustable Linear Regulator
More results

Similar Description - CS52015-1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP38852-ADJ TI1-LP38852-ADJ Datasheet
1Mb / 31P
[Old version datasheet]   1.5-A Fast-Response High-Accuracy Adjustable LDO Linear Regulator
logo
ON Semiconductor
NCP1086 ONSEMI-NCP1086 Datasheet
102Kb / 14P
   1.5 A Adjustable and 3.3 V Fixed Output Linear Regulator
July, 2004 ??Rev. 4
NCP1086 ONSEMI-NCP1086_05 Datasheet
121Kb / 14P
   1.5 A Adjustable and 3.3 V Fixed Output Linear Regulator
May, 2005 ??Rev. 6
logo
Texas Instruments
LP38852-ADJ TI1-LP38852-ADJ_16 Datasheet
1Mb / 33P
[Old version datasheet]   1.5-A Fast-Response High-Accuracy Adjustable LDO Linear Regulator
logo
ON Semiconductor
CS5205A-1 ONSEMI-CS5205A-1 Datasheet
219Kb / 8P
   5.0 A Adjustable Linear Regulator
September, 2006 ??Rev. 7
CS5201-1 ONSEMI-CS5201-1 Datasheet
213Kb / 9P
   1.0 A Adjustable Linear Regulator
September, 2006 ??Rev. 8
CS5203-1 ONSEMI-CS5203-1 Datasheet
248Kb / 10P
   3.0 A Adjustable Linear Regulator
September, 2006 ??Rev. 8
CS5207-1 ONSEMI-CS5207-1 Datasheet
203Kb / 7P
   7.0 A Adjustable Linear Regulator
September, 2006 ??Rev. 6
NCP565 ONSEMI-NCP565_10 Datasheet
180Kb / 17P
   1.5 A Low Dropout Linear Regulator
November, 2010 ??Rev. 15
NCP565 ONSEMI-NCP565 Datasheet
111Kb / 12P
   1.5 A Low Dropout Linear Regulator
July, 2004 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com