Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5202IYZ Datasheet(PDF) 9 Page - Intersil Corporation

Part # EL5202IYZ
Description  400MHz Slew Enhanced VFAs
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5202IYZ Datasheet(HTML) 9 Page - Intersil Corporation

Back Button EL5202IYZ Datasheet HTML 5Page - Intersil Corporation EL5202IYZ Datasheet HTML 6Page - Intersil Corporation EL5202IYZ Datasheet HTML 7Page - Intersil Corporation EL5202IYZ Datasheet HTML 8Page - Intersil Corporation EL5202IYZ Datasheet HTML 9Page - Intersil Corporation EL5202IYZ Datasheet HTML 10Page - Intersil Corporation EL5202IYZ Datasheet HTML 11Page - Intersil Corporation EL5202IYZ Datasheet HTML 12Page - Intersil Corporation EL5202IYZ Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
9
FN7331.6
June 23, 2006
FIGURE 19. OPEN LOOP GAIN AND PHASE vs FREQUENCY
FIGURE 20. OUTPUT IMPEDANCE/PHASE vs FREQUENCY
FIGURE 21. CMRR vs FREQUENCY
FIGURE 22. PSRR vs FREQUENCY
FIGURE 23. MAX OUTPUT VOLTAGE SWING vs FREQUENCY
FIGURE 24. GROUP DELAY vs FREQUENCY
Typical Performance Curves (Continued)
FREQUENCY (Hz)
10
100
1K
10K 100K
1M
10M 100M
1G
80
70
60
50
40
30
20
10
0
-10
-20
-45
0
45
90
135
180
225
270
315
360
405
VCC=+5V
VEE=-5V
GAIN
PHASE
10
10K
100K
10M
100M
FREQUENCY (Hz)
1M
1
0.1
0.01
AV=+2
VS=±5V
-20
-40
-60
-80
-100
-10
-30
-50
-70
-90
1K
10K
1M
500M
FREQUENCY (Hz)
100K
100M
10M
-110
AV=+5
VS=±5V
0
-20
-40
-60
-80
10
-10
-30
-50
-70
1K
10K
1M
500M
FREQUENCY (Hz)
100K
100M
10M
-90
AV=+1
VS=±5V
+PSRR
-PSRR
0
1
2
3
4
5
6
7
8
9
10
0.1
1
10
100
1000
FREQUENCY (MHz)
RLOAD=1kΩ
RLOAD=150Ω
VS=±5V
AV=+2
RF=RG=402Ω
CL=8pF
-30
-25
-20
-15
-10
-5
0
5
10
15
20
25
30
0.1
1
10
100
1000
FREQUENCY (MHz)
VS=±5V
AV=+1
RF=0
RL=500Ω
EL5102, EL5103, EL5202, EL5203, EL5302


Similar Part No. - EL5202IYZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5202IYZ INTERSIL-EL5202IYZ Datasheet
1Mb / 12P
   400MHz Slew Enhanced VFAs
EL5202IYZ INTERSIL-EL5202IYZ Datasheet
1Mb / 17P
   400MHz Slew Enhanced VFAs
logo
Renesas Technology Corp
EL5202IYZ RENESAS-EL5202IYZ Datasheet
1Mb / 14P
   400MHz Slew Enhanced VFAs
January 17, 2014
logo
Intersil Corporation
EL5202IYZ-T13 INTERSIL-EL5202IYZ-T13 Datasheet
1Mb / 12P
   400MHz Slew Enhanced VFAs
EL5202IYZ-T13 INTERSIL-EL5202IYZ-T13 Datasheet
1Mb / 17P
   400MHz Slew Enhanced VFAs
More results

Similar Description - EL5202IYZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5102 INTERSIL-EL5102_08 Datasheet
1Mb / 17P
   400MHz Slew Enhanced VFAs
EL5103 INTERSIL-EL5103 Datasheet
1,018Kb / 12P
   400MHz Slew Enhanced VFAs
EL5102 INTERSIL-EL5102 Datasheet
1Mb / 12P
   400MHz Slew Enhanced VFAs
logo
Renesas Technology Corp
EL5202 RENESAS-EL5202 Datasheet
1Mb / 14P
   400MHz Slew Enhanced VFAs
January 17, 2014
EL5104 RENESAS-EL5104 Datasheet
1Mb / 18P
   700MHz Slew-Enhanced VFAs
logo
Intersil Corporation
EL5104 INTERSIL-EL5104_07 Datasheet
2Mb / 17P
   700MHz Slew-Enhanced VFAs
ISL55036 INTERSIL-ISL55036 Datasheet
687Kb / 11P
   400MHz Slew Rate Enhanced Rail-to-Rail Output Gain Block
logo
Renesas Technology Corp
ISL55033 RENESAS-ISL55033 Datasheet
1Mb / 13P
   400MHz Slew Rate Enhanced, Rail-to-Rail Output Gain Block
logo
Intersil Corporation
ISL55033IRTZ INTERSIL-ISL55033IRTZ Datasheet
877Kb / 13P
   400MHz Slew Rate Enhanced, Rail-to-Rail Output Gain Block
June 29, 2015
ISL55033 INTERSIL-ISL55033 Datasheet
1Mb / 12P
   400MHz Slew Rate Enhanced Rail-to-Rail Output Gain Block
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com