Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5203IY Datasheet(PDF) 4 Page - Intersil Corporation

Part # EL5203IY
Description  400MHz Slew Enhanced VFAs
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5203IY Datasheet(HTML) 4 Page - Intersil Corporation

  EL5203IY Datasheet HTML 1Page - Intersil Corporation EL5203IY Datasheet HTML 2Page - Intersil Corporation EL5203IY Datasheet HTML 3Page - Intersil Corporation EL5203IY Datasheet HTML 4Page - Intersil Corporation EL5203IY Datasheet HTML 5Page - Intersil Corporation EL5203IY Datasheet HTML 6Page - Intersil Corporation EL5203IY Datasheet HTML 7Page - Intersil Corporation EL5203IY Datasheet HTML 8Page - Intersil Corporation EL5203IY Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
4
FN7331.6
June 23, 2006
Absolute Maximum Ratings (TA = 25°C)
Supply Voltage between VS+ and GND . . . . . . . . . . . . . . . . . 13.2V
Maximum Supply Slewrate between VS+ and VS- . . . . . . . . . 1V/µs
Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ±VS
Differential Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .±4V
Maximum Continuous Output Current . . . . . . . . . . . . . . . . . . . 80mA
Maximum Current into IN+, IN-, CE . . . . . . . . . . . . . . . . . . . . . ±5mA
Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . See Curves
Storage Temperature Range . . . . . . . . . . . . . . . . . .-65°C to +150°C
Ambient Operating Temperature Range . . . . . . . . . .-40°C to +85°C
Operating Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . 150°C
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
IMPORTANT NOTE: All parameters having Min/Max specifications are guaranteed. Typical values are for information purposes only. Unless otherwise noted, all tests
are at the specified temperature and are pulsed tests, therefore: TJ = TC = TA
DC Electrical Specifications
VS+ = +5V, VS- = -5V, TA = 25°C, RL = 500Ω, VENABLE = +5V, unless otherwise specified.
PARAMETER
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
VOS
Offset Voltage
EL5102, EL5103, EL5202, EL5203
1
5
mV
EL5302
2
8
mV
TCVOS
Offset Voltage Temperature Coefficient
Measured from TMIN to TMAX
10
µV/°C
IB
Input Bias Current
VIN = 0V
-12
2
12
µA
IOS
Input Offset Current
VIN = 0V
-8
1
8
µA
TCIOS
Input Bias Current Temperature
Coefficient
Measured from TMIN to TMAX
50
nA/°C
PSRR
Power Supply Rejection Ratio
VS = ±4.75V to ±5.25V
-70
-80
dB
CMRR
Common Mode Rejection Ratio
VCM = -3V to 3.0V
-60
-80
dB
CMIR
Common Mode Input Range
Guaranteed by CMRR test
-3
±3.3
3
V
RIN
Input Resistance
Common mode
200
400
k
Ω
CIN
Input Capacitance
SO package
1
pF
IS,ON
Supply Current - Enabled per amplifier
4.6
5.2
5.8
mA
IS,OFF
Supply Current - Shut-down per amplifier VS++1
0
+25
µA
VS--25
7
-1
µA
AVOL
Open Loop Gain
VOUT = ±2.5V, RL = 1kΩ to GND
58
66
dB
VOUT = ±2.5V, RL = 150Ω to GND
60
dB
VOUT
Output Voltage Swing
RL = 1kΩ to GND
±3.5
±3.9
V
RL = 150Ω to GND
±3.4
±3.7
V
IOUT
Output Current
AV = 1, RL = 10Ω to 0V
±80
±150
mA
VCE-ON
CE Pin Voltage for Power-up
(VS+)-5
(VS+)-3
V
VCE-OFF
CE Pin Voltage for Shut-down
(VS+)-1
VS+V
IEN-ON
Pin Current - Enabled
CE = 0V
-1
0
+1
µA
IEN-OFF
Pin Current - Disabled
CE = +5V
1
14
25
µA
EL5102, EL5103, EL5202, EL5203, EL5302


Similar Part No. - EL5203IY

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5203IY INTERSIL-EL5203IY Datasheet
1,018Kb / 12P
   400MHz Slew Enhanced VFAs
EL5203IY INTERSIL-EL5203IY Datasheet
1Mb / 12P
   400MHz Slew Enhanced VFAs
EL5203IY INTERSIL-EL5203IY Datasheet
1Mb / 17P
   400MHz Slew Enhanced VFAs
EL5203IY-T13 INTERSIL-EL5203IY-T13 Datasheet
1,018Kb / 12P
   400MHz Slew Enhanced VFAs
EL5203IY-T13 INTERSIL-EL5203IY-T13 Datasheet
1Mb / 12P
   400MHz Slew Enhanced VFAs
More results

Similar Description - EL5203IY

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5102 INTERSIL-EL5102_08 Datasheet
1Mb / 17P
   400MHz Slew Enhanced VFAs
EL5103 INTERSIL-EL5103 Datasheet
1,018Kb / 12P
   400MHz Slew Enhanced VFAs
EL5102 INTERSIL-EL5102 Datasheet
1Mb / 12P
   400MHz Slew Enhanced VFAs
logo
Renesas Technology Corp
EL5202 RENESAS-EL5202 Datasheet
1Mb / 14P
   400MHz Slew Enhanced VFAs
January 17, 2014
EL5104 RENESAS-EL5104 Datasheet
1Mb / 18P
   700MHz Slew-Enhanced VFAs
logo
Intersil Corporation
EL5104 INTERSIL-EL5104_07 Datasheet
2Mb / 17P
   700MHz Slew-Enhanced VFAs
ISL55036 INTERSIL-ISL55036 Datasheet
687Kb / 11P
   400MHz Slew Rate Enhanced Rail-to-Rail Output Gain Block
logo
Renesas Technology Corp
ISL55033 RENESAS-ISL55033 Datasheet
1Mb / 13P
   400MHz Slew Rate Enhanced, Rail-to-Rail Output Gain Block
logo
Intersil Corporation
ISL55033IRTZ INTERSIL-ISL55033IRTZ Datasheet
877Kb / 13P
   400MHz Slew Rate Enhanced, Rail-to-Rail Output Gain Block
June 29, 2015
ISL55033 INTERSIL-ISL55033 Datasheet
1Mb / 12P
   400MHz Slew Rate Enhanced Rail-to-Rail Output Gain Block
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com