Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FIN324CMLX Datasheet(PDF) 10 Page - Fairchild Semiconductor

Part # FIN324CMLX
Description  24-Bit Ultra-Low Power Serializer Deserializer Supporting Single and Dual Displays
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FIN324CMLX Datasheet(HTML) 10 Page - Fairchild Semiconductor

Back Button FIN324CMLX Datasheet HTML 6Page - Fairchild Semiconductor FIN324CMLX Datasheet HTML 7Page - Fairchild Semiconductor FIN324CMLX Datasheet HTML 8Page - Fairchild Semiconductor FIN324CMLX Datasheet HTML 9Page - Fairchild Semiconductor FIN324CMLX Datasheet HTML 10Page - Fairchild Semiconductor FIN324CMLX Datasheet HTML 11Page - Fairchild Semiconductor FIN324CMLX Datasheet HTML 12Page - Fairchild Semiconductor FIN324CMLX Datasheet HTML 13Page - Fairchild Semiconductor FIN324CMLX Datasheet HTML 14Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
© 2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FIN324C Rev. 1.0.5
10
Application Diagrams (Continued)
VDDP1
A4
B4
D4:G6
C4
C3
A3
B3
A2 NC
B2 NC
A1 NC
D3
F3
G3
G2
B1
Notes:
1.
Write-only interface (R/W hardwaired LOW).
2.
SPI sub-display interface PAR/SPI=LOW for both master and slave.
.
3.
SCLK connected to CNTL[5]; SDAT connected to CNTL[4].
4.
5.
6.
Shared data pin SDAT; SCLK connections on sub-display.
Assumes BGA die on display.
Pin numbers for BGA package.
/CS
PCLK
GPIO
/STBY
/RES
CKSEL
Main Display
PCLK
R,G,B [5:0]
Hsync
Vsync
SD
Sub-Display
SCLK
SDAT
/CS
D/C
RESET
P/S
VDDP2
Edge Rate Control Option
SLEW must be connected
to VDDS or GND for low
power.
VDDP VDDS/A
STRB0
STRB1
CNTL[5]
R/W
M/S
PAR/SPI
/STBY
/RES
CKSEL
R,G,B[5:0]
DP[17:0]
Hsync
CNTL[0]
Vsync
CNTL[1]
D/C
CNTL[3]
SD
CNTL[2]
SDAT
CNTL[4]
VDDP VDDS/A
WCLK0
WCLK1
DP[17:0]
CNTL[0]
CNTL[1]
CNTL[2]
CNTL[3]
CNTL[4]
CNTL[5]
R/W
M/S
PAR/SPI
SLEW
/RES
H
VDDP1
VDDS/A
VDDP2
VDDS/A
CKS+
CKS-
DS+
DS-
CKS+
CKS-
DS+
DS-
D1
E1
G1
F1
G1
F1
D1
E1
A4
B4
D4:G6
C4
C3
A3
B3
A2
B2
A1
D3
F3
G3
G2
B1
E3
D2
C1
E3
D2
C1
C2
E2
F2
C2
E2
F2
SCLK
Module 1
F6 SCLK DP[6]
E5 SDAT DP[7]
Baseband
Processor
Figure 8.
Dual Display with RGB Main Display and SPI Sub-Display Interface
VDDP1
A4
B4
D4:G6
C4
C3
A3
B3
A2
B2
A1
D3
F3
G3
G2
B1
Notes:
1.
R/W interface. R/W signal connected to baseband microprocessor.
.
2.
3.
4.
Assumes BGA die on display.
PAR/SPI connected HIGH to indicate parallel operation.
Pin numbers for BGA package.
.
/CS0
/CS1
GPIO
/STBY
/RES
CKSEL
Main Display
/CS1
DATA[17:0]
D/C
RESET 1
R/W
Sub-Display
DATA [17:0]
D/C
/CS0
RESET 0
P/S
R/W
VDDP2
Edge Rate Control Option
SLEW must be connected
to VDDS or GND for low
power.
VDDP VDDS/A
STRB0
STRB1
CNTL[5]
R/W
M/S
PAR/SPI
/STBY
/RES
CKSEL
DATA[17:0]
DP[17:0]
CNTL[0]
CNTL[1]
D/C
RESET 0
RESET 1
CNTL[3]
CNTL[2]
CNTL[4]
VDDP VDDS/A
WCLK0
WCLK1
DP[17:0]
CNTL[0]
CNTL[1]
CNTL[2]
CNTL[3]
CNTL[4]
CNTL[5]
R/W
M/S
PAR/SPI
SLEW
/RES
H
VDDP1
VDDS/A
VDDP2
VDDS/A
CKS+
CKS-
DS+
DS-
CKS+
CKS-
DS+
DS-
D1
E1
G1
F1
G1
F1
D1
E1
A4
B4
D4:G6
C4
C3
A3
B3
A2
B2
A1
D3
F3
G3
G2
B1
E3
D2
C1
E3
D2
C1
C2
E2
F2
C2
E2
F2
Module 1
R/W
NC
NC
NC
Baseband
Processor
Figure 9.
R/W Dual Display with Parallel Microcontroller Main Display and Sub-Display


Similar Part No. - FIN324CMLX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FIN324CMLX FAIRCHILD-FIN324CMLX Datasheet
930Kb / 19P
   24-Bit Ultra-Low Power Serializer / Deserializer Supporting Single and Dual Displays
More results

Similar Description - FIN324CMLX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FIN324C FAIRCHILD-FIN324C_08 Datasheet
930Kb / 19P
   24-Bit Ultra-Low Power Serializer / Deserializer Supporting Single and Dual Displays
FIN224C FAIRCHILD-FIN224C Datasheet
765Kb / 9P
   24-Bit Low-Power Serializer/Deserializer
FIN210AC FAIRCHILD-FIN210AC Datasheet
673Kb / 17P
   10-Bit Serializer / Deserializer Supporting Cameras and Small Displays up to 48MHz
FIN424C FAIRCHILD-FIN424C Datasheet
327Kb / 10P
   20-Bit Ultra-Low-Power Serializer / Deserializer for 關Controller and RGB Displays
FIN24C FAIRCHILD-FIN24C Datasheet
758Kb / 22P
   uSerDes Low Voltage 24-Bit Bi-Directional Serializer/Deserializer
logo
Vitesse Semiconductor C...
VSC7145 VITESSE-VSC7145 Datasheet
746Kb / 2P
   Dual Speed 10-bit Serializer/Deserializer
logo
National Semiconductor ...
DS90C124 NSC-DS90C124 Datasheet
865Kb / 17P
   5-35MHz DC-Balanced 24-Bit LVDS Serializer and Deserializer
DS99R103 NSC-DS99R103 Datasheet
890Kb / 22P
   3-40MHz DC-Balanced 24-Bit LVDS Serializer and Deserializer
DS99R105 NSC-DS99R105 Datasheet
922Kb / 24P
   3-40MHz DC-Balanced 24-Bit LVDS Serializer and Deserializer
logo
Texas Instruments
DS99R103 TI1-DS99R103_14 Datasheet
1Mb / 30P
[Old version datasheet]   3-40MHz DC-Balanced 24-Bit LVDS Serializer and Deserializer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com