Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L4949 Datasheet(PDF) 7 Page - ON Semiconductor

Part # L4949
Description  100 mA, 5.0 V, Low Dropout Voltage Regulator with Power?뭀n Reset
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

L4949 Datasheet(HTML) 7 Page - ON Semiconductor

Back Button L4949 Datasheet HTML 2Page - ON Semiconductor L4949 Datasheet HTML 3Page - ON Semiconductor L4949 Datasheet HTML 4Page - ON Semiconductor L4949 Datasheet HTML 5Page - ON Semiconductor L4949 Datasheet HTML 6Page - ON Semiconductor L4949 Datasheet HTML 7Page - ON Semiconductor L4949 Datasheet HTML 8Page - ON Semiconductor L4949 Datasheet HTML 9Page - ON Semiconductor L4949 Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
L4949, NCV4949
http://onsemi.com
7
OPERATING DESCRIPTION
The L4949 is a monolithic integrated low dropout voltage
regulator. Several outstanding features and auxiliary
functions are implemented to meet the requirements of
supplying
microprocessor
systems
in
automotive
applications. Nevertheless, it is suitable also in other
applications where the present functions are required. The
modular approach of this device allows the use of other
features and functions independently when required.
Voltage Regulator
The voltage regulator uses an isolated Collector Vertical
PNP transistor as a regulating element. With this structure,
very low dropout voltage at currents up to 100 mA is
obtained. The dropout operation of the standby regulator is
maintained down to 3.0 V input supply voltage. The output
voltage is regulated up to the transient input supply voltage
of 35 V. With this feature no functional interruption due to
overvoltage pulses is generated.
The typical curve showing the standby output voltage as
a function of the input supply voltage is shown in Figure 14.
The current consumption of the device (quiescent current)
is less than 200
mA.
To reduce the quiescent current peak in the undervoltage
region and to improve the transient response in this region,
the dropout voltage is controlled. The quiescent current as
a function of the supply input voltage is shown in Figure 15.
Short Circuit Protection:
The maximum output current is internally limited. In case
of short circuit, the output current is foldback current limited
as described in Figure 13.
0
5.0
20
100
200
Iout (mA)
Figure 13. Foldback Characteristic of Vout
10
Vout
5.0 V
35 V
5.0 V
2.0 V
0 V
Vout
VCC
Figure 14. Output Voltage versus Supply Voltage
3.0
Figure 15. Quiescent Current versus Supply Voltage
2.5
2.0
1.5
1.0
0
5.0
10
15
20
25
30
VCC, SUPPLY VOLTAGE (V)
0.5
0
RL = 5.0 k
RL = 100 W
TJ = 25°C
Preregulator
To improve the transient immunity a preregulator
stabilizes the internal supply voltage to 6.0 V. This internal
voltage is present at Pin 3 (VZ). This voltage should not be
used as an output because the output capability is very small
(
≤ 100 mA).
This output may be used as an option when better transient
behavior for supply voltages less than 8.0 V is required. In
this case a capacitor (100 nF − 1.0
mF) must be connected
between Pin 3 and GND. If this feature is not used Pin 3 must
be left open.


Similar Part No. - L4949

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
L4949 MOTOROLA-L4949 Datasheet
196Kb / 8P
   MULTIFUNCTION VERY LOW DROPOUT VOLTAGE REGULATOR
logo
ON Semiconductor
L4949 ONSEMI-L4949 Datasheet
191Kb / 8P
   MULTIFUNCTION VERY LOW DROPOUT VOLTAGE REGULATOR
1998 Rev 1
L4949 ONSEMI-L4949 Datasheet
3Mb / 4P
   AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
logo
Motorola, Inc
L4949D MOTOROLA-L4949D Datasheet
196Kb / 8P
   MULTIFUNCTION VERY LOW DROPOUT VOLTAGE REGULATOR
logo
ON Semiconductor
L4949D ONSEMI-L4949D Datasheet
191Kb / 8P
   MULTIFUNCTION VERY LOW DROPOUT VOLTAGE REGULATOR
1998 Rev 1
More results

Similar Description - L4949

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV4949APDR2G ONSEMI-NCV4949APDR2G Datasheet
174Kb / 11P
   100 mA, 5.0 V, Low Dropout Voltage Regulator with Reset and Sense
November, 2010 ??Rev. 1
NCV4949A ONSEMI-NCV4949A Datasheet
203Kb / 9P
   100 mA, 5.0 V, Low Dropout Voltage Regulator with Reset and Sense
June, 2010 -- Rev. 0
NCV4275A ONSEMI-NCV4275A Datasheet
170Kb / 19P
   5.0 V, 3.3 V 450 mA Low-Dropout Voltage Regulator with Reset
April, 2010 ??Rev. 3
CS8101 ONSEMI-CS8101_09 Datasheet
149Kb / 11P
   Micropower 5.0 V, 100 mA Low Dropout Linear Regulator with RESET and ENABLE
September, 2008 ??Rev. 19
CS8101 ONSEMI-CS8101 Datasheet
127Kb / 13P
   Micropower 5.0 V, 100 mA Low Dropout Linear Regulator with RESET and ENABLE
February, 2006 ??Rev. 18
CS8126 ONSEMI-CS8126 Datasheet
121Kb / 12P
   5.0 V, 750 mA Low Dropout Linear Regulator with Delayed RESET
February, 2006 ??Rev. 16
CS8126 ONSEMI-CS8126_09 Datasheet
167Kb / 9P
   5.0 V, 750 mA Low Dropout Linear Regulator with Delayed RESET
October, 2009 ??Rev. 18
CS8151 ONSEMI-CS8151 Datasheet
174Kb / 14P
   5.0 V, 100 mA Low Dropout Linear Regulator with Watchdog, RESET, and Wake Up
October, 2008 ??Rev. 18
NCV4290 ONSEMI-NCV4290 Datasheet
162Kb / 15P
   5.0 V, 450 mA Low-Dropout Voltage Regulator with Power Good
August, 2012 ??Rev. 0
CS8129 ONSEMI-CS8129 Datasheet
114Kb / 11P
   5.0 V, 750 mA Low Dropout Linear Regulator with Lower RESET Threshold
June, 2006 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com