Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM211DR2 Datasheet(PDF) 4 Page - ON Semiconductor

Part # LM211DR2
Description  Single Comparators
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM211DR2 Datasheet(HTML) 4 Page - ON Semiconductor

  LM211DR2 Datasheet HTML 1Page - ON Semiconductor LM211DR2 Datasheet HTML 2Page - ON Semiconductor LM211DR2 Datasheet HTML 3Page - ON Semiconductor LM211DR2 Datasheet HTML 4Page - ON Semiconductor LM211DR2 Datasheet HTML 5Page - ON Semiconductor LM211DR2 Datasheet HTML 6Page - ON Semiconductor LM211DR2 Datasheet HTML 7Page - ON Semiconductor LM211DR2 Datasheet HTML 8Page - ON Semiconductor LM211DR2 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
LM211, LM311
http://onsemi.com
4
Figure 3. Input Bias Current
versus Temperature
Figure 4. Input Offset Current
versus Temperature
Figure 5. Input Bias Current versus
Differential Input Voltage
Figure 6. Common Mode Limits
versus Temperature
TA, TEMPERATURE (°C)
TA, TEMPERATURE (°C)
DIFFERENTIAL INPUT VOLTAGE (V)
140
120
100
80
40
0
140
120
100
80
40
0
60
20
−55
−25
0
25
50
75
100
125
−16
−12
−8.0
−4.0
0
4.0
8.0
12
16
5.0
4.0
3.0
2.0
1.0
0
−55
−25
0
25
50
75
100
125
−55
−25
0
25
50
75
100
125
VCC
−0.5
−1.0
−1.5
0.4
0.2
VEE
TA, TEMPERATURE (°C)
Normal
VCC = +15 V
VEE = −15 V
Referred to Supply Voltages
VCC = +15 V
VEE = −15 V
TA = +25°C
Normal
Pins 5 & 6 Tied
to VCC
VCC = +15 V
VEE = −15 V
Pins 5 & 6 Tied
to VCC
Figure 7. Response Time for
Various Input Overdrives
Figure 8. Response Time for
Various Input Overdrives
tTLH, RESPONSE TIME (ms)
tTHL, RESPONSE TIME (ms)
5.0
4.0
3.0
2.0
1.0
0
0
50
100
0
0.1
0.2
0.3
0.4
0.5
0.6
5.0
4.0
3.0
2.0
1.0
0
−100
−50
0
0
0.1
0.2
0.3
0.4
0.5
0.6
5.0 mV
20 mV
2.0 mV
Vin
+5.0V
500
W
VO
*
)
+5.0V
500
W
VO
Vin
20 mV
5.0 mV
*
)
2.0 mV
VCC = +15 V
VEE = −15 V
TA = +25°C
VCC = +15 V
VEE = −15 V
TA = +25°C


Similar Part No. - LM211DR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LM211DR2G ONSEMI-LM211DR2G Datasheet
147Kb / 9P
   Single Comparators
August, 2012 ??Rev. 6
More results

Similar Description - LM211DR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LM211 ONSEMI-LM211_12 Datasheet
147Kb / 9P
   Single Comparators
August, 2012 ??Rev. 6
logo
Texas Instruments
TLV1391 TI-TLV1391_03 Datasheet
185Kb / 9P
[Old version datasheet]   SINGLE DIFFERENTIAL COMPARATORS
logo
Analog Devices
AD8612 AD-AD8612_15 Datasheet
414Kb / 20P
   Single-Supply Comparators
REV. A
logo
Texas Instruments
TLV1391 TI-TLV1391_V01 Datasheet
897Kb / 14P
[Old version datasheet]   SINGLE DIFFERENTIAL COMPARATORS
logo
Analog Devices
AD8611 AD-AD8611_15 Datasheet
414Kb / 20P
   Single-Supply Comparators
REV. A
logo
Texas Instruments
TLV1391 TI1-TLV1391_15 Datasheet
764Kb / 13P
[Old version datasheet]   SINGLE DIFFERENTIAL COMPARATORS
TLV1391 TI-TLV1391 Datasheet
147Kb / 10P
[Old version datasheet]   SINGLE DIFFERENTIAL COMPARATORS
logo
Analog Devices
AD8611 AD-AD8611_16 Datasheet
316Kb / 20P
   Single-Supply Comparators
logo
ON Semiconductor
LM339 ONSEMI-LM339 Datasheet
145Kb / 8P
   Quad Single Supply Comparators
October, 1999 ??Rev. 3
logo
Motorola, Inc
LM339 MOTOROLA-LM339 Datasheet
124Kb / 6P
   Quad Single Supply Comparators
Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com