Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM317M Datasheet(PDF) 10 Page - ON Semiconductor

Part # LM317M
Description  500 mA Adjustable Output, Positive Voltage Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM317M Datasheet(HTML) 10 Page - ON Semiconductor

Back Button LM317M Datasheet HTML 5Page - ON Semiconductor LM317M Datasheet HTML 6Page - ON Semiconductor LM317M Datasheet HTML 7Page - ON Semiconductor LM317M Datasheet HTML 8Page - ON Semiconductor LM317M Datasheet HTML 9Page - ON Semiconductor LM317M Datasheet HTML 10Page - ON Semiconductor LM317M Datasheet HTML 11Page - ON Semiconductor LM317M Datasheet HTML 12Page - ON Semiconductor LM317M Datasheet HTML 13Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
LM317M
http://onsemi.com
10
ORDERING INFORMATION
Device
Output Voltage
Tolerance
Operating Temperature
Range
Package
Shipping
LM317MABDT
2%
TJ = −40°C to 125°C
DPAK
75 Units / Rail
LM317MABDTG
DPAK
(Pb−Free)
75 Units / Rail
LM317MABDTRK
DPAK
2500 / Tape & Reel
LM317MABDTRKG
DPAK
(Pb−Free)
2500 / Tape & Reel
LM317MABT
TO−220
50 Units / Rail
LM317MABTG
TO−220
(Pb−Free)
50 Units / Rail
LM317MADTRK
TJ = 0°C to 125°C
DPAK
2500 / Tape & Reel
LM317MADTRKG
DPAK
(Pb−Free)
2500 / Tape & Reel
LM317MBDT
4%
TJ = −40°C to 125°C
DPAK
75 Units / Rail
LM317MBDTG
DPAK
(Pb−Free)
75 Units / Rail
LM317MBDTRK
DPAK
2500 / Tape & Reel
LM317MBDTRKG
DPAK
(Pb−Free)
2500 / Tape & Reel
LM317MBSTT3
SOT−223
4000 / Tape & Reel
LM317MBSTT3G
SOT−223
(Pb−Free)
4000 / Tape & Reel
LM317MBT
TO−220
50 Units / Rail
LM317MBTG
TO−220
(Pb−Free)
50 Units / Rail
LM317MDT
TJ = 0°C to 125°C
DPAK
75 Units / Rail
LM317MDTG
DPAK
(Pb−Free)
75 Units / Rail
LM317MDTRK
DPAK
2500 / Tape & Reel
LM317MDTRKG
DPAK
(Pb−Free)
2500 / Tape & Reel
LM317MSTT3
SOT−223
4000 / Tape & Reel
LM317MSTT3G
SOT−223
(Pb−Free)
4000 / Tape & Reel
LM317MT
TO−220
50 Units / Rail
LM317MTG
TO−220
(Pb−Free)
50 Units / Rail
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specification Brochure, BRD8011/D.


Similar Part No. - LM317M

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LM317M ONSEMI-LM317M Datasheet
232Kb / 16P
   Three-Terminal Adjustable Output Positive Voltage Regulator
August, 2004 ??Rev. 12
logo
E-Tech Electronics LTD
LM317M ETL-LM317M Datasheet
254Kb / 5P
   MEDIUM CURRENT 1.2V TO 37V ADJUSTABLE VOLTAGE REGULATOR
logo
STMicroelectronics
LM317M STMICROELECTRONICS-LM317M Datasheet
115Kb / 11P
   MEDIUM CURRENT 1.2 TO 37V ADJUSTABLE VOLTAGE REGULATOR
September 1997
logo
ON Semiconductor
LM317M ONSEMI-LM317M Datasheet
141Kb / 14P
   500 mA Adjustable Output Positive Voltage Regulator
August, 2014 ??Rev. 24
logo
Texas Instruments
LM317M TI-LM317M Datasheet
219Kb / 12P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
More results

Similar Description - LM317M

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LM317M ONSEMI-LM317M_11 Datasheet
232Kb / 14P
   500 mA Adjustable Output, Positive Voltage Regulator
September, 2011 ??Rev. 21
LM317M ONSEMI-LM317M_14 Datasheet
141Kb / 14P
   500 mA Adjustable Output Positive Voltage Regulator
August, 2014 ??Rev. 24
logo
Estek Electronics Co. L...
IL317L ESTEK-IL317L Datasheet
213Kb / 2P
   100 mA Adjustable Output Positive Voltage Regulator
ET-IL317L ESTEK-ET-IL317L Datasheet
178Kb / 2P
   100 mA Adjustable output Positive Voltage Regulator
logo
ON Semiconductor
LM317L ONSEMI-LM317L_11 Datasheet
144Kb / 12P
   100 mA Adjustable Output, Positive Voltage Regulator
March, 2008 - Rev. 11
LM317L ONSEMI-LM317L_V01 Datasheet
337Kb / 15P
   Voltage Regulator - Adjustable Output, Positive 100 mA
April, 2021 - Rev. 14
LM317L ONSEMI-LM317L_05 Datasheet
131Kb / 12P
   100 mA Adjustable Output, Positive Voltage Regulator
October, 2005 ??Rev. 8
logo
Toshiba Semiconductor
TA58MS00F TOSHIBA-TA58MS00F Datasheet
218Kb / 8P
   500-mA Adjustable-Output Voltage Regulator with On/Off Switch
2009-09-30
logo
KODENSHI_AUK CORP.
SN317L KODENSHI-SN317L Datasheet
387Kb / 8P
   [100mA /Adjustable Output] Positive Voltage Regulator
logo
New Japan Radio
NJW4106 NJRC-NJW4106 Datasheet
715Kb / 15P
   HIGH VOLTAGE IO = 500 mA ADJUSTABLE LDO REGULATOR
Ver.1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com