Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM323 Datasheet(PDF) 6 Page - ON Semiconductor

Part # LM323
Description  3.0 A Positive Voltage Regulators
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM323 Datasheet(HTML) 6 Page - ON Semiconductor

  LM323_02 Datasheet HTML 1Page - ON Semiconductor LM323_02 Datasheet HTML 2Page - ON Semiconductor LM323_02 Datasheet HTML 3Page - ON Semiconductor LM323_02 Datasheet HTML 4Page - ON Semiconductor LM323_02 Datasheet HTML 5Page - ON Semiconductor LM323_02 Datasheet HTML 6Page - ON Semiconductor LM323_02 Datasheet HTML 7Page - ON Semiconductor LM323_02 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
LM323, LM323A
http://onsemi.com
6
Figure 13. Current Regulator
Figure 14. Adjustable Output Regulator
Figure 15. Current Boost Regulator
Figure 16. Current Boost with
Short Circuit Protection
5.0 V
R
Input
0.33µF
LM323, A
R
IO
The LM323,A regulator can also be used as a current source when
connected as above. Resistor R determines the current as follows:
IO =
+ IB
∆IB ^ 0.7 mA over line, load and temperature changes
IB ^ 3.5 mA
For example, a 2.0 A current source would require R to be a 2.5 Ω,
15W resistor and the output voltage compliance would be the input
voltage less 7.5 V.
Constant
Current to
Grounded Load
Input
Output
1.0k
4
6
7
2
3
-
+
0.1µF
10k
MC1741
VO, 8.0 V to 20 V
The addition of an operational amplifier allows adjustment to higher or
intermediate values while retaining regulation characteristics. The
minimum voltage obtainable with this arrangement is 3.0 V greater
than the regulator voltage.
LM323, A
0.33µF
R
0.1µF
Output
1.0µF
The LM323, A series can be current boosted with a PNP transistor. The
2N4398 provides current to 15 A. Resistor R in conjunction with the VBE
of the PNP determines when the pass transistor begins conducting; this
circuit is not short circuit proof. Input-output differential voltage
minimum is increased by the VBE of the pass transistor.
2N4398 or Equiv
LM323, A
LM323, A
Input
Rsc
2N4398
or Equiv.
Output
R
MJ2955
or Equiv.
1.0µF
The circuit of Figure 16 can be modified to provide supply protection
against short circuits by adding a short circuit sense resistor, RSC, and
an additional PNP transistor. The current sensing PNP must be able to
handle the short circuit current of the three-terminal regulator.
Therefore, an 8.0 A power transistor is specified.
Vin - VO ≥ 2.5 V


Similar Part No. - LM323_02

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LM323 STMICROELECTRONICS-LM323_08 Datasheet
725Kb / 15P
   Three-terminal 3 A adjustable voltage regulators
More results

Similar Description - LM323_02

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC78T00 ONSEMI-MC78T00_04 Datasheet
112Kb / 12P
   3.0 A Positive Voltage Regulators
March, 2004 ??Rev. 4
logo
Semtech Corporation
EZ1587 SEMTECH-EZ1587 Datasheet
86Kb / 5P
   3.0 AMP LOW DROPOUT POSITIVE VOLTAGE REGULATORS
logo
ON Semiconductor
MC7800 ONSEMI-MC7800_06 Datasheet
245Kb / 32P
   1.0 A Positive Voltage Regulators
August, 2006 ??Rev. 15
MC-7805-CT ONSEMI-MC-7805-CT Datasheet
329Kb / 30P
   1.0 A Positive Voltage Regulators
May, 2013 ??Rev. 26
NCP7800 ONSEMI-NCP7800 Datasheet
167Kb / 9P
   1.0 A Positive Voltage Regulators
October, 2009 ??Rev. 0
MC7800 ONSEMI-MC7800_14 Datasheet
217Kb / 31P
   1.0 A Positive Voltage Regulators
November, 2014 ??Rev. 27
logo
STMicroelectronics
L78SXX STMICROELECTRONICS-L78SXX_10 Datasheet
1Mb / 39P
   2 A positive voltage regulators
logo
ON Semiconductor
MC7800 ONSEMI-MC7800_10 Datasheet
295Kb / 33P
   1.0 A Positive Voltage Regulators
July, 2010 ??Rev. 21
MC7800 ONSEMI-MC7800_11 Datasheet
269Kb / 34P
   1.0 A Positive Voltage Regulators
April, 2012 ??Rev. 25
logo
Suntac Electronic Corp.
STC7800 SUNTAC-STC7800 Datasheet
169Kb / 11P
   1.0 A Positive Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com