Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L4949DR2G Datasheet(PDF) 8 Page - ON Semiconductor

Part # L4949DR2G
Description  100 mA, 5.0 V, Low Dropout Voltage Regulator with Power?뭀n Reset
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

L4949DR2G Datasheet(HTML) 8 Page - ON Semiconductor

Back Button L4949DR2G Datasheet HTML 2Page - ON Semiconductor L4949DR2G Datasheet HTML 3Page - ON Semiconductor L4949DR2G Datasheet HTML 4Page - ON Semiconductor L4949DR2G Datasheet HTML 5Page - ON Semiconductor L4949DR2G Datasheet HTML 6Page - ON Semiconductor L4949DR2G Datasheet HTML 7Page - ON Semiconductor L4949DR2G Datasheet HTML 8Page - ON Semiconductor L4949DR2G Datasheet HTML 9Page - ON Semiconductor L4949DR2G Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
L4949, NCV4949
http://onsemi.com
8
Reset Circuit
The block circuit diagram of the reset circuit is shown in
Figure 16.
The reset circuit supervises the output voltage. The reset
threshold of 4.5 V is defined with the internal reference
voltage and standby output divider.
The reset pulse delay time tRD, is defined with the charge
time of an external capacitor CT:
t
RD +
C
T
x2.0 V
2.0
mA
The reaction time of the reset circuit originates from the
discharge time limitation of the reset capacitor CT and is
proportional to the value of CT. The reaction time of the reset
circuit increases the noise immunity.
1.23 V Vref
22 k
Out
Reg
2.0
mA
CT
2.0 V
+
Reset
Figure 16. Reset Circuit
Standby output voltage drops below the reset threshold
only a bit longer than the reaction time results in a shorter
reset delay time.
The nominal reset delay time will be generated for
standby output voltage drops longer than approximately
50
ms. The typical reset output waveforms are shown in
Figure 17.
VRT + 0.1 V
5.0 V
UKT
Vout
3.0 V
Reset
Vout1
Vin
40 V
t
tR
tRD
tRD
tRR
Switch On
Input Drop
Dump
Output
Overload
Switch Off
Figure 17. Typical Reset Output Waveforms
Sense Comparator
The sense comparator compares an input signal with an
internal voltage reference of typical 1.23 V. The use of an
external voltage divider makes this comparator very flexible
in the application.
It can be used to supervise the input voltage either before
or after the protection diode and to give additional
information to the microprocessor like low voltage warnings.
ORDERING INFORMATION
Device
Operating Temperature Range
Package
Shipping
L4949N
TJ = −40°C to +125°C
PDIP−8
50 Units / Rail
L4949NG
PDIP−8
(Pb−Free)
50 Units / Rail
L4949D
SOIC−8
98 Units / Rail
L4949DG
SOIC−8
(Pb−Free)
98 Units / Rail
L4949DR2
SOIC−8
2500 Units / Tape & Reel
L4949DR2G
SOIC−8
(Pb−Free)
2500 Units / Tape & Reel
NCV4949DG*
SOIC−8
(Pb−Free)
98 Units / Rail
NCV4949DR2*
SOIC−8
2500 Units / Tape & Reel
NCV4949DR2G*
SOIC−8
(Pb−Free)
2500 Units / Tape & Reel
NCV4949DWR2*
SOIC−20W
1000 Units / Tape & Reel
NCV4949DWR2G*
SOIC−20W
(Pb−Free)
1000 Units / Tape & Reel
†For information on tape and reel specifications,including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.
*NCV4949: Tlow = −40°C, Thigh = +125°C. Guaranteed by design.
NCV prefix is for automotive and other applications requiring site and change control.


Similar Part No. - L4949DR2G

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
L4949D MOTOROLA-L4949D Datasheet
196Kb / 8P
   MULTIFUNCTION VERY LOW DROPOUT VOLTAGE REGULATOR
logo
ON Semiconductor
L4949D ONSEMI-L4949D Datasheet
191Kb / 8P
   MULTIFUNCTION VERY LOW DROPOUT VOLTAGE REGULATOR
1998 Rev 1
More results

Similar Description - L4949DR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV4949APDR2G ONSEMI-NCV4949APDR2G Datasheet
174Kb / 11P
   100 mA, 5.0 V, Low Dropout Voltage Regulator with Reset and Sense
November, 2010 ??Rev. 1
NCV4949A ONSEMI-NCV4949A Datasheet
203Kb / 9P
   100 mA, 5.0 V, Low Dropout Voltage Regulator with Reset and Sense
June, 2010 -- Rev. 0
NCV4275A ONSEMI-NCV4275A Datasheet
170Kb / 19P
   5.0 V, 3.3 V 450 mA Low-Dropout Voltage Regulator with Reset
April, 2010 ??Rev. 3
CS8101 ONSEMI-CS8101_09 Datasheet
149Kb / 11P
   Micropower 5.0 V, 100 mA Low Dropout Linear Regulator with RESET and ENABLE
September, 2008 ??Rev. 19
CS8101 ONSEMI-CS8101 Datasheet
127Kb / 13P
   Micropower 5.0 V, 100 mA Low Dropout Linear Regulator with RESET and ENABLE
February, 2006 ??Rev. 18
CS8126 ONSEMI-CS8126 Datasheet
121Kb / 12P
   5.0 V, 750 mA Low Dropout Linear Regulator with Delayed RESET
February, 2006 ??Rev. 16
CS8126 ONSEMI-CS8126_09 Datasheet
167Kb / 9P
   5.0 V, 750 mA Low Dropout Linear Regulator with Delayed RESET
October, 2009 ??Rev. 18
CS8151 ONSEMI-CS8151 Datasheet
174Kb / 14P
   5.0 V, 100 mA Low Dropout Linear Regulator with Watchdog, RESET, and Wake Up
October, 2008 ??Rev. 18
NCV4290 ONSEMI-NCV4290 Datasheet
162Kb / 15P
   5.0 V, 450 mA Low-Dropout Voltage Regulator with Power Good
August, 2012 ??Rev. 0
CS8129 ONSEMI-CS8129 Datasheet
114Kb / 11P
   5.0 V, 750 mA Low Dropout Linear Regulator with Lower RESET Threshold
June, 2006 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com