Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM311DG Datasheet(PDF) 2 Page - ON Semiconductor

Part # LM311DG
Description  Single Comparators
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM311DG Datasheet(HTML) 2 Page - ON Semiconductor

  LM311DG Datasheet HTML 1Page - ON Semiconductor LM311DG Datasheet HTML 2Page - ON Semiconductor LM311DG Datasheet HTML 3Page - ON Semiconductor LM311DG Datasheet HTML 4Page - ON Semiconductor LM311DG Datasheet HTML 5Page - ON Semiconductor LM311DG Datasheet HTML 6Page - ON Semiconductor LM311DG Datasheet HTML 7Page - ON Semiconductor LM311DG Datasheet HTML 8Page - ON Semiconductor LM311DG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
LM211, LM311
http://onsemi.com
2
ORDERING INFORMATION
Device
Package
Shipping
LM211D
SOIC−8
98 Units / Rail
LM211DG
SOIC−8
(Pb−Free)
98 Units / Rail
LM211DR2
SOIC−8
2500 Units / Tape & Reel
LM211DR2G
SOIC−8
(Pb−Free)
2500 Units / Tape & Reel
LM311D
SOIC−8
98 Units / Rail
LM311DG
SOIC−8
(Pb−Free)
98 Units / Rail
LM311DR2
SOIC−8
2500 Units / Tape & Reel
LM311DR2G
SOIC−8
(Pb−Free)
2500 Units / Tape & Reel
LM311N
PDIP−8
50 Units / Rail
LM311NG
PDIP−8
(Pb−Free)
50 Units / Rail
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.
MAXIMUM RATINGS (TA = +25°C, unless otherwise noted.)
Rating
Symbol
LM211
LM311
Unit
Total Supply Voltage
VCC +⎥VEE
36
36
Vdc
Output to Negative Supply Voltage
VO −VEE
50
40
Vdc
Ground to Negative Supply Voltage
VEE
30
30
Vdc
Input Differential Voltage
VID
±30
±30
Vdc
Input Voltage (Note 2)
Vin
±15
±15
Vdc
Voltage at Strobe Pin
VCC to VCC−5
VCC to VCC−5
Vdc
Power Dissipation and Thermal Characteristics
Plastic DIP
PD
625
mW
Derate Above TA = +25°C
RqJA
5.0
mW/
°C
Operating Ambient Temperature Range
TA
−25 to +85
0 to +70
°C
Operating Junction Temperature
TJ(max)
+150
+150
°C
Storage Temperature Range
Tstg
−65 to +150
−65 to +150
°C
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit
values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied,
damage may occur and reliability may be affected.


Similar Part No. - LM311DG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LM311DG ONSEMI-LM311DG Datasheet
147Kb / 9P
   Single Comparators
August, 2012 ??Rev. 6
logo
Texas Instruments
LM311DG4 TI-LM311DG4 Datasheet
653Kb / 28P
[Old version datasheet]   DIFFERENTIAL COMPARATORS WITH STROBES
LM311DG4 TI1-LM311DG4 Datasheet
1Mb / 31P
[Old version datasheet]   DIFFERENTIAL COMPARATORS WITH STROBES
LM311DG4 TI1-LM311DG4 Datasheet
2Mb / 38P
[Old version datasheet]   Quad Differential Comparators
LM311DG4 TI1-LM311DG4 Datasheet
2Mb / 38P
[Old version datasheet]   LMx11 Quad Differential Comparators
More results

Similar Description - LM311DG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LM211 ONSEMI-LM211_12 Datasheet
147Kb / 9P
   Single Comparators
August, 2012 ??Rev. 6
logo
Texas Instruments
TLV1391 TI-TLV1391_03 Datasheet
185Kb / 9P
[Old version datasheet]   SINGLE DIFFERENTIAL COMPARATORS
logo
Analog Devices
AD8612 AD-AD8612_15 Datasheet
414Kb / 20P
   Single-Supply Comparators
REV. A
logo
Texas Instruments
TLV1391 TI-TLV1391_V01 Datasheet
897Kb / 14P
[Old version datasheet]   SINGLE DIFFERENTIAL COMPARATORS
logo
Analog Devices
AD8611 AD-AD8611_15 Datasheet
414Kb / 20P
   Single-Supply Comparators
REV. A
logo
Texas Instruments
TLV1391 TI1-TLV1391_15 Datasheet
764Kb / 13P
[Old version datasheet]   SINGLE DIFFERENTIAL COMPARATORS
TLV1391 TI-TLV1391 Datasheet
147Kb / 10P
[Old version datasheet]   SINGLE DIFFERENTIAL COMPARATORS
logo
Analog Devices
AD8611 AD-AD8611_16 Datasheet
316Kb / 20P
   Single-Supply Comparators
logo
ON Semiconductor
LM339 ONSEMI-LM339 Datasheet
145Kb / 8P
   Quad Single Supply Comparators
October, 1999 ??Rev. 3
logo
Motorola, Inc
LM339 MOTOROLA-LM339 Datasheet
124Kb / 6P
   Quad Single Supply Comparators
Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com