Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM317BD2TR4 Datasheet(PDF) 8 Page - ON Semiconductor

Part # LM317BD2TR4
Description  1.5 A Adjustable Output, Positive Voltage Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM317BD2TR4 Datasheet(HTML) 8 Page - ON Semiconductor

Back Button LM317BD2TR4 Datasheet HTML 4Page - ON Semiconductor LM317BD2TR4 Datasheet HTML 5Page - ON Semiconductor LM317BD2TR4 Datasheet HTML 6Page - ON Semiconductor LM317BD2TR4 Datasheet HTML 7Page - ON Semiconductor LM317BD2TR4 Datasheet HTML 8Page - ON Semiconductor LM317BD2TR4 Datasheet HTML 9Page - ON Semiconductor LM317BD2TR4 Datasheet HTML 10Page - ON Semiconductor LM317BD2TR4 Datasheet HTML 11Page - ON Semiconductor LM317BD2TR4 Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
LM317, NCV317
http://onsemi.com
8
Figure 21. D2PAK Thermal Resistance and Maximum
Power Dissipation versus P.C.B. Copper Length
2.0 oz. Copper
L
L
30
40
50
60
70
80
010
20
30
25
15
5.0
L, LENGTH OF COPPER (mm)
1.0
1.5
2.0
2.5
3.0
3.5
Minimum
Size Pad
Free Air
Mounted
Vertically
RqJA
PD(max) for TA = +50°C
Figure 22. ‘‘Laboratory’’ Power Supply with Adjustable Current Limit and Output Voltage
D6*
1N4002
Vin
32 V to 40 V
Vin1
LM317
(1)
Adjust 1
Vout1 RSC
Vin2
Vout 2
Iout
Vout
IN4001
IN4001
240
D5
1N4001
+
1.0
mF
Tantalum
1.0K
Current
Limit
Adjust
Q1
2N3822
5.0 k
Adjust 2
Voltage
Adjust
+
10
mF
D3
D4
D1
1N4001
Q2
2N5640
−10 V
Output Range:0
≤ VO ≤ 25 V
Output Range: 0
≤ IO ≤ 1.5 A
* Diodes D1 and D2 and transistor Q2 are added to
* allow adjustment of output voltage to 0 V.
* D6 protects both LM317’s during an input short circuit.
D2
1N4001
−10 V
0.1
mF
LM317
(2)


Similar Part No. - LM317BD2TR4

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LM317BD2TR4 ONSEMI-LM317BD2TR4 Datasheet
133Kb / 12P
   1.5 A Adjustable Output, Positive Voltage Regulator
August, 2005 ??Rev. 8
LM317BD2TR4 ONSEMI-LM317BD2TR4 Datasheet
172Kb / 12P
   1.5 A Adjustable Output, Positive Voltage Regulator
October, 2011 ??Rev. 12
LM317BD2TR4G ONSEMI-LM317BD2TR4G Datasheet
133Kb / 12P
   1.5 A Adjustable Output, Positive Voltage Regulator
August, 2005 ??Rev. 8
LM317BD2TR4G ONSEMI-LM317BD2TR4G Datasheet
172Kb / 12P
   1.5 A Adjustable Output, Positive Voltage Regulator
October, 2011 ??Rev. 12
LM317BD2TR4G ONSEMI-LM317BD2TR4G Datasheet
127Kb / 12P
   1.5 A Adjustable Output, Positive Voltage Regulator
January, 2016 ??Rev. 14
More results

Similar Description - LM317BD2TR4

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LM317 ONSEMI-LM317_11 Datasheet
172Kb / 12P
   1.5 A Adjustable Output, Positive Voltage Regulator
October, 2011 ??Rev. 12
LM317LB ONSEMI-LM317LB Datasheet
188Kb / 12P
   1.5 A Adjustable Output Positive Voltage Regulator
April, 2013 ??Rev. 13
LM317 ONSEMI-LM317 Datasheet
132Kb / 12P
   1.5 A Adjustable Output, Positive Voltage Regulator
January, 2002 ??Rev. 3
NCP317BTG ONSEMI-NCP317BTG Datasheet
208Kb / 12P
   1.5 A Adjustable Output, Positive Voltage Regulator
April, 2013 ??Rev. 13
LM317 ONSEMI-LM317_16 Datasheet
127Kb / 12P
   1.5 A Adjustable Output, Positive Voltage Regulator
January, 2016 ??Rev. 14
NCV317 ONSEMI-NCV317 Datasheet
133Kb / 12P
   1.5 A Adjustable Output, Positive Voltage Regulator
August, 2005 ??Rev. 8
logo
KODENSHI_AUK CORP.
SN317PI KODENSHI-SN317PI Datasheet
401Kb / 8P
   [ 1.5 A Adjustable Output ] Positive Voltage Regulator
logo
ON Semiconductor
LM337AT ONSEMI-LM337AT Datasheet
160Kb / 10P
   1.5 A, Adjustable Output, Negative Voltage Regulator
April, 2012 ??Rev. 9
LM337 ONSEMI-LM337_06 Datasheet
133Kb / 10P
   1.5 A, Adjustable Output, Negative Voltage Regulator
August, 2006 ??Rev. 6
LM337 ONSEMI-LM337_15 Datasheet
123Kb / 11P
   1.5 A, Adjustable Output Negative Voltage Regulator
January, 2015 ??Rev. 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com