Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM311N Datasheet(PDF) 6 Page - ON Semiconductor

Part # LM311N
Description  Single Comparators
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM311N Datasheet(HTML) 6 Page - ON Semiconductor

Back Button LM311N Datasheet HTML 2Page - ON Semiconductor LM311N Datasheet HTML 3Page - ON Semiconductor LM311N Datasheet HTML 4Page - ON Semiconductor LM311N Datasheet HTML 5Page - ON Semiconductor LM311N Datasheet HTML 6Page - ON Semiconductor LM311N Datasheet HTML 7Page - ON Semiconductor LM311N Datasheet HTML 8Page - ON Semiconductor LM311N Datasheet HTML 9Page - ON Semiconductor LM311N Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
LM211, LM311
http://onsemi.com
6
8
8
Figure 15. Power Supply Current
versus Temperature
APPLICATIONS INFORMATION
Figure 16. Improved Method of Adding
Hysteresis Without Applying Positive
Feedback to the Inputs
Figure 17. Conventional Technique
for Adding Hysteresis
TA, TEMPERATURE (°C)
2.2
1.8
1.4
1.0
−55
−25
0
25
50
75
100
125
Positive and Negative Supply − Output High
Postive Supply − Output Low
+15 V
82
3.0 k
33 k
5.0 k
C1
0.002
mF
6
2
R1
R2
C2
Input
34
1
7
−15 V
5
4.7 k
LM311
0.1
mF
Output
+
0.1
mF
+15 V
3.0 k
5.0 k
C1
6
3
R1
R2
C2
Input
24
1
7
−15 V
5
4.7 k
LM311
0.1
mF
Output
+
0.1
mF
510 k
1.0 M
100
100
3.0
2.6
VCC = +15 V
VEE = −15 V
Figure 18. Zero−Crossing Detector
Driving CMOS Logic
Figure 19. Relay Driver with Strobe Capability
VCC = +15 V
3.0 k
10 k
VCC
5.0 k
LM311
Inputs
VEE
VEE = −15 V
Output
to CMOS Logic
Balance
Adjust
Balance
Input
GND
*D1
VCC2
VCC1
VEE
VEE
VCC
Output
Inputs
LM311
GND
1.0k
Q1
Balance/Strobe
2N2222 or
Equivalent
*Zener Diode D1
protects the comparator
from inductive kickback
and voltage transients
on the VCC2 supply line.
TTL
Strobe
+
+


Similar Part No. - LM311N

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM311N NSC-LM311N Datasheet
1Mb / 23P
   Voltage Comparator
logo
Texas Instruments
LM311N TI1-LM311N Datasheet
1Mb / 31P
[Old version datasheet]   LM111-N/LM211-N/LM311-N Voltage Comparator
logo
ON Semiconductor
LM311N ONSEMI-LM311N Datasheet
174Kb / 8P
   HIGH PERFORMANCE VOLTAGE COMPARATORS
1996 Rev 5
logo
NXP Semiconductors
LM311N PHILIPS-LM311N Datasheet
71Kb / 4P
   Voltage comparator
August 31, 1994
logo
STMicroelectronics
LM311N STMICROELECTRONICS-LM311N Datasheet
236Kb / 14P
   Voltage comparator with strobe
More results

Similar Description - LM311N

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LM211 ONSEMI-LM211_12 Datasheet
147Kb / 9P
   Single Comparators
August, 2012 ??Rev. 6
logo
Texas Instruments
TLV1391 TI-TLV1391_03 Datasheet
185Kb / 9P
[Old version datasheet]   SINGLE DIFFERENTIAL COMPARATORS
logo
Analog Devices
AD8612 AD-AD8612_15 Datasheet
414Kb / 20P
   Single-Supply Comparators
REV. A
logo
Texas Instruments
TLV1391 TI-TLV1391_V01 Datasheet
897Kb / 14P
[Old version datasheet]   SINGLE DIFFERENTIAL COMPARATORS
logo
Analog Devices
AD8611 AD-AD8611_15 Datasheet
414Kb / 20P
   Single-Supply Comparators
REV. A
logo
Texas Instruments
TLV1391 TI1-TLV1391_15 Datasheet
764Kb / 13P
[Old version datasheet]   SINGLE DIFFERENTIAL COMPARATORS
TLV1391 TI-TLV1391 Datasheet
147Kb / 10P
[Old version datasheet]   SINGLE DIFFERENTIAL COMPARATORS
logo
Analog Devices
AD8611 AD-AD8611_16 Datasheet
316Kb / 20P
   Single-Supply Comparators
logo
ON Semiconductor
LM339 ONSEMI-LM339 Datasheet
145Kb / 8P
   Quad Single Supply Comparators
October, 1999 ??Rev. 3
logo
Motorola, Inc
LM339 MOTOROLA-LM339 Datasheet
124Kb / 6P
   Quad Single Supply Comparators
Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com