Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM337BD2TG Datasheet(PDF) 4 Page - ON Semiconductor

Part # LM337BD2TG
Description  1.5 A, Adjustable Output, Negative Voltage Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM337BD2TG Datasheet(HTML) 4 Page - ON Semiconductor

  LM337BD2TG Datasheet HTML 1Page - ON Semiconductor LM337BD2TG Datasheet HTML 2Page - ON Semiconductor LM337BD2TG Datasheet HTML 3Page - ON Semiconductor LM337BD2TG Datasheet HTML 4Page - ON Semiconductor LM337BD2TG Datasheet HTML 5Page - ON Semiconductor LM337BD2TG Datasheet HTML 6Page - ON Semiconductor LM337BD2TG Datasheet HTML 7Page - ON Semiconductor LM337BD2TG Datasheet HTML 8Page - ON Semiconductor LM337BD2TG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
LM337
http://onsemi.com
4
Figure 2. Load Regulation and
DIAdj/Load Test Circuit
Figure 3. Standard Test Circuit
Figure 4. Ripple Rejection Test Circuit
VO (min Load) − VO (max Load)
Cin
1.0
mF
R2
1%
R1
120
CO +
RL
(max
Load)
Adjust
Vin
−VI
LM337
Vout
*Pulse testing required.
1% Duty Cycle is suggested.
Load Regulation (mV) = VO (min Load) − VO (max Load)
Load Regulation (% VO) =
x 100
IL
IAdj
1.0
mF
−VO (min Load)
−VO (max Load)
VO
RL
+
1.0
mF
CO
R1
120
1%
R2
Cin
Adjust
Vin
LM337
To Calculate R2:
R2 =
− 1
R1
This assumes IAdj is negligible.
* Pulse testing required.
* 1% Duty Cycle is suggested.
VI
IAdj
Vref
IL
VO
1.0
mF
Vout
RL
+
1.0
mF
CO
1N4002
D1*
Cin
1%
R2
Adjust
Vin
LM337
R1
120
14.3 V
4.3 V
f = 120 Hz
CAdj
+
Vout = −1.25 V
* D1 Discharges CAdj if output is shorted to Ground.
1.0
mF
10
mF
Vout
VO
*
VO (min Load)
Vref


Similar Part No. - LM337BD2TG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LM337BD2TG ONSEMI-LM337BD2TG Datasheet
160Kb / 10P
   1.5 A, Adjustable Output, Negative Voltage Regulator
April, 2012 ??Rev. 9
LM337BD2TG ONSEMI-LM337BD2TG Datasheet
123Kb / 11P
   1.5 A, Adjustable Output Negative Voltage Regulator
January, 2015 ??Rev. 10
More results

Similar Description - LM337BD2TG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LM337AT ONSEMI-LM337AT Datasheet
160Kb / 10P
   1.5 A, Adjustable Output, Negative Voltage Regulator
April, 2012 ??Rev. 9
LM337 ONSEMI-LM337_15 Datasheet
123Kb / 11P
   1.5 A, Adjustable Output Negative Voltage Regulator
January, 2015 ??Rev. 10
logo
Seme LAB
IP137A SEME-LAB-IP137A_03 Datasheet
48Kb / 4P
   1.5 AMP NEGATIVE ADJUSTABLE VOLTAGE REGULATOR
IP137A SEME-LAB-IP137A Datasheet
43Kb / 4P
   1.5 AMP NEGATIVE ADJUSTABLE VOLTAGE REGULATOR
logo
ON Semiconductor
LM317 ONSEMI-LM317_11 Datasheet
172Kb / 12P
   1.5 A Adjustable Output, Positive Voltage Regulator
October, 2011 ??Rev. 12
LM317LB ONSEMI-LM317LB Datasheet
188Kb / 12P
   1.5 A Adjustable Output Positive Voltage Regulator
April, 2013 ??Rev. 13
LM317 ONSEMI-LM317 Datasheet
132Kb / 12P
   1.5 A Adjustable Output, Positive Voltage Regulator
January, 2002 ??Rev. 3
NCP317BTG ONSEMI-NCP317BTG Datasheet
208Kb / 12P
   1.5 A Adjustable Output, Positive Voltage Regulator
April, 2013 ??Rev. 13
LM317 ONSEMI-LM317_16 Datasheet
127Kb / 12P
   1.5 A Adjustable Output, Positive Voltage Regulator
January, 2016 ??Rev. 14
NCV317 ONSEMI-NCV317 Datasheet
133Kb / 12P
   1.5 A Adjustable Output, Positive Voltage Regulator
August, 2005 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com