Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM317LBZRAG Datasheet(PDF) 8 Page - ON Semiconductor

Part # LM317LBZRAG
Description  100 mA Adjustable Output, Positive Voltage Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM317LBZRAG Datasheet(HTML) 8 Page - ON Semiconductor

Back Button LM317LBZRAG Datasheet HTML 4Page - ON Semiconductor LM317LBZRAG Datasheet HTML 5Page - ON Semiconductor LM317LBZRAG Datasheet HTML 6Page - ON Semiconductor LM317LBZRAG Datasheet HTML 7Page - ON Semiconductor LM317LBZRAG Datasheet HTML 8Page - ON Semiconductor LM317LBZRAG Datasheet HTML 9Page - ON Semiconductor LM317LBZRAG Datasheet HTML 10Page - ON Semiconductor LM317LBZRAG Datasheet HTML 11Page - ON Semiconductor LM317LBZRAG Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
LM317L
http://onsemi.com
8
CL = 0.3 mF; CAdj = 10 mF
Figure 15. Line Transient Response
Figure 16. Load Transient Response
0.3
0.2
0.1
0
−0.1
−0.2
100
50
0
0
102030
40
t, TIME (
ms)
CL = 1 mF; CAdj = 10 mF
Vin = 15 V
Vout = 10 V
INL = 50 mA
TJ = 25°C
IL
−0.3
CL = 1.0 mF;
CAdj = 10 mF
Vin
1.5
1.0
0.5
0
−0.5
−1.0
−1.5
1.0
0.5
0
010
20
30
40
t, TIME (
ms)
Vout = 10 V
IL = 50 mA
TJ = 25°C
CL = 0;
Without CAdj
APPLICATIONS INFORMATION
Basic Circuit Operation
The LM317L is a 3−terminal floating regulator. In
operation, the LM317L develops and maintains a nominal
1.25 V reference (Vref) between its output and adjustment
terminals. This reference voltage is converted to a
programming current (IPROG) by R1 (see Figure 13), and this
constant current flows through R2 to ground. The regulated
output voltage is given by:
Vout = Vref (1 +
) + IAdj R2
R2
R1
Since the current from the adjustment terminal (IAdj)
represents an error term in the equation, the LM317L was
designed to control IAdj to less than 100
mA and keep it
constant. To do this, all quiescent operating current is
returned to the output terminal. This imposes the
requirement for a minimum load current. If the load current
is less than this minimum, the output voltage will rise.
Since the LM317L is a floating regulator, it is only the
voltage differential across the circuit which is important to
performance, and operation at high voltages with respect to
ground is possible.
+
Vref
Adjust
Vin
Vout
LM317L
R1
IPROG
Vout
R2
IAdj
Vref = 1.25 V Typical
Figure 17. Basic Circuit Configuration
Load Regulation
The LM317L is capable of providing extremely good load
regulation, but a few precautions are needed to obtain
maximum
performance.
For
best
performance,
the
programming resistor (R1) should be connected as close to
the regulator as possible to minimize line drops which
effectively appear in series with the reference, thereby
degrading regulation. The ground end of R2 can be returned
near the load ground to provide remote ground sensing and
improve load regulation.
External Capacitors
A 0.1
mF disc or 1.0 mF tantalum input bypass capacitor
(Cin) is recommended to reduce the sensitivity to input line
impedance.
The adjustment terminal may be bypassed to ground to
improve ripple rejection. This capacitor (CAdj) prevents
ripple from being amplified as the output voltage is
increased. A 10
mF capacitor should improve ripple
rejection about 15 dB at 120 Hz in a 10 V application.
Although the LM317L is stable with no output
capacitance, like any feedback circuit, certain values of
external capacitance can cause excessive ringing. An output
capacitance (CO) in the form of a 1.0
mF tantalum or 25 mF
aluminum electrolytic capacitor on the output swamps this
effect and insures stability.


Similar Part No. - LM317LBZRAG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LM317LBZRAG ONSEMI-LM317LBZRAG Datasheet
144Kb / 12P
   100 mA Adjustable Output, Positive Voltage Regulator
March, 2008 - Rev. 11
LM317LBZRAG ONSEMI-LM317LBZRAG Datasheet
337Kb / 15P
   Voltage Regulator - Adjustable Output, Positive 100 mA
April, 2021 - Rev. 14
More results

Similar Description - LM317LBZRAG

ManufacturerPart #DatasheetDescription
logo
Estek Electronics Co. L...
IL317L ESTEK-IL317L Datasheet
213Kb / 2P
   100 mA Adjustable Output Positive Voltage Regulator
ET-IL317L ESTEK-ET-IL317L Datasheet
178Kb / 2P
   100 mA Adjustable output Positive Voltage Regulator
logo
ON Semiconductor
LM317L ONSEMI-LM317L_11 Datasheet
144Kb / 12P
   100 mA Adjustable Output, Positive Voltage Regulator
March, 2008 - Rev. 11
LM317L ONSEMI-LM317L_V01 Datasheet
337Kb / 15P
   Voltage Regulator - Adjustable Output, Positive 100 mA
April, 2021 - Rev. 14
LM317M ONSEMI-LM317M_11 Datasheet
232Kb / 14P
   500 mA Adjustable Output, Positive Voltage Regulator
September, 2011 ??Rev. 21
LM317M ONSEMI-LM317M_14 Datasheet
141Kb / 14P
   500 mA Adjustable Output Positive Voltage Regulator
August, 2014 ??Rev. 24
LM317M ONSEMI-LM317M_06 Datasheet
159Kb / 13P
   500 mA Adjustable Output, Positive Voltage Regulator
August, 2006 ??Rev. 14
logo
Estek Electronics Co. L...
ET-IL317L ESTEK-ET-IL317L Datasheet
178Kb / 2P
   100 mA Adjustable Output Positive VoltageRegulator
logo
Panasonic Semiconductor
AN78LXX PANASONIC-AN78LXX Datasheet
179Kb / 12P
   3-pin positive output voltage regulator (100 mA type)
logo
KODENSHI_AUK CORP.
SN317L KODENSHI-SN317L Datasheet
387Kb / 8P
   [100mA /Adjustable Output] Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com