Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM317LBZRPG Datasheet(PDF) 9 Page - ON Semiconductor

Part # LM317LBZRPG
Description  100 mA Adjustable Output, Positive Voltage Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM317LBZRPG Datasheet(HTML) 9 Page - ON Semiconductor

Back Button LM317LBZRPG Datasheet HTML 4Page - ON Semiconductor LM317LBZRPG Datasheet HTML 5Page - ON Semiconductor LM317LBZRPG Datasheet HTML 6Page - ON Semiconductor LM317LBZRPG Datasheet HTML 7Page - ON Semiconductor LM317LBZRPG Datasheet HTML 8Page - ON Semiconductor LM317LBZRPG Datasheet HTML 9Page - ON Semiconductor LM317LBZRPG Datasheet HTML 10Page - ON Semiconductor LM317LBZRPG Datasheet HTML 11Page - ON Semiconductor LM317LBZRPG Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
LM317L
http://onsemi.com
9
Protection Diodes
When external capacitors are used with any IC regulator
it is sometimes necessary to add protection diodes to prevent
the capacitors from discharging through low current points
into the regulator.
Figure 14 shows the LM317L with the recommended
protection diodes for output voltages in excess of 25 V or
high capacitance values (CO > 10
mF, CAdj > 5.0 mF). Diode
D1 prevents CO from discharging thru the IC during an input
short circuit. Diode D2 protects against capacitor CAdj
discharging through the IC during an output short circuit.
The combination of diodes D1 and D2 prevents CAdj from
discharging through the IC during an input short circuit.
D1
Vin
Cin
1N4002
LM317L
Vout
R1
+
CO
D2
R2
CAdj
1N4002
Adjust
Figure 18. Voltage Regulator with
Protection Diodes
Figure 19. Adjustable Current Limiter
Figure 20. 5.0 V Electronic Shutdown Regulator
Figure 21. Slow Turn−On Regulator
Figure 22. Current Regulator
Vref
+25V
Vin
LM317L
Vout
R1
VO
1.25k
Adjust
IO
D2
1N914
1N5314
R2
500
* To provide current limiting of IO
to the system ground, the source of
the current limiting diode must be tied to
a negative voltage below − 7.25 V.
R2
Vref
R1 =
VSS*
D1
1N914
VO < POV + 1.25 V + VSS
ILmin − IP < IO < 100 mA − IP
As shown O < IO < 95 mA
+
10
mF
Vin
Vout
240
1N4002
LM317L
Adjust
MPS2907
R2
50k
Vin
D1
1N4002
Vout
120
Adjust
720
+
1.0
mF
MPS2222
1.0k
TTL
Control
LM317L
Minimum Vout = 1.25 V
D1 protects the device during an input short circuit.
LM317L
Vin
R1
R2
Adjust
IAdj
Iout
Ioutmax =
Vref
+ IAdj ^
5.0 mA < Iout < 100 mA
Vout
1.25 V
Ioutmax =
Vref
+ IAdj ^
1.25 V
IDSS
IOmax + IDSS
R1
R1 + R2
R1
R1 + R2


Similar Part No. - LM317LBZRPG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LM317LBZRPG ONSEMI-LM317LBZRPG Datasheet
144Kb / 12P
   100 mA Adjustable Output, Positive Voltage Regulator
March, 2008 - Rev. 11
LM317LBZRPG ONSEMI-LM317LBZRPG Datasheet
337Kb / 15P
   Voltage Regulator - Adjustable Output, Positive 100 mA
April, 2021 - Rev. 14
More results

Similar Description - LM317LBZRPG

ManufacturerPart #DatasheetDescription
logo
Estek Electronics Co. L...
IL317L ESTEK-IL317L Datasheet
213Kb / 2P
   100 mA Adjustable Output Positive Voltage Regulator
ET-IL317L ESTEK-ET-IL317L Datasheet
178Kb / 2P
   100 mA Adjustable output Positive Voltage Regulator
logo
ON Semiconductor
LM317L ONSEMI-LM317L_11 Datasheet
144Kb / 12P
   100 mA Adjustable Output, Positive Voltage Regulator
March, 2008 - Rev. 11
LM317L ONSEMI-LM317L_V01 Datasheet
337Kb / 15P
   Voltage Regulator - Adjustable Output, Positive 100 mA
April, 2021 - Rev. 14
LM317M ONSEMI-LM317M_11 Datasheet
232Kb / 14P
   500 mA Adjustable Output, Positive Voltage Regulator
September, 2011 ??Rev. 21
LM317M ONSEMI-LM317M_14 Datasheet
141Kb / 14P
   500 mA Adjustable Output Positive Voltage Regulator
August, 2014 ??Rev. 24
LM317M ONSEMI-LM317M_06 Datasheet
159Kb / 13P
   500 mA Adjustable Output, Positive Voltage Regulator
August, 2006 ??Rev. 14
logo
Estek Electronics Co. L...
ET-IL317L ESTEK-ET-IL317L Datasheet
178Kb / 2P
   100 mA Adjustable Output Positive VoltageRegulator
logo
Panasonic Semiconductor
AN78LXX PANASONIC-AN78LXX Datasheet
179Kb / 12P
   3-pin positive output voltage regulator (100 mA type)
logo
KODENSHI_AUK CORP.
SN317L KODENSHI-SN317L Datasheet
387Kb / 8P
   [100mA /Adjustable Output] Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com