Electronic Components Datasheet Search
  English  â–¼

Delete All
ON OFF


LM317T Datasheet(PDF) 4 Page - ON Semiconductor

Part No. LM317T
Description  1.5 A Adjustable Output, Positive Voltage Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

 
 4 page
background image
LM317, NCV317
http://onsemi.com
4
Figure 4. Load Regulation and
DIAdj/Load Test Circuit
Figure 5. Standard Test Circuit
Figure 6. Ripple Rejection Test Circuit
VO
LM317
VO (min Load) − VO (max Load)
*Pulse testing required.
* 1% Duty Cycle is suggested.
Load Regulation (mV) = VO (min Load) − VO (max Load)
Load Regulation (% VO) =
x 100
VO (min Load)
VO (max Load)
Cin
0.1
mF
Adjust
R2
1%
CO
1.0
mF
+
*
RL
(max Load)
RL
(min Load)
Vout
R1
240
1%
VI
Vin
IAdj
IL
* Pulse testing required.
* 1% Duty Cycle is suggested.
Vin
Vout
Adjust
R1
240
1%
+
1.0
mF
CO
RL
Cin
R2
1%
To Calculate R2: Vout = ISET R2 + 1.250 V
To Calculate R2: Assume ISET = 5.25 mA
IL
IAdj
ISET
Vref
VO
VI
0.1
mF
Vin
Vout
Vout = 10 V
RL
Cin
0.1
mF
Adjust
R1
240
1%
D1*
1N4002
CO
+
1.0
mF
24 V
14 V
R2
1.65 k
1%
CAdj
10
mF
+
*D1 Discharges CAdj if output is shorted to Ground.
f = 120 Hz
LM317
LM317
VO (min Load)




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
LM317LADJUSTABLE VOLTAGE REGULATOR POSITIVE 1 2 3 HTC Korea TAEJIN Technology Co.
LM3173-Terminal Adjustable Output Positive Voltage Regulators 1 2 3 4 5 MoreVishay Siliconix
LM317CM3-Terminal Adjustable Output Positive Voltage Regulators 1 2 3 4 5 MoreVishay Siliconix
LT103810Amp Positive Adjustable Voltage Regulator 1 2 3 4 5 MoreLinear Technology
NCP15211.5 MHz 600 mA High−Efficiency Low Quiescent Current Adjustable Output Voltage Step−Down Converter 1 2 3 4 5 MoreON Semiconductor
NCP90011.5 MHz 600 mA High−Efficiency Low Quiescent Current Adjustable Output Voltage Step−Down Converter 1 2 3 4 5 MoreON Semiconductor
AN78XX3-pin positive output voltage regulator 1 A type 1 2 3 4 5 MorePanasonic Semiconductor
AN65314-pin variable positive output voltage regulator 1 2 3 4 5 Panasonic Semiconductor
MC78LXXA3-Terminal 0.1A Positive Voltage Regulator 1 2 3 4 5 MoreFairchild Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl