Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM293A Datasheet(PDF) 10 Page - STMicroelectronics

Part # LM293A
Description  Low Power Dual Voltage Comparators
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM293A Datasheet(HTML) 10 Page - STMicroelectronics

Back Button LM293A Datasheet HTML 6Page - STMicroelectronics LM293A Datasheet HTML 7Page - STMicroelectronics LM293A Datasheet HTML 8Page - STMicroelectronics LM293A Datasheet HTML 9Page - STMicroelectronics LM293A Datasheet HTML 10Page - STMicroelectronics LM293A Datasheet HTML 11Page - STMicroelectronics LM293A Datasheet HTML 12Page - STMicroelectronics LM293A Datasheet HTML 13Page - STMicroelectronics LM293A Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
Package Mechanical Data
LM193, LM193A, LM293, LM293A, LM393, LM393A
10/15
5
Package Mechanical Data
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a Lead-free second level interconnect. The category of
second level interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at: www.st.com.
5.1
DIP8 package
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
3.3
0.130
a1
0.7
0.028
B
1.39
1.65
0.055
0.065
B1
0.91
1.04
0.036
0.041
b
0.5
0.020
b1
0.38
0.5
0.015
0.020
D
9.8
0.386
E
8.8
0.346
e
2.54
0.100
e3
7.62
0.300
e4
7.62
0.300
F
7.1
0.280
I
4.8
0.189
L
3.3
0.130
Z
0.44
1.6
0.017
0.063
Plastic DIP-8 MECHANICAL DATA
P001F


Similar Part No. - LM293A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LM293A PHILIPS-LM293A Datasheet
121Kb / 6P
   Low power dual voltage comparator
1995 Nov 27
logo
Texas Instruments
LM293A TI-LM293A Datasheet
2Mb / 50P
[Old version datasheet]   LM393B, LM2903B, LM193, LM293, LM393 and LM2903 Dual Comparators
LM293A TI-LM293A Datasheet
413Kb / 18P
[Old version datasheet]   DUAL DIFFERENTIAL COMPARATORS
LM293A TI-LM293A Datasheet
3Mb / 55P
[Old version datasheet]   LM393B, LM2903B, LM193, LM293, LM393 and LM2903 Dual Comparators
LM293A TI-LM293A Datasheet
458Kb / 18P
[Old version datasheet]   DUAL DIFFERENTIAL COMPARATORS
More results

Similar Description - LM293A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LM2903 STMICROELECTRONICS-LM2903 Datasheet
628Kb / 9P
   LOW POWER DUAL VOLTAGE COMPARATORS
LM2903H STMICROELECTRONICS-LM2903H_08 Datasheet
131Kb / 9P
   Low power dual voltage comparators
LM2902 STMICROELECTRONICS-LM2902_07 Datasheet
264Kb / 15P
   Low Power Dual Voltage Comparators
February 2006 Rev. 6
LM2903H STMICROELECTRONICS-LM2903H_05 Datasheet
264Kb / 7P
   Low Power Dual Voltage Comparators
LM2903 STMICROELECTRONICS-LM2903_07 Datasheet
264Kb / 14P
   LOW POWER DUAL VOLTAGE COMPARATORS
LM2902W STMICROELECTRONICS-LM2902W_07 Datasheet
264Kb / 15P
   Low Power Dual Voltage Comparators
February 2006 Rev. 6
LM193W STMICROELECTRONICS-LM193W Datasheet
169Kb / 10P
   LOW POWER DUAL VOLTAGE COMPARATORS
May 2004
LM2903H STMICROELECTRONICS-LM2903H Datasheet
86Kb / 5P
   LOW POWER DUAL VOLTAGE COMPARATORS
LM193 STMICROELECTRONICS-LM193_08 Datasheet
234Kb / 15P
   Low power dual voltage comparators
logo
BCD Semiconductor Manuf...
AS393 BCDSEMI-AS393 Datasheet
65Kb / 2P
   LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com