Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2931T-5.0 Datasheet(PDF) 7 Page - ON Semiconductor

Part # LM2931T-5.0
Description  100 mA, Adjustable Output, LDO Voltage Regulator with 60 V Load Dump Protection
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM2931T-5.0 Datasheet(HTML) 7 Page - ON Semiconductor

Back Button LM2931T-5.0 Datasheet HTML 3Page - ON Semiconductor LM2931T-5.0 Datasheet HTML 4Page - ON Semiconductor LM2931T-5.0 Datasheet HTML 5Page - ON Semiconductor LM2931T-5.0 Datasheet HTML 6Page - ON Semiconductor LM2931T-5.0 Datasheet HTML 7Page - ON Semiconductor LM2931T-5.0 Datasheet HTML 8Page - ON Semiconductor LM2931T-5.0 Datasheet HTML 9Page - ON Semiconductor LM2931T-5.0 Datasheet HTML 10Page - ON Semiconductor LM2931T-5.0 Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
LM2931, NCV2931 Series
http://onsemi.com
7
Vin, INPUT VOLTAGE (V)
0
2.0
4.0
6.0
8.0
10
12
−20
−10
0
1020
3040
50
60
RL = 50 W
TJ, JUNCTION TEMPERATURE (°C)
−55
−25
0
25
50
75
100
125
0
2.0
4.0
6.0
8.0
IO = 100 mA
f, FREQUENCY (Hz)
55
65
75
85
95
10
100
1.0 k
1.0 M
10 M
CO(ESR) = 0.15 W
Tantulum
85
95
0
20
406080
100
IO, OUTPUT CURRENT (mA)
f, FREQUENCY (Hz)
0
0.4
0.8
1.2
1.6
2.0
10
100
1.0 k
10 k
100 k
1.0 M
10 M
CO(ESR) = 0.3 W
Electrolytic
CO(ESR) = 0.15 W
Tantulum
0
2.0
4.0
6.0
8.0
020
40
60
80
100
IO, OUTPUT CURRENT (mA)
IO = 0 mA
IO = 50 mA
Vout = 5.0 V
TJ = 25°C
Vin = 14 V
Vout = 5.0 V
IO = 10 mA
DIO = 1.0 mA
CO = 100 mF
TJ = 25°C
Vin = 14 V
Vout = 5.0 V
65
75
Vin = 14 V
Vout = 5.0 V
f = 120 Hz
TJ = 25°C
Vin = 14 V
Vout = 5.0 V
DVin = 100 mV
RL = 500 W
CO = 100 mF
TJ = 25°C
CO(ESR) = 0.3 W
Electrolytic
10 k
100 k
Figure 7. Bias Current versus Input Voltage
Figure 8. Bias Current versus Output Current
Figure 9. Bias Current versus Junction Temperature
Figure 10. Output Impedance versus Frequency
Figure 11. Ripple Rejection versus Frequency
Figure 12. Ripple Rejection versus Output Current
RL = 100 W
RL = 500 W
Vin = 14 V
Vout = 5.0 V
TJ = 25°C


Similar Part No. - LM2931T-5.0

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2931T-5.0 NSC-LM2931T-5.0 Datasheet
363Kb / 18P
   Series Low Dropout Regulators
logo
ON Semiconductor
LM2931T-5.0 ONSEMI-LM2931T-5.0 Datasheet
308Kb / 16P
   LOW DROPOUT VOLTAGE REGULATORS
1997 Rev 4
logo
Motorola, Inc
LM2931T-5.0 MOTOROLA-LM2931T-5.0 Datasheet
311Kb / 16P
   Low Dropout Voltage Regulators
logo
National Semiconductor ...
LM2931T-5.0 NSC-LM2931T-5.0 Datasheet
411Kb / 18P
   Series Low Dropout Regulators
logo
Texas Instruments
LM2931T-5.0 TI1-LM2931T-5.0 Datasheet
447Kb / 19P
[Old version datasheet]   Series Low Dropout Regulators
More results

Similar Description - LM2931T-5.0

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LM2931 ONSEMI-LM2931_11 Datasheet
796Kb / 23P
   100 mA, Adjustable Output, LDO Voltage Regulator with 60 V Load Dump Protection
December, 2011 ??Rev. 25
LM2931 ONSEMI-LM2931_13 Datasheet
329Kb / 23P
   100 mA, Adjustable Output LDO Voltage Regulator with 60 V Load Dump Protection
April, 2013 ??Rev. 26
LM317L ONSEMI-LM317L_11 Datasheet
144Kb / 12P
   100 mA Adjustable Output, Positive Voltage Regulator
March, 2008 - Rev. 11
LM317L ONSEMI-LM317L_V01 Datasheet
337Kb / 15P
   Voltage Regulator - Adjustable Output, Positive 100 mA
April, 2021 - Rev. 14
LM317L ONSEMI-LM317L_05 Datasheet
131Kb / 12P
   100 mA Adjustable Output, Positive Voltage Regulator
October, 2005 ??Rev. 8
logo
Estek Electronics Co. L...
IL317L ESTEK-IL317L Datasheet
213Kb / 2P
   100 mA Adjustable Output Positive Voltage Regulator
ET-IL317L ESTEK-ET-IL317L Datasheet
178Kb / 2P
   100 mA Adjustable output Positive Voltage Regulator
logo
ON Semiconductor
CAT6220 ONSEMI-CAT6220 Datasheet
464Kb / 12P
   300 mA Adjustable Voltage LDO Regulator
December, 2011 ??Rev. 1
logo
HuaXinAn Electronics CO...
AP1155ADU HUAXINAN-AP1155ADU Datasheet
737Kb / 23P
   Output Adjustable Voltage LDO Regulator
logo
Texas Instruments
TPS76201 TI-TPS76201 Datasheet
200Kb / 11P
[Old version datasheet]   LOW OUTPUT ADJUSTABLE ULTRALOW-POWER 100-mA LDO LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com