Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EPM3128A Datasheet(PDF) 10 Page - Altera Corporation

Part # EPM3128A
Description  Programmable Logic Device Family
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EPM3128A Datasheet(HTML) 10 Page - Altera Corporation

Back Button EPM3128A Datasheet HTML 6Page - Altera Corporation EPM3128A Datasheet HTML 7Page - Altera Corporation EPM3128A Datasheet HTML 8Page - Altera Corporation EPM3128A Datasheet HTML 9Page - Altera Corporation EPM3128A Datasheet HTML 10Page - Altera Corporation EPM3128A Datasheet HTML 11Page - Altera Corporation EPM3128A Datasheet HTML 12Page - Altera Corporation EPM3128A Datasheet HTML 13Page - Altera Corporation EPM3128A Datasheet HTML 14Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 46 page
background image
10
Altera Corporation
MAX 3000A Programmable Logic Device Family Data Sheet
Figure 4. MAX 3000A Parallel Expanders
Unused product terms in a macrocell can be allocated to a neighboring macrocell.
Programmable Interconnect Array
Logic is routed between LABs on the PIA. This global bus is a
programmable path that connects any signal source to any destination on
the device. All MAX 3000A dedicated inputs, I/O pins, and macrocell
outputs feed the PIA, which makes the signals available throughout the
entire device. Only the signals required by each LAB are actually routed
from the PIA into the LAB. Figure 5 shows how the PIA signals are routed
into the LAB. An EEPROM cell controls one input to a two-input AND gate,
which selects a PIA signal to drive into the LAB.
Preset
Clock
Clear
Product-
er
Select
Matrix
Preset
Clock
Clear
Product-
Ter
T
T m
Select
Matrix
Macrocell
Product-
Term Logic
From
Previous
Macrocell
To Next
Macrocell
Macrocell
Product-
Term Logic
36 Signals
from PIA
16 Shared
Expanders


Similar Part No. - EPM3128A

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EPM3128A ALTERA-EPM3128A Datasheet
649Kb / 42P
   Programmable Logic Device Family
EPM3128A ALTERA-EPM3128A Datasheet
2Mb / 182P
   Package Information Datasheet for Mature Altera Devices
EPM3128A ALTERA-EPM3128A Datasheet
715Kb / 46P
   Programmable Logic Device Family
EPM3128A ALTERA-EPM3128A Datasheet
715Kb / 46P
   Programmable Logic Device Family
EPM3128A ALTERA-EPM3128A Datasheet
715Kb / 46P
   Programmable Logic Device Family
More results

Similar Description - EPM3128A

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP20K400EFI672-2X ALTERA-EP20K400EFI672-2X Datasheet
724Kb / 117P
   Programmable Logic Device Family
EPM7128SLC84-15 ALTERA-EPM7128SLC84-15 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM7128STC100-15N ALTERA-EPM7128STC100-15N Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM3064ATC44-10N ALTERA-EPM3064ATC44-10N Datasheet
715Kb / 46P
   Programmable Logic Device Family
EP1K30TC144-3N ALTERA-EP1K30TC144-3N Datasheet
1Mb / 86P
   Programmable Logic Device Family
EPM7192SQI160-10N ALTERA-EPM7192SQI160-10N Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM7160STI100-10 ALTERA-EPM7160STI100-10 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPF8282ALC84-4 ALTERA-EPF8282ALC84-4 Datasheet
957Kb / 62P
   Programmable Logic Device Family
EPM5064JC-1 ALTERA-EPM5064JC-1 Datasheet
831Kb / 36P
   Programmable Logic Device Family
EPM7032LC44-7 ALTERA-EPM7032LC44-7 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EP1K10TC144-2N ALTERA-EP1K10TC144-2N Datasheet
1Mb / 86P
   Programmable Logic Device Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com