Electronic Components Datasheet Search
Selected language     English  ▼

Delete All
ON OFF

Advanced Search

              





74VCXH16244DT Datasheet(PDF) 10 Page - ON Semiconductor

Part No. 74VCXH16244DT
Description  Low−Voltage 1.8/2.5/3.3V 16−Bit Buffer
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

 
 10 page
background image
74VCXH16244
http://onsemi.com
10
OPEN
PULSE
GENERATOR
RT
DUT
VCC
RL
RL
CL
6 V or VCC × 2
GND
Figure 7. Test Circuit
Table 5. TEST CIRCUIT
TEST
SWITCH
tPLH, tPHL
Open
tPZL, tPLZ
6 V at VCC = 3.3 ± 0.3 V;
VCC × 2 at VCC = 2.5 ± 0.2 V; 1.8 ± 0.15 V
tPZH, tPHZ
GND
CL = 50 pF or equivalent (Includes jig and probe capacitance)
RL = 500 W or equivalent
RT = ZOUT of pulse generator (typically 50 W)




Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
74VCX16240Low−Voltage 1.8/2.5/3.3V 16−Bit Buffer 1 2 3 4 5 MoreON Semiconductor
74VCXH16240Low−Voltage 1.8/2.5/3.3V 16−Bit Buffer 1 2 3 4 5 MoreON Semiconductor
74VCX16245_06Low−Voltage 1.8/2.5/3.3V 16−Bit Transceiver 1 2 3 4 5 MoreON Semiconductor
74VCX16373_06Low−Voltage 1.8/2.5/3.3V 16−Bit Transparent Latch 1 2 3 4 5 MoreON Semiconductor
74VCX16374Low−Voltage 1.8/2.5/3.3V 16−Bit D−Type Flip−Flop With 3.6 V−Tolerant Inputs and Outputs 1 2 3 4 5 MoreON Semiconductor
74VCX16244_06Low−Voltage 1.8V/2.5V/3.3V 16−Bit Buffer 1 2 3 4 5 MoreON Semiconductor
74VCXH16374Low−Voltage 1.8/2.5/3.3V 16-Bit D−Type Flip−Flop With 3.6 V-Tolerant Inputs and Outputs 3-State Non-Inverting 1 2 3 4 5 MoreON Semiconductor
NB6L11M2.5V / 3.3V 1:2 Differential CML Fanout Buffer 1 2 3 4 5 MoreON Semiconductor
ICS553MILOW SKEW 1 TO 4 CLOCK BUFFER 1 2 3 4 5 MoreIntegrated Circuit Systems
LH4006Precision RF Closed Loop Buffer 1 2 3 4 5 MoreNational Semiconductor (TI)

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl