Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC368ZL1 Datasheet(PDF) 2 Page - ON Semiconductor

Part # BC368ZL1
Description  Voltage and Current are Negative
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BC368ZL1 Datasheet(HTML) 2 Page - ON Semiconductor

  BC368ZL1 Datasheet HTML 1Page - ON Semiconductor BC368ZL1 Datasheet HTML 2Page - ON Semiconductor BC368ZL1 Datasheet HTML 3Page - ON Semiconductor BC368ZL1 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BC368 (NPN), BC369 (PNP)
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Collector − Emitter Breakdown Voltage
(IC = 10 mA, IB = 0)
V(BR)CEO
20
Vdc
Collector − Base Breakdown Voltage
(IC = 100 mA, IE = 0 )
V(BR)CBO
25
Vdc
Emitter − Base Breakdown Voltage
(IE = 100 mA, IC = 0)
V(BR)EBO
5.0
Vdc
Collector Cutoff Current
(VCB = 25 V, IE = 0)
(VCB = 25 V, IE = 0, TJ = 150°C)
ICBO
10
1.0
mAdc
mAdc
Emitter Cutoff Current
(VEB = 5.0 V, IC = 0)
IEBO
10
mAdc
ON CHARACTERISTICS
DC Current Gain
(VCE = 10 V, IC = 5.0 mA)
(VCE = 1.0 V, IC = 0.5 A)
BC368, 369
BC368−25
(VCE = 1.0 V, IC = 1.0 A)
hFE
50
85
170
60
375
375
Bandwidth Product
(IC = 10 mA, VCE = 5.0 V, f = 20 MHz)
fT
65
MHz
Collector−Emitter Saturation Voltage
(IC = 1.0 A, IB = 100 mA)
VCE(sat)
0.5
V
Base−Emitter On Voltage
(IC = 1.0 A, VCE = 1.0 V)
VBE(on)
1.0
V


Similar Part No. - BC368ZL1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BC368ZL1 ONSEMI-BC368ZL1 Datasheet
63Kb / 4P
   Amplifier Transistors
May, 2004 ??Rev. 4
BC368ZL1G ONSEMI-BC368ZL1G Datasheet
63Kb / 4P
   Amplifier Transistors
May, 2004 ??Rev. 4
More results

Similar Description - BC368ZL1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MPSA05 ONSEMI-MPSA05_06 Datasheet
81Kb / 7P
   Amplifier Transistors Voltage and Current are Negative for PNP Transistors
January, 2006 ??Rev. 2
MPS8098 ONSEMI-MPS8098_06 Datasheet
82Kb / 7P
   Amplifier Transistors Voltage and Current are Negative for PNP Transistors
January, 2006 ??Rev. 5
BCX17LT1 ONSEMI-BCX17LT1 Datasheet
64Kb / 4P
   General Purpose Transistors (Voltage and Current are Negative for PNP Transistors)
December, 2004 ??Rev. 3
2SA1020 ONSEMI-2SA1020 Datasheet
52Kb / 4P
   One Watt High Current PNP Transistor VOLTAGE AND CURRENT ARE NEGATIVE FOR PNP TRANSISTORS
May, 2006 ??Rev. 3
logo
Cystech Electonics Corp...
LM79L05M3 CYSTEKEC-LM79L05M3 Datasheet
489Kb / 8P
   Low Current Negative Voltage Regulator
LM79L12M3 CYSTEKEC-LM79L12M3 Datasheet
489Kb / 8P
   Low Current Negative Voltage Regulator
LM79LXXM3 CYSTEKEC-LM79LXXM3 Datasheet
490Kb / 8P
   Low Current Negative Voltage Regulator
logo
Micro Commercial Compon...
MC79L08BP MCC-MC79L08BP_08 Datasheet
82Kb / 2P
   Three-Terminal Low Current Negative Voltage Regulator
MC79L08F MCC-MC79L08F_09 Datasheet
120Kb / 2P
   Three-Terminal Low Current Negative Voltage Regulat
MC79L06F MCC-MC79L06F_11 Datasheet
204Kb / 2P
   Three-Terminal Low Current Negative Voltage Regulator
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com