Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD787 Datasheet(PDF) 5 Page - ON Semiconductor

Part # BD787
Description  Complementary Plastic Silicon Power Transistors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BD787 Datasheet(HTML) 5 Page - ON Semiconductor

  BD787_06 Datasheet HTML 1Page - ON Semiconductor BD787_06 Datasheet HTML 2Page - ON Semiconductor BD787_06 Datasheet HTML 3Page - ON Semiconductor BD787_06 Datasheet HTML 4Page - ON Semiconductor BD787_06 Datasheet HTML 5Page - ON Semiconductor BD787_06 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
BD787 − NPN, BD788 − PNP
http://onsemi.com
5
2.0
0.04
IC, COLLECTOR CURRENT (AMP)
0.2
0.6
2.0
4.0
0.8
0.4
0
TJ = 25°C
VBE(sat) @ IC/IB = 10
VCE(sat) @ IC/IB = 10
Figure 9. “On” Voltages
0.1
1.0
0.4
1.6
1.2
VBE(on) @ VCE = 3.0 V
2.0
IC, COLLECTOR CURRENT (AMP)
0.8
0.4
0
TJ = 25°C
VBE(sat) @ IC/IB = 10
VCE(sat) @ IC/IB = 10
1.6
1.2
VBE @ VCE = 3.0 V
0.06
0.04
0.2
0.6
2.0
4.0
0.1
1.0
0.4
0.06
+2.5
Figure 10. Temperature Coefficients
IC, COLLECTOR CURRENT (AMP)
+2.0
+1.5
+0.5
0
−0.5
−1.0
−1.5
−2.0
−2.5
qVB FOR VBE
*
qVC FOR VCE(sat)
*APPLIES FOR IC/IB ≤ hFE/3
+1.0
25
°C to 150°C
− 55
°C to 25°C
25
°C to 150°C
− 55
°C to 25°C
0.04
0.2
0.6
2.0
4.0
0.1
1.0
0.4
0.06
+2.5
IC, COLLECTOR CURRENT (AMP)
+2.0
+1.5
+0.5
0
−0.5
−1.0
−1.5
−2.0
−2.5
qVB FOR VBE
*
qVC FOR VCE(sat)
*APPLIES FOR IC/IB ≤ hFE/3
+1.0
25
°C to 150°C
− 55
°C to 25°C
25
°C to 150°C
− 55
°C to 25°C
0.04
0.2
0.6
2.0
4.0
0.1
1.0
0.4
0.06


Similar Part No. - BD787_06

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BD787G ONSEMI-BD787G Datasheet
106Kb / 6P
   Complementary Plastic Silicon Power Transistors
December, 2013 ??Rev. 13
More results

Similar Description - BD787_06

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BD243B MOTOROLA-BD243B Datasheet
140Kb / 6P
   Complementary Silicon Plastic Power Transistors
BD787 MOTOROLA-BD787 Datasheet
148Kb / 6P
   Complementary Plastic Silicon Power Transistors
logo
New Jersey Semi-Conduct...
2N6107 NJSEMI-2N6107 Datasheet
297Kb / 3P
   COMPLEMENTARY SILICON PLASTIC POWER TRANSISTORS
logo
ON Semiconductor
2N6109G ONSEMI-2N6109G Datasheet
117Kb / 5P
   Complementary Silicon Plastic Power Transistors
October, 2011 ??Rev. 9
TIP29 ONSEMI-TIP29 Datasheet
143Kb / 5P
   Complementary Silicon Plastic Power Transistors
October, 2011 ??Rev. 11
2N6487 ONSEMI-2N6487_14 Datasheet
104Kb / 6P
   Complementary Silicon Plastic Power Transistors
November, 2014 ??Rev. 16
MJD253-001 ONSEMI-MJD253-001 Datasheet
168Kb / 8P
   Complementary Silicon Plastic Power Transistors
August, 2013 ??Rev. 15
logo
New Jersey Semi-Conduct...
MJE15032 NJSEMI-MJE15032 Datasheet
133Kb / 2P
   Complementary Silicon Plastic Power Transistors
logo
ON Semiconductor
BD243B ONSEMI-BD243B_14 Datasheet
103Kb / 6P
   Complementary Silicon Plastic Power Transistors
November, 2014 ??Rev. 15
MJE200G ONSEMI-MJE200G Datasheet
170Kb / 6P
   Complementary Silicon Power Plastic Transistors
December, 2013 ??Rev. 15
MJB6488 ONSEMI-MJB6488 Datasheet
68Kb / 6P
   Complementary Silicon Plastic Power Transistors
July, 2004 ??Rev. P0
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com