Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BDX53B Datasheet(PDF) 2 Page - ON Semiconductor

Part # BDX53B
Description  Plastic Medium-Power Complementary Silicon Transistors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BDX53B Datasheet(HTML) 2 Page - ON Semiconductor

  BDX53B Datasheet HTML 1Page - ON Semiconductor BDX53B Datasheet HTML 2Page - ON Semiconductor BDX53B Datasheet HTML 3Page - ON Semiconductor BDX53B Datasheet HTML 4Page - ON Semiconductor BDX53B Datasheet HTML 5Page - ON Semiconductor BDX53B Datasheet HTML 6Page - ON Semiconductor BDX53B Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
BDX53B, BDX53C (NPN), BDX54B, BDX54C (PNP)
http://onsemi.com
2
80
40
20
0
20
40
80
100
120
160
Figure 1. Power Derating
T, TEMPERATURE (
°C)
60
TA TC
4.0
2.0
1.0
3.0
0
60
140
TA
TC
ELECTRICAL CHARACTERISTICS (TC = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Collector−Emitter Sustaining Voltage (Note 1)
(IC = 100 mAdc, IB = 0)
BDX53B, BDX54B
BDX53C, BDX54C
VCEO(sus)
80
100
Vdc
Collector Cutoff Current
(VCE = 40 Vdc, IB = 0)
BDX53B, BDX54B
(VCE = 50 Vdc, IB = 0)
BDX53C, BDX54C
ICEO
0.5
0.5
mAdc
Collector Cutoff Current
(VCB = 80 Vdc, IE = 0)
BDX53B, BDX54B
(VCB = 100 Vdc, IE = 0)
BDX53C, BDX54C
ICBO
0.2
0.2
mAdc
ON CHARACTERISTICS (Note 1)
DC Current Gain
(IC = 3.0 Adc, VCE = 3.0 Vdc)
hFE
750
Collector−Emitter Saturation Voltage
(IC = 3.0 Adc, IB = 12 mAdc)
VCE(sat)
2.0
4.0
Vdc
Base−Emitter Saturation Voltage
(IC = 3.0 Adc, IC = 12 mA)
VBE(sat)
2.5
Vdc
DYNAMIC CHARACTERISTICS
Small−Signal Current Gain
(IC = 3.0 Adc, VCE = 4.0 Vdc, f = 1.0 MHz)
hfe
4.0
Output Capacitance
(VCB = 10 Vdc, IE = 0, f = 0.1 MHz)
BDX53B, 53C
BDX54B, 54C
Cob
300
200
pF
1. Pulse Test: Pulse Width
v 300 ms, Duty Cycle v 2%.


Similar Part No. - BDX53B

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
BDX53B MOSPEC-BDX53B Datasheet
187Kb / 4P
   POWER TRANSISTORS(8A.,45-100V,60W)
logo
ON Semiconductor
BDX53B ONSEMI-BDX53B Datasheet
106Kb / 7P
   Plastic Medium-Power Complementary Silicon Transistors
November, 2007 - Rev. 13
logo
Motorola, Inc
BDX53B MOTOROLA-BDX53B Datasheet
169Kb / 6P
   Plastic Medium-Power Complementary Silicon Transistors
logo
List of Unclassifed Man...
BDX53B ETC-BDX53B Datasheet
810Kb / 5P
   BASE NPN / PNP
logo
ON Semiconductor
BDX53B ONSEMI-BDX53B Datasheet
169Kb / 6P
   DARLINGTON 8 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 80-100 VOLTS 65 WATTS
1995 REV 7
More results

Similar Description - BDX53B

ManufacturerPart #DatasheetDescription
logo
Boca Semiconductor Corp...
TIP110 BOCA-TIP110 Datasheet
153Kb / 3P
   PLASTIC MEDIUM-POWER COMPLEMENTARY SILICON TRANSISTORS
logo
ON Semiconductor
2N6040 ONSEMI-2N6040_14 Datasheet
152Kb / 6P
   Plastic Medium-Power Complementary Silicon Transistors
November, 2014 ??Rev. 10
TIP120 ONSEMI-TIP120_14 Datasheet
144Kb / 7P
   Plastic Medium-Power Complementary Silicon Transistors
November, 2014 ??Rev. 9
logo
Motorola, Inc
BDX53B MOTOROLA-BDX53B Datasheet
169Kb / 6P
   Plastic Medium-Power Complementary Silicon Transistors
logo
New Jersey Semi-Conduct...
MJE2100 NJSEMI-MJE2100 Datasheet
144Kb / 3P
   PLASTIC MEDIUM-POWER COMPLEMENTARY SILICON TRANSISTORS
logo
ON Semiconductor
TIP110 ONSEMI-TIP110_14 Datasheet
148Kb / 8P
   Plastic Medium-Power Complementary Silicon Transistors
November, 2014 ??Rev. 8
BDX53B ONSEMI-BDX53B_14 Datasheet
115Kb / 7P
   Plastic Medium-Power Complementary Silicon Transistors
November, 2014 ??Rev. 15
2N6040 ONSEMI-2N6040 Datasheet
114Kb / 8P
   Plastic Medium-Power Complementary Silicon Transistors
April, 2002 ??Rev. 4
logo
New Jersey Semi-Conduct...
MJE1090 NJSEMI-MJE1090 Datasheet
143Kb / 3P
   PLASTIC MEDIUM-POWER COMPLEMENTARY SILICON TRANSISTORS
logo
ON Semiconductor
TIP120 ONSEMI-TIP120_05 Datasheet
91Kb / 7P
   Plastic Medium-Power Complementary Silicon Transistors
September, 2005 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com