Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC548BRL1 Datasheet(PDF) 2 Page - ON Semiconductor

Part # BC548BRL1
Description  Amplifier Transistors NPN Silicon
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BC548BRL1 Datasheet(HTML) 2 Page - ON Semiconductor

  BC548BRL1 Datasheet HTML 1Page - ON Semiconductor BC548BRL1 Datasheet HTML 2Page - ON Semiconductor BC548BRL1 Datasheet HTML 3Page - ON Semiconductor BC548BRL1 Datasheet HTML 4Page - ON Semiconductor BC548BRL1 Datasheet HTML 5Page - ON Semiconductor BC548BRL1 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
BC546B, BC547A, B, C, BC548B, C
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Collector − Emitter Breakdown Voltage
BC546
(IC = 1.0 mA, IB = 0)
BC547
BC548
V(BR)CEO
65
45
30
V
Collector − Base Breakdown Voltage
BC546
(IC = 100 mAdc)
BC547
BC548
V(BR)CBO
80
50
30
V
Emitter − Base Breakdown Voltage
BC546
(IE = 10 mA, IC = 0)
BC547
BC548
V(BR)EBO
6.0
6.0
6.0
V
Collector Cutoff Current
(VCE = 70 V, VBE = 0)
BC546
(VCE = 50 V, VBE = 0)
BC547
(VCE = 35 V, VBE = 0)
BC548
(VCE = 30 V, TA = 125°C)
BC546/547/548
ICES
0.2
0.2
0.2
15
15
15
4.0
nA
mA
ON CHARACTERISTICS
DC Current Gain
(IC = 10 mA, VCE = 5.0 V)
BC547A
BC546B/547B/548B
BC548C
(IC = 2.0 mA, VCE = 5.0 V)
BC546
BC547
BC548
BC547A
BC546B/547B/548B
BC547C/BC548C
(IC = 100 mA, VCE = 5.0 V)
BC547A/548A
BC546B/547B/548B
BC548C
hFE
110
110
110
110
200
420
90
150
270
180
290
520
120
180
300
450
800
800
220
450
800
Collector − Emitter Saturation Voltage
(IC = 10 mA, IB = 0.5 mA)
(IC = 100 mA, IB = 5.0 mA)
(IC = 10 mA, IB = See Note 1)
VCE(sat)
0.09
0.2
0.3
0.25
0.6
0.6
V
Base − Emitter Saturation Voltage
(IC = 10 mA, IB = 0.5 mA)
VBE(sat)
0.7
V
Base − Emitter On Voltage
(IC = 2.0 mA, VCE = 5.0 V)
(IC = 10 mA, VCE = 5.0 V)
VBE(on)
0.55
0.7
0.77
V
SMALL−SIGNAL CHARACTERISTICS
Current − Gain − Bandwidth Product
(IC = 10 mA, VCE = 5.0 V, f = 100 MHz)
BC546
BC547
BC548
fT
150
150
150
300
300
300
MHz
Output Capacitance
(VCB = 10 V, IC = 0, f = 1.0 MHz)
Cobo
1.7
4.5
pF
Input Capacitance
(VEB = 0.5 V, IC = 0, f = 1.0 MHz)
Cibo
10
pF
Small − Signal Current Gain
(IC = 2.0 mA, VCE = 5.0 V, f = 1.0 kHz)
BC546
BC547/548
BC547A
BC546B/547B/548B
BC547C/548C
hfe
125
125
125
240
450
220
330
600
500
900
260
500
900
Noise Figure
(IC = 0.2 mA, VCE = 5.0 V, RS = 2 kW,
BC546
f = 1.0 kHz,
Df = 200 Hz)
BC547
BC548
NF
2.0
2.0
2.0
10
10
10
dB
1. IB is value for which IC = 11 mA at VCE = 1.0 V.


Similar Part No. - BC548BRL1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BC548BRL1 ONSEMI-BC548BRL1 Datasheet
91Kb / 6P
   Amplifier Transistors
May, 2004 ??Rev. 4
BC548BRL1G ONSEMI-BC548BRL1G Datasheet
78Kb / 6P
   Amplifier Transistors
March, 2007 ??Rev. 6
BC548BRL1G ONSEMI-BC548BRL1G Datasheet
223Kb / 9P
   Amplifier Transistors NPN Silicon
August, 2021 - Rev. 8
More results

Similar Description - BC548BRL1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MPS918 ONSEMI-MPS918 Datasheet
62Kb / 4P
   Amplifier Transistors(NPN Silicon)
1996
2N5088 ONSEMI-2N5088_07 Datasheet
83Kb / 5P
   Amplifier Transistors NPN Silicon
March, 2007 ??Rev. 4
BC237 ONSEMI-BC237_06 Datasheet
54Kb / 4P
   Amplifier Transistors NPN Silicon
January, 2006 ??Rev. 4
2N5550 ONSEMI-2N5550_07 Datasheet
88Kb / 6P
   Amplifier Transistors NPN Silicon
March, 2007 ??Rev. 5
logo
New Jersey Semi-Conduct...
MPSU06F NJSEMI-MPSU06F Datasheet
83Kb / 1P
   NPN Silicon Amplifier Transistors
logo
Leshan Radio Company
MMBT6428LT1 LRC-MMBT6428LT1 Datasheet
209Kb / 4P
   Amplifier Transistors(NPN Silicon)
logo
ON Semiconductor
MBT6429DW1T1 ONSEMI-MBT6429DW1T1_05 Datasheet
79Kb / 5P
   Amplifier Transistors NPN Silicon
December, 2005 ??Rev. 2
BC237 ONSEMI-BC237 Datasheet
83Kb / 4P
   Amplifier Transistors(NPN Silicon)
1996 REV 1
logo
Motorola, Inc
BD525 MOTOROLA-BD525 Datasheet
82Kb / 2P
   NPN SILICON AMPLIFIER TRANSISTORS
logo
ON Semiconductor
MPS918 ONSEMI-MPS918_06 Datasheet
46Kb / 3P
   Amplifier Transistors NPN Silicon
January, 2006 ??Rev. 3
2N5209 ONSEMI-2N5209 Datasheet
277Kb / 6P
   Amplifier Transistors(NPN Silicon)
1996
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com