Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BDX54BG Datasheet(PDF) 1 Page - ON Semiconductor

Part # BDX54BG
Description  Plastic Medium-Power Complementary Silicon Transistors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BDX54BG Datasheet(HTML) 1 Page - ON Semiconductor

  BDX54BG Datasheet HTML 1Page - ON Semiconductor BDX54BG Datasheet HTML 2Page - ON Semiconductor BDX54BG Datasheet HTML 3Page - ON Semiconductor BDX54BG Datasheet HTML 4Page - ON Semiconductor BDX54BG Datasheet HTML 5Page - ON Semiconductor BDX54BG Datasheet HTML 6Page - ON Semiconductor BDX54BG Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© Semiconductor Components Industries, LLC, 2006
February, 2006 − Rev. 12
1
Publication Order Number:
BDX53B/D
BDX53B, BDX53C (NPN),
BDX54B, BDX54C (PNP)
Plastic Medium−Power
Complementary Silicon
Transistors
These devices are designed for general−purpose amplifier and
low−speed switching applications.
Features
High DC Current Gain −
hFE = 2500 (Typ) @ IC = 4.0 Adc
Collector Emitter Sustaining Voltage − @ 100 mAdc
VCEO(sus) = 80 Vdc (Min) − BDX53B, 54B
VCEO(sus) = 100 Vdc (Min) − BDX53C, 54C
Low Collector−Emitter Saturation Voltage −
VCE(sat) = 2.0 Vdc (Max) @ IC = 3.0 Adc
VCE(sat) = 4.0 Vdc (Max) @ IC = 5.0 Adc
Monolithic Construction with Built−In Base−Emitter Shunt Resistors
Pb−Free Packages are Available*
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Collector−Emitter Voltage
BDX53B, BDX54B
BDX53C, BDX54C
VCEO
80
100
Vdc
Collector−Base Voltage
BDX53B, BDX54B
BDX53C, BDX54C
VCB
80
100
Vdc
Emitter−Base Voltage
VEB
5.0
Vdc
Collector Current
− Continuous
− Peak
IC
8.0
12
Adc
Base Current
IB
0.2
Adc
Total Device Dissipation @ TC = 25°C
Derate above 25
°C
PD
65
0.48
W
W/
°C
Operating and Storage Junction
Temperature Range
TJ, Tstg
−65 to +150
°C
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction−to−Ambient
RqJA
70
°C/W
Thermal Resistance, Junction−to−Case
RqJC
1.92
°C/W
Maximum ratings are those values beyond which device damage can occur.
Maximum ratings applied to the device are individual stress limit values (not
normal operating conditions) and are not valid simultaneously. If these limits are
exceeded, device functional operation is not implied, damage may occur and
reliability may be affected.
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
DARLINGTON
8 AMPERE
COMPLEMENTARY SILICON
POWER TRANSISTORS
80−100 VOLTS, 65 WATTS
TO−220AB
CASE 221A
STYLE 1
1
2
3
4
MARKING DIAGRAM
& PIN ASSIGNMENT
1
Base
3
Emitter
4
Collector
2
Collector
http://onsemi.com
BDX5xy = Device Code
x = 3 or 4
y = B or C
A
= Assembly Location
Y
= Year
WW
= Work Week
G
= Pb−Free Package
BDX5xyG
AY WW
See detailed ordering and shipping information in the package
dimensions section on page 6 of this data sheet.
ORDERING INFORMATION


Similar Part No. - BDX54BG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BDX54BG ONSEMI-BDX54BG Datasheet
106Kb / 7P
   Plastic Medium-Power Complementary Silicon Transistors
November, 2007 - Rev. 13
BDX54BG ONSEMI-BDX54BG Datasheet
115Kb / 7P
   Plastic Medium-Power Complementary Silicon Transistors
November, 2014 ??Rev. 15
More results

Similar Description - BDX54BG

ManufacturerPart #DatasheetDescription
logo
Boca Semiconductor Corp...
TIP110 BOCA-TIP110 Datasheet
153Kb / 3P
   PLASTIC MEDIUM-POWER COMPLEMENTARY SILICON TRANSISTORS
logo
ON Semiconductor
2N6040 ONSEMI-2N6040_14 Datasheet
152Kb / 6P
   Plastic Medium-Power Complementary Silicon Transistors
November, 2014 ??Rev. 10
TIP120 ONSEMI-TIP120_14 Datasheet
144Kb / 7P
   Plastic Medium-Power Complementary Silicon Transistors
November, 2014 ??Rev. 9
logo
Motorola, Inc
BDX53B MOTOROLA-BDX53B Datasheet
169Kb / 6P
   Plastic Medium-Power Complementary Silicon Transistors
logo
New Jersey Semi-Conduct...
MJE2100 NJSEMI-MJE2100 Datasheet
144Kb / 3P
   PLASTIC MEDIUM-POWER COMPLEMENTARY SILICON TRANSISTORS
logo
ON Semiconductor
TIP110 ONSEMI-TIP110_14 Datasheet
148Kb / 8P
   Plastic Medium-Power Complementary Silicon Transistors
November, 2014 ??Rev. 8
BDX53B ONSEMI-BDX53B_14 Datasheet
115Kb / 7P
   Plastic Medium-Power Complementary Silicon Transistors
November, 2014 ??Rev. 15
2N6040 ONSEMI-2N6040 Datasheet
114Kb / 8P
   Plastic Medium-Power Complementary Silicon Transistors
April, 2002 ??Rev. 4
logo
New Jersey Semi-Conduct...
MJE1090 NJSEMI-MJE1090 Datasheet
143Kb / 3P
   PLASTIC MEDIUM-POWER COMPLEMENTARY SILICON TRANSISTORS
logo
ON Semiconductor
TIP120 ONSEMI-TIP120_05 Datasheet
91Kb / 7P
   Plastic Medium-Power Complementary Silicon Transistors
September, 2005 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com