Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BU323Z Datasheet(PDF) 3 Page - ON Semiconductor

Part # BU323Z
Description  NPN Silicon Power Darlington High Voltage Autoprotected
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BU323Z Datasheet(HTML) 3 Page - ON Semiconductor

  BU323Z_06 Datasheet HTML 1Page - ON Semiconductor BU323Z_06 Datasheet HTML 2Page - ON Semiconductor BU323Z_06 Datasheet HTML 3Page - ON Semiconductor BU323Z_06 Datasheet HTML 4Page - ON Semiconductor BU323Z_06 Datasheet HTML 5Page - ON Semiconductor BU323Z_06 Datasheet HTML 6Page - ON Semiconductor BU323Z_06 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
BU323Z
http://onsemi.com
3
Figure 1. IC = f(VCE) Curve Shape
IC
INOM = 6.5 A
Output transistor turns on: IC = 40 mA
High Voltage Circuit turns on: IC = 20 mA
Avalanche diode turns on: IC = 100 μA
Icer Leakage Current
250 V
300 V
340 V
VCE
VCLAMP NOMINAL
= 400 V
By design, the BU323Z has a built−in avalanche diode and
a special high voltage driving circuit. During an
auto−protect cycle, the transistor is turned on again as soon
as a voltage, determined by the zener threshold and the
network, is reached. This prevents the transistor from going
into a Reverse Bias Operating limit condition. Therefore, the
device will have an extended safe operating area and will
always appear to be in “FBSOA.” Because of the built−in
zener and associated network, the IC = f(VCE) curve exhibits
an unfamiliar shape compared to standard products as
shown in Figure 1.
Figure 2. Basic Energy Test Circuit
MERCURY CONTACTS
WETTED RELAY
VCE
MONITOR
(VGATE)
L INDUCTANCE
(8 mH)
IB CURRENT
SOURCE
VBEoff
IB2 SOURCE
IC CURRENT
SOURCE
0.1
Ω
NON
INDUCTIVE
IC
MONITOR
RBE = 100 Ω
The bias parameters, VCLAMP, IB1, VBE(off), IB2, IC, and
the inductance, are applied according to the Device Under
Test (DUT) specifications. VCE and IC are monitored by the
test system while making sure the load line remains within
the limits as described in Figure 4.
Note: All BU323Z ignition devices are 100% energy
tested, per the test circuit and criteria described in Figures 2
and 4, to the minimum guaranteed repetitive energy, as
specified in the device parameter section. The device can
sustain this energy on a repetitive basis without degrading
any of the specified electrical characteristics of the devices.
The units under test are kept functional during the complete
test sequence for the test conditions described:
IC(peak) = 7.0 A, ICH = 5.0 A, ICL = 100 mA, IB = 100 mA,
RBE = 100 Ω, Vgate = 280 V, L = 8.0 mH
Figure 3. Forward Bias Safe Operating Area
VCE, COLLECTOR−EMITTER VOLTAGE (VOLTS)
1000
340V
100
10
0.001
0.01
0.1
1
10
TC = 25°C
250ms
10ms
1ms
300
μs
THERMAL LIMIT
SECOND BREAKDOWN LIMIT
CURVES APPLY BELOW
RATED VCEO


Similar Part No. - BU323Z_06

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BU323Z ONSEMI-BU323Z_09 Datasheet
178Kb / 6P
   NPN Silicon Power Darlington
October, 2009 ??Rev. 14
More results

Similar Description - BU323Z_06

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BUB323Z ONSEMI-BUB323Z_05 Datasheet
90Kb / 8P
   NPN Silicon Power Darlington High Voltage Autoprotected D2PAK for Surface Mount
August, 2005 ??Rev. 1
logo
Seme LAB
BUX37 SEME-LAB-BUX37 Datasheet
20Kb / 2P
   HIGH VOLTAGE SILICON NPN DARLINGTON
logo
Central Semiconductor C...
CMPTA29 CENTRAL-CMPTA29 Datasheet
80Kb / 2P
   HIGH VOLTAGE NPN SILICON DARLINGTON TRANSISTOR
logo
NTE Electronics
NTE2557 NTE-NTE2557 Datasheet
19Kb / 2P
   Silicon NPN Transistor Darlington, High Voltage Switch, Power Amp
NTE2317 NTE-NTE2317 Datasheet
28Kb / 2P
   Silicon NPN Transistor High Voltage Fast Switching Power Darlington
logo
Microsemi Corporation
2N7370 MICROSEMI-2N7370 Datasheet
62Kb / 2P
   NPN DARLINGTON HIGH POWER SILICON TRANSISTOR
logo
ON Semiconductor
FJB102 ONSEMI-FJB102 Datasheet
362Kb / 7P
   NPN High-Voltage Power Darlington Transistor
December 2014 Rev. 1.1.0
logo
Zetex Semiconductors
FCX705 ZETEX-FCX705 Datasheet
91Kb / 5P
   120V NPN SILICON HIGH VOLTAGE DARLINGTON TRANSISTOR
logo
Unisonic Technologies
UDT1605 UTC-UDT1605_15 Datasheet
126Kb / 3P
   120V NPN SILICON HIGH VOLTAGE DARLINGTON TRANSISTOR
logo
ON Semiconductor
BUB323Z ONSEMI-BUB323Z_14 Datasheet
85Kb / 8P
   NPN Silicon Power Darlington
September, 2014 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com