Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS3351YD14 Datasheet(PDF) 8 Page - ON Semiconductor

Part # CS3351YD14
Description  Alternator Voltage Regulator Darlington Driver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS3351YD14 Datasheet(HTML) 8 Page - ON Semiconductor

  CS3351YD14 Datasheet HTML 1Page - ON Semiconductor CS3351YD14 Datasheet HTML 2Page - ON Semiconductor CS3351YD14 Datasheet HTML 3Page - ON Semiconductor CS3351YD14 Datasheet HTML 4Page - ON Semiconductor CS3351YD14 Datasheet HTML 5Page - ON Semiconductor CS3351YD14 Datasheet HTML 6Page - ON Semiconductor CS3351YD14 Datasheet HTML 7Page - ON Semiconductor CS3351YD14 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
CS3341, CS3351, CS387
http://onsemi.com
8
PACKAGE DIMENSIONS
SOIC−14
D SUFFIX
CASE 751A−03
ISSUE G
−A−
−B−
G
P7 PL
14
8
7
1
M
0.25 (0.010) B M
S
B
M
0.25 (0.010)
A S
T
−T−
F
RX 45
SEATING
PLANE
D14 PL
K
C
J
M
_
NOTES:
1. DIMENSIONING AND
TOLERANCING PER ANSI Y14.5M,
1982.
2. CONTROLLING DIMENSION:
MILLIMETER.
3. DIMENSIONS A AND B DO NOT
INCLUDE MOLD PROTRUSION.
4. MAXIMUM MOLD PROTRUSION
0.15 (0.006) PER SIDE.
5. DIMENSION D DOES NOT INCLUDE
DAMBAR PROTRUSION.
ALLOWABLE DAMBAR
PROTRUSION SHALL BE 0.127
(0.005) TOTAL IN EXCESS OF THE D
DIMENSION AT MAXIMUM
MATERIAL CONDITION.
DIM MIN
MAX
MIN
MAX
INCHES
MILLIMETERS
A
8.55
8.75
0.337 0.344
B
3.80
4.00
0.150 0.157
C
1.35
1.75
0.054 0.068
D
0.35
0.49
0.014 0.019
F
0.40
1.25
0.016 0.049
G
1.27 BSC
0.050 BSC
J
0.19
0.25
0.008 0.009
K
0.10
0.25
0.004 0.009
M
0
7
0
7
P
5.80
6.20
0.228 0.244
R
0.25
0.50
0.010 0.019
__
__
PACKAGE THERMAL DATA
Parameter
SOIC−14
Unit
RqJC
Typical
30
°C/W
RqJA
Typical
125
°C/W
ON Semiconductor and
are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice
to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability
arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages.
“Typical” parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All
operating parameters, including “Typicals” must be validated for each customer application by customer’s technical experts. SCILLC does not convey any license under its patent rights
nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications
intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should
Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates,
and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death
associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal
Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
N. American Technical Support: 800−282−9855 Toll Free
USA/Canada
Japan: ON Semiconductor, Japan Customer Focus Center
2−9−1 Kamimeguro, Meguro−ku, Tokyo, Japan 153−0051
Phone: 81−3−5773−3850
CS3341/D
LITERATURE FULFILLMENT:
Literature Distribution Center for ON Semiconductor
P.O. Box 61312, Phoenix, Arizona 85082−1312 USA
Phone: 480−829−7710 or 800−344−3860 Toll Free USA/Canada
Fax: 480−829−7709 or 800−344−3867 Toll Free USA/Canada
Email: orderlit@onsemi.com
ON Semiconductor Website: http://onsemi.com
Order Literature: http://www.onsemi.com/litorder
For additional information, please contact your
local Sales Representative.


Similar Part No. - CS3351YD14

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS3351YD14 CHERRY-CS3351YD14 Datasheet
157Kb / 6P
   Alternator Voltage Regulator Darlington Driver
logo
ON Semiconductor
CS3351YD14 ONSEMI-CS3351YD14 Datasheet
68Kb / 8P
   Alternator Voltage Regulator Darlington Driver
August, 2002 ??Rev. 11
CS3351YD14 ONSEMI-CS3351YD14 Datasheet
83Kb / 8P
   Alternator Voltage Regulator Darlington Driver
September, 2005 ??Rev. 12
CS3351YD14G ONSEMI-CS3351YD14G Datasheet
83Kb / 8P
   Alternator Voltage Regulator Darlington Driver
September, 2005 ??Rev. 12
More results

Similar Description - CS3351YD14

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS3341 ONSEMI-CS3341 Datasheet
68Kb / 8P
   Alternator Voltage Regulator Darlington Driver
August, 2002 ??Rev. 11
CS3341 ONSEMI-CS3341_09 Datasheet
83Kb / 8P
   Alternator Voltage Regulator Darlington Driver
September, 2005 ??Rev. 12
logo
Cherry Semiconductor Co...
CS3341 CHERRY-CS3341 Datasheet
157Kb / 6P
   Alternator Voltage Regulator Darlington Driver
logo
ON Semiconductor
CS3361 ONSEMI-CS3361 Datasheet
66Kb / 8P
   Alternator Voltage Regulator FET Driver
August, 2002 ??Rev. 10
logo
Cherry Semiconductor Co...
CS3361 CHERRY-CS3361 Datasheet
139Kb / 5P
   Alternator Voltage Regulator FET Driver
logo
ON Semiconductor
CS3361 ONSEMI-CS3361_15 Datasheet
80Kb / 8P
   Alternator Voltage Regulator FET Driver
March, 2015 ??Rev. 11
logo
Unisonic Technologies
UAC3092A UTC-UAC3092A Datasheet
108Kb / 5P
   ALTERNATOR VOLTAGE REGULATOR
UAC33092A UTC-UAC33092A Datasheet
187Kb / 5P
   ALTERNATOR VOLTAGE REGULATOR
UAC3092 UTC-UAC3092 Datasheet
132Kb / 9P
   ALTERNATOR VOLTAGE REGULATOR
UAC33092 UTC-UAC33092_15 Datasheet
233Kb / 9P
   ALTERNATOR VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com