Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1518BETJ Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX1518BETJ
Description  TFT-LCD DC-DC Converter with Operational Amplifiers
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1518BETJ Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX1518BETJ Datasheet HTML 2Page - Maxim Integrated Products MAX1518BETJ Datasheet HTML 3Page - Maxim Integrated Products MAX1518BETJ Datasheet HTML 4Page - Maxim Integrated Products MAX1518BETJ Datasheet HTML 5Page - Maxim Integrated Products MAX1518BETJ Datasheet HTML 6Page - Maxim Integrated Products MAX1518BETJ Datasheet HTML 7Page - Maxim Integrated Products MAX1518BETJ Datasheet HTML 8Page - Maxim Integrated Products MAX1518BETJ Datasheet HTML 9Page - Maxim Integrated Products MAX1518BETJ Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
TFT-LCD DC-DC Converter with
Operational Amplifiers
6
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS (continued)
(VIN = 3V, VSUP = 8V, PGND = AGND = BGND = 0, IREF = 25µA, TA = -40°C to +85°C, unless otherwise noted.) (Note 1)
FBP Effective Load-Regulation
Error (Transconductance)
VDRVP = 10V, IDRVP = 50µA to 1mA
-2
%
FBP Line (IN) Regulation Error
IDRVP = 100µA, 2.6V < VIN < 5.5V
5
mV
DRVP Sink Current
IDRVP
VFBP = 1.1V, VDRVP = 10V
1
mA
GATE-OFF LINEAR-REGULATOR CONTROLLER
FBN Regulation Voltage
VFBN
IDRVN = 100µA
235
265
mV
FBN Effective Load-Regulation
Error (Transconductance)
VDRVN = -10V, IDRVN = 50µA to 1mA
25
mV
FBN Line (IN) Regulation Error
IDRVN = 0.1mA, 2.6V < VIN < 5.5V
5
mV
DRVN Source Current
IDRVN
VFBN = 500mV, VDRVN = -10V
1
mA
POSITIVE GATE-DRIVER TIMING AND CONTROL SWITCHES
DEL Capacitor Charge Current
During startup, VDEL = 1V
4
6
µA
DEL Turn-On Threshold
VTH(DEL)
1.19
1.31
V
CTL Input Low Voltage
VIN = 2.6V to 5.5V
0.6
V
CTL Input High Voltage
VIN = 2.6V to 5.5V
2
V
SRC Input Voltage Range
28
V
VDEL = 1.5V, CTL = IN
100
SRC Input Current
ISRC
VDEL = 1.5V, CTL = AGND
30
µA
SRC-to-COM Switch On-
Resistance
RSRC(ON)
VDEL = 1.5V, CTL = IN
12
DRN-to-COM Switch On-
Resistance
RDRN(ON)
VDEL = 1.5V, CTL = AGND
70
Note 1: Specifications to -40°C are guaranteed by design, not production tested.


Similar Part No. - MAX1518BETJ

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1518 MAXIM-MAX1518 Datasheet
919Kb / 26P
   TFT-LCD DC-DC Converters with Operational Amplifiers
Rev 0; 4/04
MAX1518 MAXIM-MAX1518 Datasheet
247Kb / 6P
   fully assembled and tested surface-mount circuit board Evaluation Kit
Rev 0; 10/04
MAX1518A MAXIM-MAX1518A Datasheet
1Mb / 29P
   TFT-LCD DC-DC Converters with Operational Amplifiers
Rev 1; 10/14
MAX1518AETJ MAXIM-MAX1518AETJ Datasheet
1Mb / 29P
   TFT-LCD DC-DC Converters with Operational Amplifiers
Rev 1; 10/14
MAX1518ETJ MAXIM-MAX1518ETJ Datasheet
919Kb / 26P
   TFT-LCD DC-DC Converters with Operational Amplifiers
Rev 0; 4/04
More results

Similar Description - MAX1518BETJ

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8795A MAXIM-MAX8795A Datasheet
480Kb / 30P
   TFT-LCD DC-DC Converter with Operational Amplifiers
Rev 5; 5/12
MAX8795A MAXIM-MAX8795A_12 Datasheet
646Kb / 31P
   TFT-LCD DC-DC Converter with Operational Amplifiers
Rev 5; 5/12
MAX8739 MAXIM-MAX8739 Datasheet
835Kb / 19P
   TFT, LCD, DC-DC Converter with Operational Amplifiers
Rev 0; 1/06
MAX8795A MAXIM-MAX8795A Datasheet
646Kb / 31P
   TFT-LCD DC-DC Converter with Operational Amplifiers
Rev 5; 5/12
logo
Global Mixed-mode Techn...
G5519 GMT-G5519 Datasheet
633Kb / 1P
   TFT-LCD DC/DC Converter with Operational Amplifiers
logo
Maxim Integrated Produc...
MAX1542 MAXIM-MAX1542 Datasheet
506Kb / 20P
   TFT LCD DC-to-DC Converter with Operational Amplifiers
19-2741; Rev 0; 4/03
MAX1516 MAXIM-MAX1516 Datasheet
919Kb / 26P
   TFT-LCD DC-DC Converters with Operational Amplifiers
Rev 0; 4/04
MAX1516A MAXIM-MAX1516A Datasheet
1Mb / 29P
   TFT-LCD DC-DC Converters with Operational Amplifiers
Rev 1; 10/14
logo
E-CMOS Corporation
EC9219 E-CMOS-EC9219 Datasheet
381Kb / 14P
   TFT- LCD DC-DC Converters with Operational Amplifiers
logo
Maxim Integrated Produc...
MAX8795A MAXIM-MAX8795A_11 Datasheet
819Kb / 31P
   TFT-LCD DC-DC Converter with Operational Amplifiers 0.6mA Quiescent Current
Rev 3; 3/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com