Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

MB3863 Datasheet(PDF) 4 Page - Fujitsu Component Limited.

Part No. MB3863
Description  DUAL REVERSIBLE MOTOR DRIVER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB3863 Datasheet(HTML) 4 Page - Fujitsu Component Limited.

  MB3863_01 Datasheet HTML 1Page - Fujitsu Component Limited. MB3863_01 Datasheet HTML 2Page - Fujitsu Component Limited. MB3863_01 Datasheet HTML 3Page - Fujitsu Component Limited. MB3863_01 Datasheet HTML 4Page - Fujitsu Component Limited. MB3863_01 Datasheet HTML 5Page - Fujitsu Component Limited. MB3863_01 Datasheet HTML 6Page - Fujitsu Component Limited. MB3863_01 Datasheet HTML 7Page - Fujitsu Component Limited. MB3863_01 Datasheet HTML 8Page - Fujitsu Component Limited. MB3863_01 Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
MB3863
4
s
s
s
s ELECTRICAL CHARACTERISTICS
(VCC = 24 V, VIN = 2.4 V, Ta = +25
°C)
Parameter
Symbol
Conditions
Values
Unit
Min.
Typ.
Max.
Stand-by Supply Voltage
ICC0
VCC = +24 V, VIA = VIB = 0 V
100
µA
Supply Voltage
ICC1
IO = 0 mA
24
38
mA
ICC2
IO = 500 mA
24
mA
ICC3
IO = 0 mA, VIA = VIB = +2.4 V
37
mA
Output Voltage
High level
VOH
IO = 500 mA
22.65
23
V
Low level
VOL
IO = 500 mA
0.35
0.65
V
Saturated Output Voltage
VSAT
IO = 500 mA
1.35
2.00
V
Input Current
IIH
VIN = +2.4 V
250
400
µA
Surge Absorption Diode Voltage
in Forward Direction
VF
IO = 1.2 A
2.0
V


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
A3969 Dual Full-Bridge PWM Motor Driver 1  2  3  4  5  More Allegro MicroSystems
NCP3418B MOSFET Driver with Dual Outputs for Synchronous Buck Converters 1  2  3  4  5  More ON Semiconductor
NCP3488 MOSFET Driver with Dual Outputs for Synchronous Buck Converters 1  2  3  4  5  More ON Semiconductor
LB11862M Single-Phase Full-Wave Fan Motor Driver 1  2  3  4  5  Sanyo Semicon Device
17510 1.2 A 15 V H-Bridge Motor Driver IC 1  2  3  4  5  More Freescale Semiconductor, Inc
M56750FP 3-PHASE BRUSHLESS MOTOR DRIVER 1  2  3  4  5  More Renesas Technology Corp
CS4161 85 mA Dual H-Bridge Odometer Driver with Divide by Select and UVLO 1  2  3  4  5  More ON Semiconductor
TB6592FL Dual-Bridge Driver IC for DC motor 1  2  3  4  5  More Sipex Corporation
ADP3418 Dual Bootstrapped 12 V MOSFET Driver with Output Disable 1  2  3  4  5  More Analog Devices
DS7831_99 Dual TRI-STATE Line Driver 1  2  3  4  5  More National Semiconductor (TI)

Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn