Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

MB3863 Datasheet(PDF) 5 Page - Fujitsu Component Limited.

Part No. MB3863
Description  DUAL REVERSIBLE MOTOR DRIVER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB3863 Datasheet(HTML) 5 Page - Fujitsu Component Limited.

  MB3863_01 Datasheet HTML 1Page - Fujitsu Component Limited. MB3863_01 Datasheet HTML 2Page - Fujitsu Component Limited. MB3863_01 Datasheet HTML 3Page - Fujitsu Component Limited. MB3863_01 Datasheet HTML 4Page - Fujitsu Component Limited. MB3863_01 Datasheet HTML 5Page - Fujitsu Component Limited. MB3863_01 Datasheet HTML 6Page - Fujitsu Component Limited. MB3863_01 Datasheet HTML 7Page - Fujitsu Component Limited. MB3863_01 Datasheet HTML 8Page - Fujitsu Component Limited. MB3863_01 Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
MB3863
5
s
s
s
s OPERATIONS
1.
Forward and Reverse
Switching control mode A or B pairs Q2 and Q3, or Q1 and Q4, respectively, while reversing the supply current
to the motor for each switching. When Q2 and Q3 are in use, B-OUT and A-OUT are High level and Low level,
respectively. In this case, current flows B-OUT
→ motor → A-OUT, causing forward operation as described in
the table below.
When Q1 and Q4 are in use, current flows in the reverse direction to the above flow, causing reverse motor
operation.
2.
Brake
Control mode C operates Q2 and Q4 while stopping Q1 and Q3.
Since A-OUT and B-OUT are held at Low level, both poles of the motor are short-circuited and the motor is
stopped.
3.
Stand-by
Control mode D turns Q1 to Q4 OFF and the motor has no current flow.
In this mode, the power supply current is less than 100
µA.
* : Input mode:1: +2.4 V Min.
0: +0.4 V Max.
Mode
Input mode*
Operation state of output transistor
State of output pin
Output operation mode
A=IN
B=IN
Q1
Q2
Q3
Q4
A-OUT
B-OUT
A
1
0
OFF
ON
ON
OFF
L
H
Forward (Reverse)
B
0
1
ON
OFF
OFF
ON
H
L
Reverse (Forward)
C
1
1
OFF
ON
OFF
ON
L
L
Brake
D
0
0
OFF
OFF
OFF
OFF
Open (High impedance)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
A3969 Dual Full-Bridge PWM Motor Driver 1  2  3  4  5  More Allegro MicroSystems
NCP3418B MOSFET Driver with Dual Outputs for Synchronous Buck Converters 1  2  3  4  5  More ON Semiconductor
NCP3488 MOSFET Driver with Dual Outputs for Synchronous Buck Converters 1  2  3  4  5  More ON Semiconductor
LB11862M Single-Phase Full-Wave Fan Motor Driver 1  2  3  4  5  Sanyo Semicon Device
17510 1.2 A 15 V H-Bridge Motor Driver IC 1  2  3  4  5  More Freescale Semiconductor, Inc
M56750FP 3-PHASE BRUSHLESS MOTOR DRIVER 1  2  3  4  5  More Renesas Technology Corp
CS4161 85 mA Dual H-Bridge Odometer Driver with Divide by Select and UVLO 1  2  3  4  5  More ON Semiconductor
TB6592FL Dual-Bridge Driver IC for DC motor 1  2  3  4  5  More Sipex Corporation
ADP3418 Dual Bootstrapped 12 V MOSFET Driver with Output Disable 1  2  3  4  5  More Analog Devices
DS7831_99 Dual TRI-STATE Line Driver 1  2  3  4  5  More National Semiconductor (TI)

Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn