Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBR3100 Datasheet(PDF) 1 Page - ON Semiconductor

Part # MBR3100
Description  Axial Lead Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MBR3100 Datasheet(HTML) 1 Page - ON Semiconductor

  MBR3100 Datasheet HTML 1Page - ON Semiconductor MBR3100 Datasheet HTML 2Page - ON Semiconductor MBR3100 Datasheet HTML 3Page - ON Semiconductor MBR3100 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© Semiconductor Components Industries, LLC, 2006
June, 2006 − Rev. 6
1
Publication Order Number:
MBR3100/D
MBR3100
Preferred Device
Axial Lead Rectifier
This device employs the Schottky Barrier principle in a large area
metal−to−silicon power diode. State−of−the−art geometry features
epitaxial construction with oxide passivation and metal overlap
contact. Ideally suited for use as rectifiers in low−voltage,
high−frequency inverters, free wheeling diodes, and polarity
protection diodes.
Features
Low Reverse Current
Low Stored Charge, Majority Carrier Conduction
Low Power Loss/High Efficiency
Highly Stable Oxide Passivated Junction
Guard−ring for Stress Protection
Low Forward Voltage
175°C Operating Junction Temperature
High Surge Capacity
Pb−Free Packages are Available*
Mechanical Characteristics:
Case: Epoxy, Molded
Weight: 1.1 Gram (Approximately)
Finish: All External Surfaces Corrosion Resistant and Terminal
Leads are Readily Solderable
Lead Temperature for Soldering Purposes:
260
°C Max. for 10 Seconds
Polarity: Cathode indicated by Polarity Band
MAXIMUM RATINGS
Rating
Symbol
Max
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
100
V
Average Rectified Forward Current TA = 100°C
(RqJA = 28°C/W, Refer to P.C. Board Mounting,
Note 3)
IO
3.0
A
Non−Repetitive Peak Surge Current
(Surge Applied at Rated Load Conditions
Halfwave, Single Phase, 60 Hz)
IFSM
150
A
Operating and Storage Junction Temperature
Range (Note 1) (Reverse Voltage Applied)
TJ, Tstg
−65 to
+175
°C
Voltage Rate of Change (Rated VR)
dv/dt
10
V/ns
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
1. The heat generated must be less than the thermal conductivity from
Junction−to−Ambient: dPD/dTJ < 1/RqJA.
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
Device
Package
Shipping
ORDERING INFORMATION
AXIAL LEAD
CASE 267−05
(DO−201AD)
STYLE 1
SCHOTTKY BARRIER
RECTIFIER
3.0 AMPERES, 100 VOLTS
Preferred devices are recommended choices for future use
and best overall value.
MBR3100
Axial Lead
500 Units / Bag
MBR3100RL
Axial Lead
1500/Tape & Reel
MARKING DIAGRAM
A
MBR
3100
YYWW
G
G
http://onsemi.com
MBR3100RLG
Axial Lead
(Pb−Free)
1500/Tape & Reel
MBR3100G
Axial Lead
(Pb−Free)
500 Units / Bag
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
A
= Assembly Location
YY
= Year
WW
= Work Week
G
= Pb−Free Package
(Note: Microdot may be in either location)


Similar Part No. - MBR3100

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBR3100 ONSEMI-MBR3100 Datasheet
53Kb / 4P
   SCHOTTKY BARRIER RECTIFIER 3.0 AMPERES 100 VOLTS
April, 2003 - Rev. 3
logo
List of Unclassifed Man...
MBR3100 ETC-MBR3100 Datasheet
10Kb / 1P
   100 V 3 A ( Low Ir) Single Anode
logo
Compact Technology Corp...
MBR3100 CTC-MBR3100 Datasheet
72Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Pan Jit International I...
MBR3100 PANJIT-MBR3100 Datasheet
70Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Digitron Semiconductors
MBR3100 DIGITRON-MBR3100 Datasheet
426Kb / 2P
   3A SCHOTTKY RECTIFIERS
More results

Similar Description - MBR3100

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBR3060 ONSEMI-MBR3060 Datasheet
154Kb / 5P
   Axial Lead Rectifier
September, 2006 ??Rev. 1
80SQ045N ONSEMI-80SQ045N Datasheet
61Kb / 4P
   Axial Lead Rectifier
May, 2006 ??Rev. 3
MBR1100 ONSEMI-MBR1100_06 Datasheet
59Kb / 4P
   Axial Lead Rectifier
June, 2006 ??Rev. 6
MBR340 ONSEMI-MBR340_06 Datasheet
60Kb / 4P
   Axial Lead Rectifier
June, 2006 ??Rev. 7
MBR1100 ONSEMI-MBR1100_16 Datasheet
67Kb / 4P
   Axial Lead Rectifier
February, 2016 ??Rev. 7
logo
Sensitron
1N3611 SENSITRON-1N3611 Datasheet
37Kb / 2P
   HERMETIC AXIAL LEAD RECTIFIER
SS3611 SENSITRON-SS3611 Datasheet
37Kb / 2P
   HERMETIC AXIAL LEAD RECTIFIER
logo
NTE Electronics
NTE579 NTE-NTE579 Datasheet
15Kb / 1P
   Silicon Axial Lead Rectifier
logo
Sensitron
1N4245 SENSITRON-1N4245 Datasheet
47Kb / 2P
   HERMETIC AXIAL LEAD RECTIFIER
1N5619 SENSITRON-1N5619 Datasheet
142Kb / 3P
   HERMETIC AXIAL LEAD/MELF RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com