Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBR3100RL Datasheet(PDF) 2 Page - ON Semiconductor

Part # MBR3100RL
Description  Axial Lead Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MBR3100RL Datasheet(HTML) 2 Page - ON Semiconductor

  MBR3100RL Datasheet HTML 1Page - ON Semiconductor MBR3100RL Datasheet HTML 2Page - ON Semiconductor MBR3100RL Datasheet HTML 3Page - ON Semiconductor MBR3100RL Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MBR3100
http://onsemi.com
2
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction−to−Ambient (see Note 3, Mounting Method 3)
RqJA
28
°C/W
ELECTRICAL CHARACTERISTICS (TL = 25°C unless otherwise noted)
Characteristic
Symbol
Max
Unit
Maximum Instantaneous Forward Voltage (Note 2)
(iF = 3.0 Amps, TL = 25°C)
(iF = 3.0 Amps, TL = 100°C)
vF
0.79
0.69
V
Maximum Instantaneous Reverse Current @ Rated dc Voltage (Note 2)
TL = 25°C
TL = 100°C
iR
0.6
20
mA
2. Pulse Test: Pulse Width = 300
ms, Duty Cycle = 2.0%.
IF (AV), AVERAGE FORWARD CURRENT (AMPS)
0
2.0
1.0
3.0
4.0
5.0
0.5
1
1.5
2
2.5
TA, AMBIENT TEMPERATURE (°C)
20
100
60
40
80
4
2
0
dc
120
140
160
180
VR REVERSE VOLTAGE (VOLTS)
020
10
30
40
0.001
0.002
0.005
0.01
0.05
0.02
0.1
0.5
0.2
1
vF, INSTANTANEOUS VOLTAGE (VOLTS)
0.2
0.1
0.3 0.4 0.5
5
0.2
0.1
3
2
1
0.7
0.6
0.8 0.9
0.3
0.05
0.5
25°C
100°C
TJ = 150°C
50
30
20
10
1
1.2 1.3
1.1
50
60
80
90
100
0.0001
0.0002
0.0005
25°C
70
100°C
TJ = 150°C
125°C
1
3
5
6
7
8
3
3.5
4
dc
*The curves shown are typical for the highest voltage device in the
voltage grouping. Typical reverse current for lower voltage selections
can be estimated from these curves if VR is sufficient below rated VR.
SQUARE
WAVE
SQUARE
WAVE
Figure 1. Typical Forward Voltage
Figure 2. Typical Reverse Current*
Figure 3. Current Derating
(Mounting Method #3 per Note 3)
Figure 4. Power Dissipation


Similar Part No. - MBR3100RL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBR3100RL ONSEMI-MBR3100RL Datasheet
53Kb / 4P
   SCHOTTKY BARRIER RECTIFIER 3.0 AMPERES 100 VOLTS
April, 2003 - Rev. 3
More results

Similar Description - MBR3100RL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBR3060 ONSEMI-MBR3060 Datasheet
154Kb / 5P
   Axial Lead Rectifier
September, 2006 ??Rev. 1
80SQ045N ONSEMI-80SQ045N Datasheet
61Kb / 4P
   Axial Lead Rectifier
May, 2006 ??Rev. 3
MBR1100 ONSEMI-MBR1100_06 Datasheet
59Kb / 4P
   Axial Lead Rectifier
June, 2006 ??Rev. 6
MBR340 ONSEMI-MBR340_06 Datasheet
60Kb / 4P
   Axial Lead Rectifier
June, 2006 ??Rev. 7
MBR1100 ONSEMI-MBR1100_16 Datasheet
67Kb / 4P
   Axial Lead Rectifier
February, 2016 ??Rev. 7
logo
Sensitron
1N3611 SENSITRON-1N3611 Datasheet
37Kb / 2P
   HERMETIC AXIAL LEAD RECTIFIER
SS3611 SENSITRON-SS3611 Datasheet
37Kb / 2P
   HERMETIC AXIAL LEAD RECTIFIER
logo
NTE Electronics
NTE579 NTE-NTE579 Datasheet
15Kb / 1P
   Silicon Axial Lead Rectifier
logo
Sensitron
1N4245 SENSITRON-1N4245 Datasheet
47Kb / 2P
   HERMETIC AXIAL LEAD RECTIFIER
1N5619 SENSITRON-1N5619 Datasheet
142Kb / 3P
   HERMETIC AXIAL LEAD/MELF RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com