Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M4T32-BR12SH Datasheet(PDF) 8 Page - STMicroelectronics

Part # M4T32-BR12SH
Description  Serial Real Time Clock with 44Bytes NVRAM and Reset
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M4T32-BR12SH Datasheet(HTML) 8 Page - STMicroelectronics

Back Button M4T32-BR12SH Datasheet HTML 4Page - STMicroelectronics M4T32-BR12SH Datasheet HTML 5Page - STMicroelectronics M4T32-BR12SH Datasheet HTML 6Page - STMicroelectronics M4T32-BR12SH Datasheet HTML 7Page - STMicroelectronics M4T32-BR12SH Datasheet HTML 8Page - STMicroelectronics M4T32-BR12SH Datasheet HTML 9Page - STMicroelectronics M4T32-BR12SH Datasheet HTML 10Page - STMicroelectronics M4T32-BR12SH Datasheet HTML 11Page - STMicroelectronics M4T32-BR12SH Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 40 page
background image
Summary description
M41T94
8/40
Figure 3.
28-pin SOIC connections
Table 1.
Signal names
E
Chip Enable
IRQ/FT/OUT
Interrupt/frequency test/out
output (open drain)
RST
Reset output (open drain)
RSTIN1
Reset 1 input
RSTIN2
Reset 2 input
SCL
Serial Clock input
SDI
Serial data input
SDO
Serial data output
SQW
Square Wave output
THS
Threshold select pin
WDI
Watchdog input
XI (1)
1.
For SO16 package only.
Oscillator input
XO (1)
Oscillator output
VBAT
(1)
Battery supply voltage
VCC
Supply voltage
VSS
Ground
AI03685
8
2
3
4
5
6
7
9
10
11
12
13
14
22
21
20
19
18
17
16
15
28
27
26
25
24
23
1
RSTIN1
NC
NC
NC
NC
WDI
NC
NC
IRQ/FT/OUT
NC
NC
NC
THS
NC
SCL
SDI
NC
VSS
SDO
RST
NC
SQW
VCC
M41T94
NC
NC
E
RSTIN2
NC


Similar Part No. - M4T32-BR12SH

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M4T32-BR12SH STMICROELECTRONICS-M4T32-BR12SH Datasheet
530Kb / 34P
   5.0 OR 3.0V, 512 bit 64 x 8 SERIAL RTC and NVRAM SUPERVISOR
M4T32-BR12SH STMICROELECTRONICS-M4T32-BR12SH Datasheet
139Kb / 16P
   TIMEKEEPER짰 SNAPHAT짰 (battery and crystal)
M4T32-BR12SH STMICROELECTRONICS-M4T32-BR12SH Datasheet
231Kb / 29P
   Serial Real Time Clock with 56 Bytes of NVRAM
logo
ARTSCHIP ELECTRONICS CO...
M4T32-BR12SH ARTSCHIP-M4T32-BR12SH Datasheet
7Mb / 27P
   TIMEKEEPER SRAM
logo
STMicroelectronics
M4T32-BR12SH STMICROELECTRONICS-M4T32-BR12SH Datasheet
433Kb / 31P
   512 Bit 64 bit x8 SERIAL RTC SPI SRAM
More results

Similar Description - M4T32-BR12SH

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M41T94 STMICROELECTRONICS-M41T94_09 Datasheet
358Kb / 41P
   Serial real-time clock with 44 bytes NVRAM and reset
M41T94 STMICROELECTRONICS-M41T94_07 Datasheet
346Kb / 41P
   Serial real-time clock with 44 bytes NVRAM and reset
M41T56 STMICROELECTRONICS-M41T56_07 Datasheet
222Kb / 25P
   Serial real-time clock with 56 bytes NVRAM
M41T11 STMICROELECTRONICS-M41T11_08 Datasheet
254Kb / 29P
   Serial real-time clock with 56 bytes of NVRAM
M41T56 STMICROELECTRONICS-M41T56_11 Datasheet
483Kb / 27P
   Serial real-time clock (RTC) with 56 bytes NVRAM
M41T11 STMICROELECTRONICS-M41T11 Datasheet
231Kb / 29P
   Serial Real Time Clock with 56 Bytes of NVRAM
logo
Texas Instruments
BQ4287 TI-BQ4287 Datasheet
142Kb / 8P
[Old version datasheet]   Real-Time Clock Module With NVRAM Control
logo
STMicroelectronics
M41T11 STMICROELECTRONICS-M41T11_11 Datasheet
231Kb / 30P
   Serial real-time clock (RTC) with 56 bytes of NVRAM
logo
Texas Instruments
BQ4287MT-SB2 TI-BQ4287MT-SB2 Datasheet
376Kb / 10P
[Old version datasheet]   Real-Time Clock Module With NVRAM Control
BQ4285 TI-BQ4285 Datasheet
1Mb / 27P
[Old version datasheet]   Real-Time Clock RTC With NVRAM Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com