Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBT35200MT1G Datasheet(PDF) 4 Page - ON Semiconductor

Part # MBT35200MT1G
Description  High Current Surface Mount PNP Silicon Switching Transistor for Load Management in Portable Applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MBT35200MT1G Datasheet(HTML) 4 Page - ON Semiconductor

  MBT35200MT1G Datasheet HTML 1Page - ON Semiconductor MBT35200MT1G Datasheet HTML 2Page - ON Semiconductor MBT35200MT1G Datasheet HTML 3Page - ON Semiconductor MBT35200MT1G Datasheet HTML 4Page - ON Semiconductor MBT35200MT1G Datasheet HTML 5Page - ON Semiconductor MBT35200MT1G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MBT35200MT1
http://onsemi.com
4
VCE, COLLECTOR−EMITTER VOLTAGE (VOLTS)
10
0.01
0.1
1.0
10
100
0.1
1.0
100 ms
1 ms
10 ms
100 ms
1 s
DC
SINGLE PULSE AT Tamb = 25°C
Figure 7. Output Capacitance
VCB, COLLECTOR BASE VOLTAGE (VOLTS)
0
225
125
100
75
25
0
15
5.0
10
50
200
175
150
30
20
25
35
Figure 8. Safe Operating Area
0.1
Figure 9. Normalized Thermal Response
t, TIME (sec)
1.0
0.001
0.01
0.00001
0.01
0.1
1.0
100
1000
0.1
0.0001
0.001
10
D = 0.5
0.02
0.05
0.2
0.01
SINGLE PULSE


Similar Part No. - MBT35200MT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBT35200MT1G ONSEMI-MBT35200MT1G Datasheet
115Kb / 5P
   High Current Surface Mount PNP Silicon
August, 2013 ??Rev. 5
MBT35200MT1G ONSEMI-MBT35200MT1G Datasheet
115Kb / 5P
   High Current Surface Mount PNP Silicon Switching Transistor
August, 2013 ??Rev. 5
More results

Similar Description - MBT35200MT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMBT589LT1G ONSEMI-MMBT589LT1G_09 Datasheet
138Kb / 5P
   High Current Surface Mount PNP Silicon Switching Transistor for Load Management in Portable Applications
August, 2009 ??Rev. 5
MBT35200MT1 ONSEMI-MBT35200MT1 Datasheet
81Kb / 8P
   High Current Surface Mount PNP Silicon Switching Transistor for Load Management in Portable Applications
August, 2000 ??Rev. 1
MMBT589LT1 ONSEMI-MMBT589LT1_07 Datasheet
64Kb / 5P
   High Current Surface Mount PNP Silicon Switching Transistor for Load Management in Portable Applications
January, 2007 ??Rev. 4
MMBT489LT1 ONSEMI-MMBT489LT1 Datasheet
64Kb / 4P
   High Current Surface Mount NPN Silicon Switching Transistor for Load Management in Portable Applications
July, 2003 ??Rev. 3
MMBT489LT1 ONSEMI-MMBT489LT1_06 Datasheet
56Kb / 4P
   High Current Surface Mount NPN Silicon Switching Transistor for Load Management in Portable Applications
January, 2006 ??Rev. 4
NSS35200CF8T1G ONSEMI-NSS35200CF8T1G Datasheet
66Kb / 6P
   High Current Surface Mount PNP Silicon Low VCE-SAT Switching Transistor for Load Management in Portable Applications
April, 2005 ??Rev. 2
NST489AMT1 ONSEMI-NST489AMT1 Datasheet
65Kb / 4P
   High Current Surface Mount NPN Silicon Low VCE(sat) Switching Transistor for Load Management in Portable Applications
April, 2006 ??Rev. 7
NST489AMT1-D ONSEMI-NST489AMT1-D Datasheet
144Kb / 4P
   High Current Surface Mount NPN Silicon Low VCE(sat) Switching Transistor for Load Management in Portable Applications
November, 2011 ??Rev. 8
MMBT6589T1 ONSEMI-MMBT6589T1 Datasheet
63Kb / 5P
   High Current Surface Mount PNP Silicon Switching Transistor for Switching Transistor for Portable Applications
January, 2006 ??Rev. 1
logo
Motorola, Inc
MMBT589LT1 MOTOROLA-MMBT589LT1 Datasheet
113Kb / 6P
   High Current Surface Mount PNP Silicon Switching Transistor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com