Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC33066DW Datasheet(PDF) 1 Page - ON Semiconductor

Part # MC33066DW
Description  High Performance High Performance
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33066DW Datasheet(HTML) 1 Page - ON Semiconductor

  MC33066DW Datasheet HTML 1Page - ON Semiconductor MC33066DW Datasheet HTML 2Page - ON Semiconductor MC33066DW Datasheet HTML 3Page - ON Semiconductor MC33066DW Datasheet HTML 4Page - ON Semiconductor MC33066DW Datasheet HTML 5Page - ON Semiconductor MC33066DW Datasheet HTML 6Page - ON Semiconductor MC33066DW Datasheet HTML 7Page - ON Semiconductor MC33066DW Datasheet HTML 8Page - ON Semiconductor MC33066DW Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
© Semiconductor Components Industries, LLC, 2006
July, 2006 − Rev. 3
1
Publication Order Number:
MC34066/D
MC34066, MC33066
High Performance
Resonant Mode Controllers
The MC34066/MC33066 are high performance resonant mode
controllers designed for off−line and dc−to−dc converter applications
that utilize frequency modulated constant on−time or constant
off−time control. These integrated circuits feature a variable
frequency oscillator with programmable deadtime, precision
retriggerable one−shot timer, temperature compensated reference,
high gain wide−bandwidth error amplifier with a precision output
clamp, steering flip−flop, and dual high current totem pole outputs
ideally suited for driving power MOSFETs.
Also included are protective features consisting of a high speed fault
comparator and latch, programmable soft−start circuitry, input
undervoltage lockout with selectable thresholds, and reference
undervoltage lockout.
These devices are available in dual−in−line and surface mount
packages.
Variable Frequency Oscillator with a Control Range Exceeding
1000:1
Programmable Oscillator Deadtime Allows Constant Off−Time
Operation
Precision Retriggerable One−Shot Timer
Internally Trimmed Bandgap Reference
5.0 MHz Error Amplifier with Precision Output Clamp
Dual High Current Totem Pole Outputs
Selectable Undervoltage Lockout Thresholds with Hysteresis
Enable Input
Programmable Soft−Start Circuitry
Low Startup Current for Off−Line Operation
Figure 1. Simplified Block Diagram
15
9
1
2
3
16
6
8
7
11
VCC
Enable/
UVLO Adjust
Osc
Deadtime
Osc RC
Osc Control
Current
One−Shot RC
Error Amp
Out
Error Amp +
Error Amp −
CSoft−Start
VCC UVLO
Reference
Regulator
Vref UVLO
Variable
Frequency
Oscillator
One−Shot
Error Amp
Clamp
Error
Amplifier
Soft−Start
Steering
Flip−Flop
Aout
Bout
Fault−Detector/
Latch
5
4
14
12
13
10
Vref
Gnd
Drive
Output A
Drive
Output B
Drive Gnd
Fault Input
Device
Package
Shipping
ORDERING INFORMATION
MC34066P
PDIP−16
25 Units/Rail
MC33066P
PDIP−16
http://onsemi.com
25 Units/Rail
MC33066DW
SO−16W
47 Units/Rail
MARKING
DIAGRAMS
x
= 3 or 4
A
= Assembly Location
WL = Wafer Lot
YY = Year
WW = Work Week
1
16
PDIP−16
P SUFFIX
CASE 648
1
16
SO−16W
DW SUFFIX
CASE 751G
1
16
MC3x066P
AWLYYWW
MC33066DW
AWLYYWW
1
16
PIN CONNECTIONS
Osc Deadtime
Osc RC
Osc Control
Current
Gnd
Vref
Error Amp Out
Error Amp
Inverting Input
Error Amp
Noninverting Input
(Top View)
1
2
3
4
5
6
7
89
10
11
12
13
14
15
16 One−Shot RC
VCC
Drive Output A
Drive Output B
Drive Gnd
CSoft−Start
Fault Input
Enable/UVLO
Adjust


Similar Part No. - MC33066DW

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC33066DW MOTOROLA-MC33066DW Datasheet
171Kb / 12P
   High Performance Resonant Mode Controllers
More results

Similar Description - MC33066DW

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI4463 SILABS-SI4463 Datasheet
1Mb / 53P
   HIGH-PERFORMANCE
SI4464 SILABS-SI4464 Datasheet
859Kb / 56P
   HIGH-PERFORMANCE
logo
Crystek Corporation
CVHD-930 CRYSTEKCRYSTAL-CVHD-930_15 Datasheet
116Kb / 2P
   High Performance
logo
Analog Devices
ADE9078 AD-ADE9078 Datasheet
2Mb / 108P
   High Performance
logo
D+H Mechatronic AG
DXD150-K-BSY DH-DXD150-K-BSY Datasheet
443Kb / 3P
   High-performance
logo
Taoglas antenna solutio...
AP.10F.07.0039B TAOGLAS-AP.10F.07.0039B Datasheet
484Kb / 11P
   High performance
logo
ATMEL Corporation
AT6000 ATMEL-AT6000_14 Datasheet
841Kb / 28P
   High-performance
logo
Crystek Corporation
CVHD-931 CRYSTEKCRYSTAL-CVHD-931_15 Datasheet
116Kb / 2P
   High Performance
logo
Holtek Semiconductor In...
BC9824 HOLTEK-BC9824 Datasheet
1Mb / 22P
   Low Power High Performance Low Power High Performance
logo
Integrated Circuit Syst...
ICS3726-12 ICST-ICS3726-12 Datasheet
137Kb / 6P
   HIGH PERFORMANCE VCXO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com