Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BUK7510-30 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # BUK7510-30
Description  TrenchMOS transistor Standard level FET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BUK7510-30 Datasheet(HTML) 5 Page - NXP Semiconductors

  BUK7510-30 Datasheet HTML 1Page - NXP Semiconductors BUK7510-30 Datasheet HTML 2Page - NXP Semiconductors BUK7510-30 Datasheet HTML 3Page - NXP Semiconductors BUK7510-30 Datasheet HTML 4Page - NXP Semiconductors BUK7510-30 Datasheet HTML 5Page - NXP Semiconductors BUK7510-30 Datasheet HTML 6Page - NXP Semiconductors BUK7510-30 Datasheet HTML 7Page - NXP Semiconductors BUK7510-30 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Philips Semiconductors
Product specification
TrenchMOS
™ transistor
BUK7510-30
Standard level FET
Fig.7. Typical transfer characteristics.
I
D = f(VGS) ; conditions: VDS = 25 V; parameter Tj
Fig.8. Typical transconductance, T
j = 25 ˚C.
g
fs = f(ID); conditions: VDS = 25 V
Fig.9. Normalised drain-source on-state resistance.
a = R
DS(ON)/RDS(ON)25 ˚C = f(Tj); ID = 25 A; VGS = 10 V
Fig.10. Gate threshold voltage.
V
GS(TO) = f(Tj); conditions: ID = 1 mA; VDS = VGS
Fig.11. Sub-threshold drain current.
I
D = f(VGS); conditions: Tj = 25 ˚C; VDS = VGS
Fig.12. Typical capacitances, C
iss, Coss, Crss.
C = f(V
DS); conditions: VGS = 0 V; f = 1 MHz
02
46
8
10
0
20
40
60
80
100
7510-30
VGS / V
ID / A
Tj / C = 25
175
BUK759-60
-100
-50
0
50
100
150
200
0
1
2
3
4
5
Tj / C
VGS(TO) / V
max.
typ.
min.
0
2040
6080
100
0
10
20
30
40
7510-30
ID / A
gfs / S
Tj / C = 25
175
01
23
45
1E-06
1E-05
1E-04
1E-03
1E-02
1E-01
Sub-Threshold Conduction
typ
2%
98%
-100
0
100
200
0
0.5
1
1.5
2
30V TrenchMOS
Tj / C
a
150
50
-50
0.1
1
10
100
100
1000
10000
7510-30
VDS / V
C / pF
Ciss
Coss
Crss
December 1997
5
Rev 1.100


Similar Part No. - BUK7510-30

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BUK7510-100B NXP-BUK7510-100B Datasheet
534Kb / 14P
   N-channel TrenchMOS standard level FET
Rev. 03-14 April 2010
logo
List of Unclassifed Man...
BUK7510-100B ETC-BUK7510-100B Datasheet
133Kb / 15P
   TrenchMOS standard level FET
logo
Inchange Semiconductor ...
BUK7510-100B ISC-BUK7510-100B Datasheet
304Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Nexperia B.V. All right...
BUK7510-100B NEXPERIA-BUK7510-100B Datasheet
485Kb / 14P
   N-channel TrenchMOS standard level FET
Rev. 4 - 4 January 2012
logo
NXP Semiconductors
BUK7510-100B PHILIPS-BUK7510-100B_15 Datasheet
215Kb / 13P
   N-channel TrenchMOS standard level FET
Rev. 4-4 January 2012
More results

Similar Description - BUK7510-30

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BUK7524-60 PHILIPS-BUK7524-60 Datasheet
22Kb / 5P
   TrenchMOS transistor Standard level FET
March 1997 Rev 1.000
BUK7675-55 PHILIPS-BUK7675-55 Datasheet
68Kb / 8P
   TrenchMOS transistor Standard level FET
April 1998 Rev 1.100
PHB80N06T PHILIPS-PHB80N06T Datasheet
70Kb / 8P
   TrenchMOS transistor Standard level FET
December 1997 Rev 1.100
PHB87N03T PHILIPS-PHB87N03T Datasheet
65Kb / 8P
   TrenchMOS transistor Standard level FET
December 1997 Rev 1.200
PHP125N06T PHILIPS-PHP125N06T Datasheet
63Kb / 8P
   TrenchMOS transistor Standard level FET
December 1997 Rev 1.100
PHP130N03T PHILIPS-PHP130N03T Datasheet
59Kb / 8P
   TrenchMOS transistor Standard level FET
September 1997 Rev 1.100
BUK7618-30 PHILIPS-BUK7618-30 Datasheet
51Kb / 8P
   TrenchMOS transistor Standard level FET
December 1997 Rev 1.100
PHP60N06T PHILIPS-PHP60N06T Datasheet
64Kb / 8P
   TrenchMOS transistor Standard level FET
December 1997 Rev 1.100
PHP65N06T PHILIPS-PHP65N06T Datasheet
64Kb / 8P
   TrenchMOS transistor Standard level FET
November 1997 Rev 1.100
PHP87N03T PHILIPS-PHP87N03T Datasheet
59Kb / 8P
   TrenchMOS transistor Standard level FET
September 1997 Rev 1.100
PHB125N06T PHILIPS-PHB125N06T Datasheet
67Kb / 8P
   TrenchMOS transistor Standard level FET
December 1997 Rev 1.100
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com