Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC10E107 Datasheet(PDF) 1 Page - ON Semiconductor

Part # MC10E107
Description  5V ECL Quint 2-Input XOR/XNOR Gate
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10E107 Datasheet(HTML) 1 Page - ON Semiconductor

  MC10E107 Datasheet HTML 1Page - ON Semiconductor MC10E107 Datasheet HTML 2Page - ON Semiconductor MC10E107 Datasheet HTML 3Page - ON Semiconductor MC10E107 Datasheet HTML 4Page - ON Semiconductor MC10E107 Datasheet HTML 5Page - ON Semiconductor MC10E107 Datasheet HTML 6Page - ON Semiconductor MC10E107 Datasheet HTML 7Page - ON Semiconductor MC10E107 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2006
November, 2006 − Rev. 7
1
Publication Order Number:
MC10E107/D
MC10E107, MC100E107
5VECL Quint 2-Input
XOR/XNOR Gate
Description
The MC10E/100E107 is a quint 2-input XOR/XNOR gate. The
function output F is the OR of all five XOR outputs, while F is the
NOR. The Q outputs need not be terminated if only the F outputs are
to be used.
The 100 Series contains temperature compensation.
Features
600 ps Maximum Propagation Delay
OR/NOR Function Outputs
PECL Mode Operating Range:
VCC = 4.2 V to 5.7 V with VEE = 0 V
NECL Mode Operating Range:
VCC = 0 V with VEE = −4.2 V to −5.7 V
Internal Input 50 kW Pulldown Resistors
ESD Protection: Human Body Model; > 2 kV,
Machine Model; > 200 V
Meets or Exceeds JEDEC Standard EIA/JESD78 IC Latchup Test
Moisture Sensitivity Level:
Pb = 1
Pb−Free = 3
For Additional Information, see Application Note AND8003/D
Flammability Rating: UL 94 V−0 @ 0.125 in,
Oxygen Index: 28 to 34
Transistor Count = 140 devices
Pb−Free Packages are Available*
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
MARKING DIAGRAM*
xxx
= 10 or 100
A
= Assembly Location
WL
= Wafer Lot
YY
= Year
WW
= Work Week
G= Pb−Free Package
PLCC−28
FN SUFFIX
CASE 776
MCxxxE107G
AWLYYWW
1
http://onsemi.com
*For additional marking information, refer to
Application Note AND8002/D.
See detailed ordering and shipping information in the package
dimensions section on page 6 of this data sheet.
ORDERING INFORMATION


Similar Part No. - MC10E107

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10E107 ONSEMI-MC10E107 Datasheet
102Kb / 4P
   QUINT 2-INPUT XOR/XNOR GATE
1996 REV 2
More results

Similar Description - MC10E107

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10E107 MICREL-SY10E107 Datasheet
70Kb / 4P
   QUINT 2-INPUT XOR/XNOR GATE
logo
ON Semiconductor
MC10E107 ONSEMI-MC10E107 Datasheet
102Kb / 4P
   QUINT 2-INPUT XOR/XNOR GATE
1996 REV 2
logo
Micrel Semiconductor
SY10E107 MICREL-SY10E107_06 Datasheet
61Kb / 4P
   QUINT 2-INPUT XOR/XNOR GATE
logo
ON Semiconductor
MC100EP08DG ONSEMI-MC100EP08DG Datasheet
156Kb / 11P
   3.3V / 5V ECL 2-Input Differential XOR/XNOR
September, 2012 ??Rev. 6
MC10EP08DTG ONSEMI-MC10EP08DTG Datasheet
156Kb / 11P
   3.3V / 5V ECL 2-Input Differential XOR/XNOR
September, 2012 ??Rev. 6
logo
List of Unclassifed Man...
AZ10EL07 ETC1-AZ10EL07 Datasheet
135Kb / 6P
   ECL/PECL 2-Input XOR/XNOR
logo
ON Semiconductor
MC10EP08 ONSEMI-MC10EP08_16 Datasheet
178Kb / 10P
   ECL 2-Input Differential XOR/XNOR
August, 2016 ??Rev. 7
logo
Arizona Microtek, Inc
AZ10EL07 AZM-AZ10EL07 Datasheet
73Kb / 6P
   ECL/PECL 2-Input XOR/XNOR
logo
ON Semiconductor
MC10EL07 ONSEMI-MC10EL07_06 Datasheet
145Kb / 9P
   5.0 V ECL 2-Input XOR/XNOR
December, 2006 ??Rev. 6
logo
Micrel Semiconductor
SY10EP08V MICREL-SY10EP08V Datasheet
110Kb / 7P
   5V/3.3V DIFFERENTIAL 2-INPUT XOR/XNOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com