Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST485EXDR Datasheet(PDF) 6 Page - STMicroelectronics

Part # ST485EXDR
Description  짹15KV ESD protected, low power RS-485/RS-422 transceiver
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST485EXDR Datasheet(HTML) 6 Page - STMicroelectronics

Back Button ST485EXDR Datasheet HTML 2Page - STMicroelectronics ST485EXDR Datasheet HTML 3Page - STMicroelectronics ST485EXDR Datasheet HTML 4Page - STMicroelectronics ST485EXDR Datasheet HTML 5Page - STMicroelectronics ST485EXDR Datasheet HTML 6Page - STMicroelectronics ST485EXDR Datasheet HTML 7Page - STMicroelectronics ST485EXDR Datasheet HTML 8Page - STMicroelectronics ST485EXDR Datasheet HTML 9Page - STMicroelectronics ST485EXDR Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
Electrical characteristics
ST485E
6/19
4
Electrical characteristics
Table 5.
ESD Performance: transmitter outputs, receiver inputs
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
ESD
ESD Protection voltage
Human body model
±15
KV
ESD
ESD Protection voltage
IEC-1000-4-2
±8KV
Table 6.
DC Electrical characteristics (VCC = 5V ± 5%, TA = TMIN to TMAX, unless otherwise
specified. Typical values are referred to TA = 25°C)
Symbol
Parameter
Test conditions (1)
Min.
Typ.
Max.
Unit
VOD1
Differential driver output (No
Load)
5V
VOD2
Differential driver output
(With Load)
RL = 27Ω (RS-485) (Figure 2.)
RL = 50Ω (RS-422) (Figure 2.)
1.5
5
5
V
V
∆VOD
Change in magnitude of
driver differential output
voltage for complementary
output states
RL = 27Ω or 50Ω (Figure 2.)0.2
V
VOC
Driver common-mode output
voltage
RL = 27Ω or 50Ω (Figure 2.)3
V
∆VOC
Change in magnitude of
driver common-mode output
voltage for complementary
output states
RL = 27Ω or 50Ω (Figure 2.)0.2
V
VIH
Input high voltage
RE, DE, DI
2.0
V
VIL
Input low voltage
RE, DE, DI
0.8
V
IIN1
Input current
RE, DE, DI
± 2
µA
IIN2
Input current (A, B)
VCM = 0V or 5.25V, VDE = 0V
VIN = 12V
VIN = -7V
1
-0.8
mA
mA
VTH
Receiver differential
threshold voltage
VCM = -7 to 12V
-0.2
0.2
V
∆VTH
Receiver input hysteresis
VCM = 0V
70
mV
VOH
Receiver output high voltage IO = -4mA, VID = 200mV
3.5
V
VOL
Receiver output low voltage
IO = 4mA, VID = -200mV
0.4
V
IOZR
3-State (high impedance)
output current at receiver
VO = 0.4 to 2.4V
± 1
µA
RIN
Receiver input resistance
VCM = -7 to 12V
24
K
ICC
No load supply current (2)
VRE = 0V or VCC
VDE = VCC
VDE = 0V
400
300
900
500
µA
µA
IOSD1
Driver short-circuit current,
VO=High
VO = -7 to 12V
(3)
35
250
mA


Similar Part No. - ST485EXDR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST485EXDR STMICROELECTRONICS-ST485EXDR Datasheet
265Kb / 13P
   짹5KV ESD PROTECTED, LOW POWER RS-485/RS-422 TRANSCEIVER
ST485EXDR STMICROELECTRONICS-ST485EXDR Datasheet
303Kb / 13P
   짹15KV ESD PROTECTED, LOW POWER RS-485/RS-422 TRANSCEIVER
ST485EXDR STMICROELECTRONICS-ST485EXDR Datasheet
709Kb / 18P
   /-15 kV ESD protected, low power RS-485/RS-422 transceiver
More results

Similar Description - ST485EXDR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
8339 STMICROELECTRONICS-8339 Datasheet
303Kb / 13P
   짹15KV ESD PROTECTED, LOW POWER RS-485/RS-422 TRANSCEIVER
ST485ER STMICROELECTRONICS-ST485ER_06 Datasheet
278Kb / 19P
   짹15KV ESD protected, Low power RS-485/RS-422 transceiver
logo
Intersil Corporation
ISL4485E INTERSIL-ISL4485E Datasheet
403Kb / 11P
   짹15kV ESD Protected, 20Mbps, 5V, Low Power, RS-485/RS-422 Transceiver
logo
Renesas Technology Corp
ISL4485E RENESAS-ISL4485E Datasheet
620Kb / 11P
   짹15kV ESD Protected, 20Mbps, 5V, Low Power, RS-485/RS-422 Transceiver
logo
STMicroelectronics
ST485E STMICROELECTRONICS-ST485E Datasheet
265Kb / 13P
   짹5KV ESD PROTECTED, LOW POWER RS-485/RS-422 TRANSCEIVER
ST485ER STMICROELECTRONICS-ST485ER Datasheet
303Kb / 13P
   5KV ESD PROTECTED, LOW POWER RS-485/RS-422 TRANSCEIVER
ST485EB STMICROELECTRONICS-ST485EB Datasheet
709Kb / 18P
   /-15 kV ESD protected, low power RS-485/RS-422 transceiver
logo
Maxim Integrated Produc...
MAX481E MAXIM-MAX481E Datasheet
133Kb / 16P
   짹15kV ESD-Protected, Slew-Rate-Limited, Low-Power, RS-485/RS-422 Transceivers
Rev 3; 7/96
MAX1487E MAXIM-MAX1487E Datasheet
310Kb / 16P
   짹15kV ESD-Protected, Slew-Rate-Limited, Low-Power, RS-485/RS-422 Transceivers
19-0410; Rev 4; 10/03
MAX3093E MAXIM-MAX3093E Datasheet
416Kb / 13P
   짹15kV ESD-Protected, 10Mbps, 3V/5V, Low-Power Quad RS-422/RS-485 Receivers
19-1779; Rev 2; 10/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com