Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC100E111 Datasheet(PDF) 1 Page - ON Semiconductor

Part # MC100E111
Description  5V ECL 1:9 Differential Clock Driver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100E111 Datasheet(HTML) 1 Page - ON Semiconductor

  MC100E111 Datasheet HTML 1Page - ON Semiconductor MC100E111 Datasheet HTML 2Page - ON Semiconductor MC100E111 Datasheet HTML 3Page - ON Semiconductor MC100E111 Datasheet HTML 4Page - ON Semiconductor MC100E111 Datasheet HTML 5Page - ON Semiconductor MC100E111 Datasheet HTML 6Page - ON Semiconductor MC100E111 Datasheet HTML 7Page - ON Semiconductor MC100E111 Datasheet HTML 8Page - ON Semiconductor MC100E111 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
© Semiconductor Components Industries, LLC, 2006
November, 2006 − Rev. 16
1
Publication Order Number:
MC10E111/D
MC10E111, MC100E111
5VECL 1:9 Differential
Clock Driver
Description
The MC10E/100E111 is a low skew 1-to-9 differential driver,
designed with clock distribution in mind. It accepts one signal input,
which can be either differential or else single-ended if the VBB output
is used. The signal is fanned out to 9 identical differential outputs. An
enable input is also provided. A HIGH disables the device by forcing
all Q outputs LOW and all Q outputs HIGH.
The device is specifically designed, modeled and produced with low
skew as the key goal. Optimal design and layout serve to minimize
gate to gate skew within-device, and empirical modeling is used to
determine process control limits that ensure consistent tpd
distributions from lot to lot. The net result is a dependable, guaranteed
low skew device.
The lowest TPD delay time results from terminating only one output
pair, and the greatest TPD delay time results from terminating all the
output pairs. This shift is about 10 – 20 pS in TPD. The skew between
any two output pairs within a device is typically about 25 nS. If other
output pairs are not terminated, the lowest TPD delay time results
from both output pairs and the skew is typically 25 nS. When all
outputs are terminated, the greatest TPD (delay time) occurs and all
outputs display about the same 10 – 20 pS increase in TPD, so the
relative skew between any two output pairs remains about 25 nS.
The VBB pin, an internally generated voltage supply, is available to
this device only. For single-ended input conditions, the unused
differential input is connected to VBB as a switching reference voltage.
VBB may also rebias AC coupled inputs. When used, decouple VBB
and VCC via a 0.01 mF capacitor and limit current sourcing or sinking
to 0.5 mA. When not used, VBB should be left open.
The 100 Series contains temperature compensation.
Features
Guaranteed Skew Spec
Differential Design
VBB Output
PECL Mode Operating Range: VCC = 4.2 V to 5.7 V
with VEE = 0 V
NECL Mode Operating Range: VCC = 0 V
with VEE = −4.2 V to −5.7 V
Internal Input 50 KW Pulldown Resistors
ESD Protection: Human Body Model; > 3 kV
Meets or Exceeds JEDEC Standard EIA/JESD78 IC
Latchup Test
Moisture Sensitivity Level:
Pb = 1
Pb−Free = 3
For Additional Information, see Application Note
AND8003/D
Flammability Rating: UL 94 V−0 @ 0.125 in,
Oxygen Index: 28 to 34
Transistor Count = 178 devices
Pb−Free Packages are Available*
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
MARKING DIAGRAM*
xxx
= 10 or 100
A
= Assembly Location
WL
= Wafer Lot
YY
= Year
WW
= Work Week
G= Pb−Free Package
PLCC−28
FN SUFFIX
CASE 776
MCxxxE111G
AWLYYWW
1
http://onsemi.com
*For additional marking information, refer to
Application Note AND8002/D.
See detailed ordering and shipping information in the package
dimensions section on page 8 of this data sheet.
ORDERING INFORMATION


Similar Part No. - MC100E111

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100E111 ONSEMI-MC100E111 Datasheet
104Kb / 5P
   1:9 DIFFERENTIAL CLOCK DRIVER
1996 REV 3
MC100E111FNG ONSEMI-MC100E111FNG Datasheet
174Kb / 9P
   5V ECL 1:9 Differential Clock Driver
July, 2016 ??Rev. 17
MC100E111FNR2G ONSEMI-MC100E111FNR2G Datasheet
174Kb / 9P
   5V ECL 1:9 Differential Clock Driver
July, 2016 ??Rev. 17
More results

Similar Description - MC100E111

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10E111 ONSEMI-MC10E111_16 Datasheet
174Kb / 9P
   5V ECL 1:9 Differential Clock Driver
July, 2016 ??Rev. 17
logo
Arizona Microtek, Inc
AZ10E111 AZM-AZ10E111 Datasheet
91Kb / 6P
   ECL/PECL 1:9 Differential Clock Driver
AZ10LVE111 AZM-AZ10LVE111 Datasheet
84Kb / 6P
   ECL/PECL 1:9 Differential Clock Driver
logo
ON Semiconductor
MC100LVE111 ONSEMI-MC100LVE111_06 Datasheet
130Kb / 8P
   3.3V ECL 1:9 Differential Clock Driver
November, 2006 ??Rev. 7
MC100LVE111 ONSEMI-MC100LVE111_13 Datasheet
132Kb / 8P
   3.3V ECL 1:9 Differential Clock Driver
April, 2013 ??Rev. 8
logo
Micrel Semiconductor
SY10E111AE MICREL-SY10E111AE_09 Datasheet
157Kb / 7P
   5V/3.3V 1:9 DIFFERENTIAL CLOCK DRIVER
logo
ON Semiconductor
MC10E411 ONSEMI-MC10E411_06 Datasheet
127Kb / 8P
   5V ECL 1:9 Differential PECL/NECL RAMBus Clock Buffer
November, 2006 ??Rev. 8
logo
Arizona Microtek, Inc
AZ10LVE111E AZM-AZ10LVE111E Datasheet
103Kb / 6P
   ECL/PECL 1:9 Differential Clock Driver with Enable
logo
Motorola, Inc
MC100LVE111 MOTOROLA-MC100LVE111 Datasheet
88Kb / 5P
   LOW-VOLTAGE 1:9 DIFFERENTIAL ECL/PECL CLOCK DRIVER
logo
Semtech Corporation
SK10LVE111 SEMTECH-SK10LVE111 Datasheet
150Kb / 6P
   Low Voltage 1:9 Differential ECL/ PECL Clock Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com