Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST72F264G1M6 Datasheet(PDF) 11 Page - STMicroelectronics

Part # ST72F264G1M6
Description  8-BIT MCU WITH FLASH OR ROM MEMORY, ADC, TWO 16-BIT TIMERS, I2C, SPI, SCI INTERFACES
Download  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72F264G1M6 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button ST72F264G1M6 Datasheet HTML 7Page - STMicroelectronics ST72F264G1M6 Datasheet HTML 8Page - STMicroelectronics ST72F264G1M6 Datasheet HTML 9Page - STMicroelectronics ST72F264G1M6 Datasheet HTML 10Page - STMicroelectronics ST72F264G1M6 Datasheet HTML 11Page - STMicroelectronics ST72F264G1M6 Datasheet HTML 12Page - STMicroelectronics ST72F264G1M6 Datasheet HTML 13Page - STMicroelectronics ST72F264G1M6 Datasheet HTML 14Page - STMicroelectronics ST72F264G1M6 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 172 page
background image
ST72260Gx, ST72262Gx, ST72264Gx
11/172
Table 2. Hardware Register Map
Address
Block
Register
Label
Register Name
Reset
Status
Remarks
0000h
0001h
0002h
Port C
PCDR
PCDDR
PCOR
Port C Data Register
Port C Data Direction Register
Port C Option Register
xx000000h1)
00h
00h
R/W 2)
R/W 2)
R/W 2)
0003h
Reserved (1 Byte)
0004h
0005h
0006h
Port B
PBDR
PBDDR
PBOR
Port B Data Register
Port B Data Direction Register
Port B Option Register
00h 1)
00h
00h
R/W
R/W
R/W.
0007h
Reserved (1 Byte)
0008h
0009h
000Ah
Port A
PADR
PADDR
PAOR
Port A Data Register
Port A Data Direction Register
Port A Option Register
00h 1)
00h
00h
R/W
R/W
R/W
000Bh
to
001Bh
Reserved (17 Bytes)
001Ch
001Dh
001Eh
001Fh
ITC
ISPR0
ISPR1
ISPR2
ISPR3
Interrupt software priority register0
Interrupt software priority register1
Interrupt software priority register2
Interrupt software priority register3
FFh
FFh
FFh
FFh
R/W
R/W
R/W
R/W
0020h
MISCR1
Miscellanous register 1
00h
R/W
0021h
0022h
0023h
SPI
SPIDR
SPICR
SPICSR
SPI Data I/O Register
SPI Control Register
SPI Status Register
xxh
0xh
00h
R/W
R/W
R/W
0024h
WATCHDOG
WDGCR
Watchdog Control Register
7Fh
R/W
0025h
SICSR
System Integrity Control / Status Register
000x 000x
R/W
0026h
MCC
MCCSR
Main Clock Control / Status Register
00h
R/W
0027h
Reserved (1 Byte)
0028h
0029h
002Ah
002Bh
002Ch
002Dh
002Eh
I2C
I2CCR
I2CSR1
I2CSR2
I2CCCR
I2COAR1
I2COAR2
I2CDR
I2C Control Register
I2C Status Register 1
I2C Status Register 2
I2C Clock Control Register
I2C Own Address Register 1
I2C Own Address Register2
I2C Data Register
00h
00h
00h
00h
00h
40h
00h
R/W
Read Only
Read Only
R/W
R/W
R/W
R/W
002Fh
0030h
Reserved (2 Bytes)


Similar Part No. - ST72F264G1M6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST72F264G1M6 STMICROELECTRONICS-ST72F264G1M6 Datasheet
2Mb / 171P
   8-BIT MCU WITH FLASH OR ROM MEMORY, ADC, TWO 16-BIT TIMERS, I2C, SPI, SCI INTERFACES
August 2003 Rev. 1.7
More results

Similar Description - ST72F264G1M6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST72F262G2B5 STMICROELECTRONICS-ST72F262G2B5 Datasheet
1Mb / 172P
   8-BIT MCU WITH FLASH OR ROM MEMORY, ADC, TWO 16-BIT TIMERS, I2C, SPI, SCI INTERFACES
ST72260G STMICROELECTRONICS-ST72260G Datasheet
2Mb / 171P
   8-BIT MCU WITH FLASH OR ROM MEMORY, ADC, TWO 16-BIT TIMERS, I2C, SPI, SCI INTERFACES
August 2003 Rev. 1.7
ST72334J STMICROELECTRONICS-ST72334J_03 Datasheet
1Mb / 153P
   8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, ADC, 16-BIT TIMERS, SPI, SCI INTERFACES
ST72334J STMICROELECTRONICS-ST72334J Datasheet
1,022Kb / 125P
   8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, ADC, 16-BIT TIMERS, SPI, SCI INTERFACES
ST72334XX-AUTO STMICROELECTRONICS-ST72334XX-AUTO Datasheet
3Mb / 150P
   8-bit MCU for automotive with single voltage Flash/ROM memory, ADC, 16-bit timers, SPI, SCI interfaces
ST72340 STMICROELECTRONICS-ST72340 Datasheet
3Mb / 191P
   8-BIT MCU WITH UP TO 16K FLASH MEMORY, 10-BIT ADC, TWO 16-BIT TIMERS, TWO I2C, SPI, SCI
ST72104G STMICROELECTRONICS-ST72104G Datasheet
909Kb / 135P
   8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, ADC, 16-BIT TIMERS, SPI, I2C INTERFACES
February 2000 Rev. 2.2
ST72104GX-AUTO STMICROELECTRONICS-ST72104GX-AUTO Datasheet
3Mb / 135P
   8-bit MCU for automotive with single voltage Flash/ROM memory, ADC, 16-bit timers, SPI, I2C interfaces
ST72325 STMICROELECTRONICS-ST72325_07 Datasheet
3Mb / 196P
   8-bit MCU with 16 to 60K Flash/ROM, ADC, CSS, 5 timers, SPI, SCI, I2C interface
ST7232A STMICROELECTRONICS-ST7232A Datasheet
1Mb / 154P
   8-BIT MCU WITH 8K FLASH/ROM, ADC, 4 TIMERS, SPI, SCI INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com