Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SNJ54F521FK Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # SNJ54F521FK
Description  8-BIT IDENTITY COMPARATORS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SNJ54F521FK Datasheet(HTML) 3 Page - Texas Instruments

  SNJ54F521FK Datasheet HTML 1Page - Texas Instruments SNJ54F521FK Datasheet HTML 2Page - Texas Instruments SNJ54F521FK Datasheet HTML 3Page - Texas Instruments SNJ54F521FK Datasheet HTML 4Page - Texas Instruments SNJ54F521FK Datasheet HTML 5Page - Texas Instruments SNJ54F521FK Datasheet HTML 6Page - Texas Instruments SNJ54F521FK Datasheet HTML 7Page - Texas Instruments SNJ54F521FK Datasheet HTML 8Page - Texas Instruments SNJ54F521FK Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
SN54F521, SN74F521
8-BIT IDENTITY COMPARATORS
SDFS091 – MARCH 1987 – REVISED OCTOBER 1993
2–3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage range, VCC
– 0.5 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range, VI (see Note 1)
– 1.2 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input current range
– 30 mA to 5 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Voltage range applied to any output in the high state
– 0.5 V to VCC
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Current into any output in the low state
40 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range:
SN54F521
– 55
°C to 125°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
SN74F521
0
°C to 70°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range
– 65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTE 1: The input voltage ratings may be exceeded provided the input current ratings are observed.
recommended operating conditions
SN54F521
SN74F521
UNIT
MIN
NOM
MAX
MIN
NOM
MAX
UNIT
VCC
Supply voltage
4.5
5
5.5
4.5
5
5.5
V
VIH
High-level input voltage
2
2
V
VIL
Low-level input voltage
0.8
0.8
V
IIK
Input clamp current
–18
–18
mA
IOH
High-level output current
–1
–1
mA
IOL
Low-level output current
20
20
mA
TA
Operating free-air temperature
–55
125
0
70
°C
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
SN54F521
SN74F521
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP‡
MAX
MIN
TYP‡
MAX
UNIT
VIK
VCC = 4.5 V,
II = – 18 mA
– 1.2
– 1.2
V
VOH
VCC = 4.5 V,
IOH = – 1 mA
2.5
3.4
2.5
3.4
V
VOH
VCC = 4.75 V,
IOH = – 1 mA
2.7
V
VOL
VCC = 4.5 V,
IOL = 20 mA
0.3
0.5
0.3
0.5
V
II
VCC = 5.5 V,
VI = 7 V
100
100
µA
IIH
VCC = 5.5 V,
VI = 2.7 V
20
20
µA
IIL
VCC = 5.5 V,
VI = 0.5 V
– 0.6
– 0.6
mA
IOS§
VCC = 5.5 V,
VO = 0
–60
– 150
–60
– 150
mA
ICC
VCC = 5.5 V,
See Note 2
21
32
21
32
mA
‡ All typical values are at VCC = 5 V, TA = 25°C.
§ Not more than one output should be shorted at a time, and the duration of the short circuit should not exceed one second.
NOTE 2: ICC is measured with all inputs at 4.5 V.


Similar Part No. - SNJ54F521FK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SNJ54F521FK TI-SNJ54F521FK Datasheet
617Kb / 15P
[Old version datasheet]   8-BIT IDENTITY COMPARATORS
SNJ54F521FK TI1-SNJ54F521FK Datasheet
1Mb / 18P
[Old version datasheet]   8-BIT IDENTITY COMPARATORS
More results

Similar Description - SNJ54F521FK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
54AC11521 TI1-54AC11521_09 Datasheet
87Kb / 5P
[Old version datasheet]   8-BIT IDENTITY COMPARATORS
SN54ALS688 TI-SN54ALS688_08 Datasheet
666Kb / 16P
[Old version datasheet]   8-BIT IDENTITY COMPARATORS
SN54F521 TI-SN54F521_07 Datasheet
617Kb / 15P
[Old version datasheet]   8-BIT IDENTITY COMPARATORS
SN54AL520 TI-SN54AL520 Datasheet
138Kb / 9P
[Old version datasheet]   8-BIT IDENTITY COMPARATORS
SN54HC688 TI-SN54HC688_07 Datasheet
518Kb / 15P
[Old version datasheet]   8-BIT IDENTITY COMPARATORS
SN54F520 TI-SN54F520 Datasheet
74Kb / 5P
[Old version datasheet]   8-BIT IDENTITY COMPARATORS
SN54ALS520 TI1-SN54ALS520_16 Datasheet
1Mb / 21P
[Old version datasheet]   8-BIT IDENTITY COMPARATORS
SN54HC688 TI1-SN54HC688_16 Datasheet
1Mb / 19P
[Old version datasheet]   8-BIT IDENTITY COMPARATORS
SN54ALS520 TI-SN54ALS520_06 Datasheet
458Kb / 16P
[Old version datasheet]   8-BIT IDENTITY COMPARATORS
SN54ALS688 TI-SN54ALS688_07 Datasheet
544Kb / 16P
[Old version datasheet]   8-BIT IDENTITY COMPARATORS
74ACT11520 TI1-74ACT11520 Datasheet
105Kb / 7P
[Old version datasheet]   8-BIT IDENTITY COMPARATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com