Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC33067PG Datasheet(PDF) 7 Page - ON Semiconductor

Part # MC33067PG
Description  High Performance Resonant Mode Controllers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33067PG Datasheet(HTML) 7 Page - ON Semiconductor

Back Button MC33067PG Datasheet HTML 3Page - ON Semiconductor MC33067PG Datasheet HTML 4Page - ON Semiconductor MC33067PG Datasheet HTML 5Page - ON Semiconductor MC33067PG Datasheet HTML 6Page - ON Semiconductor MC33067PG Datasheet HTML 7Page - ON Semiconductor MC33067PG Datasheet HTML 8Page - ON Semiconductor MC33067PG Datasheet HTML 9Page - ON Semiconductor MC33067PG Datasheet HTML 10Page - ON Semiconductor MC33067PG Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
MC34067, MC33067
http://onsemi.com
7
3
Figure 14. MC34067 Representative Block Diagram
12
Output B
13
14
8
7
Inverting Input
Oscillator
Control Current
16
9
8.0 V
Q2
R
RT
CT
ROSC
COSC
RVFO
Vref
4.9V/3.6 V
15
VCC
Enable /
UVLO Adjust
OSC Charge
OSC RC
One−Shot RC
Error Amp Output
Noninverting Input
Soft−Start
Ground
4
Fault Input
Power
Ground
Output A
Vref
D1
Q1
IOSC
Oscillator
One−Shot
Error Amp
Clamp
3.1V
Error Amp
9.0
mA
1.0 V
Q
Q
T
Steering
Flip−Flop
4.2/4.0 V
Vref UVLO
VCC UVLO
7.0k
50k
7.0k
50k
4.9 V/3.6 V
Vref
5.1 V
Reference
1
2
6
11
5
10
Figure 15. Timing Diagram
5.1 V
3. 6 V
COSC
5.1 V
3.6 V
One−Shot
Output A
Output B
tOS
tOS
tOS
tOS
tOS
tOS
High State Error Amp output, minimum IOSC current
occurring at minimum input voltage, maximum load.
Low State Error Amp output, maximum IOSC current
occurring at maximum input voltage, minimum load.
Fault Comparator
IOSC
Fault
Latch
S
R
Q


Similar Part No. - MC33067PG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33067P ONSEMI-MC33067P Datasheet
374Kb / 16P
   HIGH PERFORMANCE ZERO VOLTAGE SWITCH RESONANT MODE CONTROLLERS
Rev 1, 05/99
More results

Similar Description - MC33067PG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC34067 ONSEMI-MC34067_09 Datasheet
634Kb / 16P
   High Performance Resonant Mode Controllers
December, 2009 ??Rev. 13
MC33067 ONSEMI-MC33067_15 Datasheet
540Kb / 16P
   High Performance Resonant Mode Controllers
August, 2015 ??Rev. 15
logo
Motorola, Inc
MC34066 MOTOROLA-MC34066 Datasheet
171Kb / 12P
   High Performance Resonant Mode Controllers
logo
ON Semiconductor
MC34067 ONSEMI-MC34067 Datasheet
374Kb / 16P
   HIGH PERFORMANCE ZERO VOLTAGE SWITCH RESONANT MODE CONTROLLERS
Rev 1, 05/99
logo
Infineon Technologies A...
ICE2HS01G INFINEON-ICE2HS01G Datasheet
606Kb / 29P
   High Performance Resonant Mode Controller
Version 2.0, 11 May 2010
logo
ON Semiconductor
NCP1397ADR2G ONSEMI-NCP1397ADR2G Datasheet
749Kb / 27P
   High Performance Resonant Mode Controller
November, 2011 ??Rev. 4
NCP1395 ONSEMI-NCP1395 Datasheet
335Kb / 27P
   High Performance Resonant Mode Controller
March, 2006 ??Rev. 1
logo
List of Unclassifed Man...
UC1861-1868 ETC1-UC1861-1868 Datasheet
422Kb / 9P
   Resonant-Mode Power Supply Controllers
logo
Texas Instruments
UC1861 TI-UC1861 Datasheet
438Kb / 9P
[Old version datasheet]   Resonant-Mode Power Supply Controllers
UC1861 TI1-UC1861_13 Datasheet
3Mb / 14P
[Old version datasheet]   Resonant-Mode Power Supply Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com