Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC10EL34D Datasheet(PDF) 2 Page - ON Semiconductor

Part # MC10EL34D
Description  5V ECL 첨2, 첨4, 첨8 Clock Generation Chip
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10EL34D Datasheet(HTML) 2 Page - ON Semiconductor

  MC10EL34D Datasheet HTML 1Page - ON Semiconductor MC10EL34D Datasheet HTML 2Page - ON Semiconductor MC10EL34D Datasheet HTML 3Page - ON Semiconductor MC10EL34D Datasheet HTML 4Page - ON Semiconductor MC10EL34D Datasheet HTML 5Page - ON Semiconductor MC10EL34D Datasheet HTML 6Page - ON Semiconductor MC10EL34D Datasheet HTML 7Page - ON Semiconductor MC10EL34D Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MC10EL34, MC100EL34
http://onsemi.com
2
VCC
Figure 1. Logic Diagram and Pinout Assignment
Q0
Q1 VCC
Q2
15
16
14
13
12
11
10
2
1
3
4
56
7
VCC
9
8
Q2
Q0
EN
NC CLK CLK VBB MR VEE
D
QR
QR
÷
2
QR
÷
4
QR
÷
8
Q1
*All VCC pins are tied together on the die.
Warning: All VCC and VEE pins must be externally connected
to Power Supply to guarantee proper operation.
Table 1. FUNCTION TABLE
CLK*
EN*
MR*
Function
Z
ZZ
X
L
H
X
L
L
H
Divide
Hold Q0−3
Reset Q0−3
*Pins will default low when left open.
Z = Low-to-High Transition
ZZ = High-to-Low Transition
Table 2. PIN DESCRIPTION
Pin
Function
CLK, CLK
ECL Diff Clock Inputs
EN
ECL Sync Enable
MR
ECL Master Reset
Q0, Q0
ECL Diff ÷2 Outputs
Q1, Q1
ECL Diff ÷4 Outputs
Q2, Q2
ECL Diff ÷8 Outputs
VBB
Reference Voltage Output
VCC
Positive Supply
VEE
Negative Supply
NC
No Connect
Table 3. ATTRIBUTES
Characteristics
Value
Internal Input Pulldown Resistor
75 KW
Internal Input Pullup Resistor
N/A
ESD Protection
Human Body Model
Machine Model
Charge Device Model
> 1 KV
> 100 V
> 2 KV
Moisture Sensitivity (Note 1)
Level 1
Flammability Rating
Oxygen Index: 28 to 34
UL 94 V−0 @ 0.125 in
Transistor Count
191 Devices
Meets or Exceeds JEDEC Spec EIA/JESD78 IC Latchup Test
1. For additional Moisture Sensitivity information, refer to Application Note AND8003/D.


Similar Part No. - MC10EL34D

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10EL34D ONSEMI-MC10EL34D Datasheet
94Kb / 3P
   첨2,첨4,첨8 Clock Generation Chip
1996 REV 2
MC10EL34D ONSEMI-MC10EL34D Datasheet
69Kb / 8P
   5V ECL 첨2, 첨4, 첨8 Clock Generation Chip
October, 2000 ??Rev. 3
MC10EL34DG ONSEMI-MC10EL34DG Datasheet
173Kb / 9P
   Clock Generation Chip
July, 2016 ??Rev. 11
MC10EL34DR2 ONSEMI-MC10EL34DR2 Datasheet
94Kb / 3P
   첨2,첨4,첨8 Clock Generation Chip
1996 REV 2
MC10EL34DR2 ONSEMI-MC10EL34DR2 Datasheet
69Kb / 8P
   5V ECL 첨2, 첨4, 첨8 Clock Generation Chip
October, 2000 ??Rev. 3
More results

Similar Description - MC10EL34D

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100EL34 ONSEMI-MC100EL34 Datasheet
69Kb / 8P
   5V ECL 첨2, 첨4, 첨8 Clock Generation Chip
October, 2000 ??Rev. 3
MC100LVEL34 ONSEMI-MC100LVEL34_06 Datasheet
145Kb / 10P
   3.3V ECL 첨2, 첨4, 첨8 Clock Generation Chip
November, 2006 ??Rev. 2
MC100LVEL34 ONSEMI-MC100LVEL34 Datasheet
145Kb / 10P
   3.3V ECL 첨2, 첨4, 첨8 Clock Generation Chip
November, 2006 ??Rev. 2
logo
Micrel Semiconductor
SY10EL34 MICREL-SY10EL34 Datasheet
57Kb / 4P
   5V/3.3V 첨2, 첨4, 첨8 CLOCK GENERATION CHIP
logo
Microchip Technology
SY100EL34 MICROCHIP-SY100EL34 Datasheet
752Kb / 14P
   5V/3.3V 첨2, 첨4, 첨8 Clock Generation Chip
02/28/20
logo
Micrel Semiconductor
SY10EL34 MICREL-SY10EL34_06 Datasheet
61Kb / 5P
   5V/3.3V 첨2, 첨4, 첨8 CLOCK GENERATION CHIP
SY10EL34 MICREL-SY10EL34_11 Datasheet
176Kb / 7P
   5V/3.3V 첨2, 첨4, 첨8 Clock Generation Chip
logo
ON Semiconductor
MC10EL34 ONSEMI-MC10EL34 Datasheet
94Kb / 3P
   첨2,첨4,첨8 Clock Generation Chip
1996 REV 2
MC100LVEP34 ONSEMI-MC100LVEP34_06 Datasheet
150Kb / 12P
   2.5V / 3.3V ECL 첨2, 첨4, 첨8 Clock Generation Chip
November, 2006 ??Rev. 9
MC100EL38 ONSEMI-MC100EL38_06 Datasheet
122Kb / 7P
   5V ECL 첨2, 첨4/6 Clock Generation Chip
October, 2006 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com