Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC34262DR2G Datasheet(PDF) 9 Page - ON Semiconductor

Part # MC34262DR2G
Description  Power Factor Controllers
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC34262DR2G Datasheet(HTML) 9 Page - ON Semiconductor

Back Button MC34262DR2G Datasheet HTML 5Page - ON Semiconductor MC34262DR2G Datasheet HTML 6Page - ON Semiconductor MC34262DR2G Datasheet HTML 7Page - ON Semiconductor MC34262DR2G Datasheet HTML 8Page - ON Semiconductor MC34262DR2G Datasheet HTML 9Page - ON Semiconductor MC34262DR2G Datasheet HTML 10Page - ON Semiconductor MC34262DR2G Datasheet HTML 11Page - ON Semiconductor MC34262DR2G Datasheet HTML 12Page - ON Semiconductor MC34262DR2G Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
MC34262, MC33262
http://onsemi.com
9
A Quickstart circuit has been incorporated to optimize
converter startup. During initial startup, compensation
capacitor C1 will be discharged, holding the error amp
output below the Multiplier threshold. This will prevent
Drive Output switching and delay bootstrapping of
capacitor C4 by diode D6. If Pin 2 does not reach the
multiplier threshold before C4 discharges below the lower
UVLO threshold, the converter will “hiccup” and
experience a significant startup delay. The Quickstart
circuit is designed to precharge C1 to 1.7 V, Figure 7. This
level is slightly below the Pin 2 Multiplier threshold,
allowing immediate Drive Output switching and bootstrap
operation when C4 crosses the upper UVLO threshold.
Drive Output
The MC34262/MC33262 contain a single totem−pole
output stage specifically designed for direct drive of power
MOSFETs. The Drive Output is capable of up to
±500 mA
peak current with a typical rise and fall time of 50 ns with
a 1.0 nF load. Additional internal circuitry has been added
to keep the Drive Output in a sinking mode whenever the
Undervoltage
Lockout is active. This characteristic
eliminates the need for an external gate pulldown resistor.
The totem−pole output has been optimized to minimize
cross−conduction current during high speed operation. The
addition of two 10
W resistors, one in series with the source
output transistor and one in series with the sink output
transistor, helps to reduce the cross−conduction current and
radiated noise by limiting the output rise and fall time. A
16 V clamp has been incorporated into the output stage to
limit the high state VOH. This prevents rupture of the
MOSFET gate when VCC exceeds 20 V.
APPLICATIONS INFORMATION
The application circuits shown in Figures 19, 20 and 21
reveal that few external components are required for a
complete power factor preconverter. Each circuit is a peak
detecting current−mode boost converter that operates in
critical conduction mode with a fixed on−time and variable
off−time. A major benefit of critical conduction operation
is that the current loop is inherently stable, thus eliminating
the need for ramp compensation. The application in
Figure 19 operates over an input voltage range of 90 Vac to
138 Vac and provides an output power of 80 W (230 V at
350 mA) with an associated power factor of approximately
0.998 at nominal line. Figures 20 and 21 are universal input
preconverter examples that operate over a continuous input
voltage range of 90 Vac to 268 Vac. Figure 20 provides an
output power of 175 W (400 V at 440 mA) while Figure 21
provides 450 W (400 V at 1.125 A). Both circuits have an
observed worst−case power factor of approximately 0.989.
The input current and voltage waveforms of Figure 20 are
shown in Figure 22 with operation at 115 Vac and 230 Vac.
The data for each of the applications was generated with the
test set−up shown in Figure 24.


Similar Part No. - MC34262DR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC34262DR2G ONSEMI-MC34262DR2G Datasheet
399Kb / 19P
   Power Factor Controllers
August, 2013 ??Rev. 14
More results

Similar Description - MC34262DR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC34261 ONSEMI-MC34261 Datasheet
500Kb / 13P
   Power Factor Controllers
July, 2006 ??Rev. 3
logo
IK Semicon Co., Ltd
IL34262 IKSEMICON-IL34262_11 Datasheet
549Kb / 9P
   Power Factor Controllers
logo
ON Semiconductor
MC34262 ONSEMI-MC34262_13 Datasheet
399Kb / 19P
   Power Factor Controllers
August, 2013 ??Rev. 14
MC34262 ONSEMI-MC34262 Datasheet
393Kb / 16P
   POWER FACTOR CONTROLLERS
1996 REV 1
logo
IK Semicon Co., Ltd
IL34262 IKSEMICON-IL34262 Datasheet
696Kb / 9P
   Power Factor Controllers
logo
List of Unclassifed Man...
IL34262 ETC-IL34262 Datasheet
316Kb / 12P
   Power Factor Controllers
logo
Guangdong Kexin Industr...
MC34262 KEXIN-MC34262 Datasheet
676Kb / 8P
   Power Factor Controllers
logo
Unisonic Technologies
MC34262 UTC-MC34262 Datasheet
206Kb / 6P
   POWER FACTOR CONTROLLERS
logo
ON Semiconductor
MC34262 ONSEMI-MC34262_11 Datasheet
401Kb / 19P
   Power Factor Controllers
September, 2011 ??Rev. 13
logo
Motorola, Inc
MC34261 MOTOROLA-MC34261 Datasheet
309Kb / 12P
   POWER FACTOR CONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com