Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC34262DR2G Datasheet(PDF) 10 Page - ON Semiconductor

Part # MC34262DR2G
Description  Power Factor Controllers
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC34262DR2G Datasheet(HTML) 10 Page - ON Semiconductor

Back Button MC34262DR2G Datasheet HTML 6Page - ON Semiconductor MC34262DR2G Datasheet HTML 7Page - ON Semiconductor MC34262DR2G Datasheet HTML 8Page - ON Semiconductor MC34262DR2G Datasheet HTML 9Page - ON Semiconductor MC34262DR2G Datasheet HTML 10Page - ON Semiconductor MC34262DR2G Datasheet HTML 11Page - ON Semiconductor MC34262DR2G Datasheet HTML 12Page - ON Semiconductor MC34262DR2G Datasheet HTML 13Page - ON Semiconductor MC34262DR2G Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
MC34262, MC33262
http://onsemi.com
10
Table 1. Design Equations
Notes
Calculation
Formula
Calculate the maximum required output power.
Required Converter Output Power
PO = VO IO
Calculated at the minimum required ac line voltage
for output regulation. Let the efficiency
h = 0.92 for
low line operation.
Peak Inductor Current
IL(pk) =
22 PO
hVac(LL)
Let the switching cycle t = 40
ms for universal input
(85 to 265 Vac) operation and 20
ms for fixed input
(92 to 138 Vac, or 184 to 276 Vac) operation.
Inductance
LP =
t
2
2 VO PO
VO
− Vac(LL)
h Vac(LL)2
In theory the on−time ton is constant. In practice ton
tends to increase at the ac line zero crossings due
to the charge on capacitor C5. Let Vac = Vac(LL) for initial
ton and toff calculations.
Switch On−Time
h Vac2
ton =
2 PO LP
The off−time toff is greatest at the peak of the ac line
voltage and approaches zero at the ac line zero
crossings. Theta (
q) represents the angle of the ac
line voltage.
Switch Off−Time
VO
− 1
toff =
2 Vac
⎪Sin q⎜
ton
The minimum switching frequency occurs at the peak
of the ac line voltage. As the ac line voltage traverses
from peak to zero, toff approaches zero producing an
increase in switching frequency.
Switching Frequency
f =
ton + toff
1
Set the current sense threshold VCS to 1.0 V for
universal input (85 Vac to 265 Vac) operation and
to 0.5 V for fixed input (92 Vac to 138 Vac, or
184 Vac to 276 Vac) operation. Note that VCS must
be <1.4 V.
Peak Switch Current
R7 =
IL(pk)
VCS
Set the multiplier input voltage VM to 3.0 V at high
line. Empirically adjust VM for the lowest distortion
over the ac line voltage range while guaranteeing
startup at minimum line.
Multiplier Input Voltage
+ 1
Vac
VM =
R5
2
R3
The IIB R1 error term can be minimized with a divider
current in excess of 50
mA.
Converter Output Voltage
− IIB R2
VO = Vref
R2
+ 1
R1
The calculated peak−to−peak ripple must be less than
16% of the average dc output voltage to prevent false
tripping of the Overvoltage Comparator. Refer to the
Overvoltage Comparator text. ESR is the equivalent
series resistance of C3.
Converter Output
Peak to Peak
Ripple Voltage
2
2
pfac C3
+ ESR2
DVO(pp) = IO
1
The bandwidth is typically set to 20 Hz. When operating
at high ac line, the value of C1 may need to be
increased. (See Figure 25)
Error Amplifier Bandwidth
BW =
gm
2
p C1
The following converter characteristics must be chosen:
VO − Desired output voltage
IO − Desired output current
DVO − Converter output peak−to−peak ripple voltage
Vac − AC RMS line voltage
Vac (LL) − AC RMS low line voltage


Similar Part No. - MC34262DR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC34262DR2G ONSEMI-MC34262DR2G Datasheet
399Kb / 19P
   Power Factor Controllers
August, 2013 ??Rev. 14
More results

Similar Description - MC34262DR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC34261 ONSEMI-MC34261 Datasheet
500Kb / 13P
   Power Factor Controllers
July, 2006 ??Rev. 3
logo
IK Semicon Co., Ltd
IL34262 IKSEMICON-IL34262_11 Datasheet
549Kb / 9P
   Power Factor Controllers
logo
ON Semiconductor
MC34262 ONSEMI-MC34262_13 Datasheet
399Kb / 19P
   Power Factor Controllers
August, 2013 ??Rev. 14
MC34262 ONSEMI-MC34262 Datasheet
393Kb / 16P
   POWER FACTOR CONTROLLERS
1996 REV 1
logo
IK Semicon Co., Ltd
IL34262 IKSEMICON-IL34262 Datasheet
696Kb / 9P
   Power Factor Controllers
logo
List of Unclassifed Man...
IL34262 ETC-IL34262 Datasheet
316Kb / 12P
   Power Factor Controllers
logo
Guangdong Kexin Industr...
MC34262 KEXIN-MC34262 Datasheet
676Kb / 8P
   Power Factor Controllers
logo
Unisonic Technologies
MC34262 UTC-MC34262 Datasheet
206Kb / 6P
   POWER FACTOR CONTROLLERS
logo
ON Semiconductor
MC34262 ONSEMI-MC34262_11 Datasheet
401Kb / 19P
   Power Factor Controllers
September, 2011 ??Rev. 13
logo
Motorola, Inc
MC34261 MOTOROLA-MC34261 Datasheet
309Kb / 12P
   POWER FACTOR CONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com