Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC100EL35DTR2 Datasheet(PDF) 4 Page - ON Semiconductor

Part # MC100EL35DTR2
Description  5V ECL JK Flip-Flop
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100EL35DTR2 Datasheet(HTML) 4 Page - ON Semiconductor

  MC100EL35DTR2 Datasheet HTML 1Page - ON Semiconductor MC100EL35DTR2 Datasheet HTML 2Page - ON Semiconductor MC100EL35DTR2 Datasheet HTML 3Page - ON Semiconductor MC100EL35DTR2 Datasheet HTML 4Page - ON Semiconductor MC100EL35DTR2 Datasheet HTML 5Page - ON Semiconductor MC100EL35DTR2 Datasheet HTML 6Page - ON Semiconductor MC100EL35DTR2 Datasheet HTML 7Page - ON Semiconductor MC100EL35DTR2 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MC10EL35, MC100EL35
http://onsemi.com
4
Table 6. 100EL SERIES NECL DC CHARACTERISTICS VCC = 0 V; VEE = −5.0 V (Note 7)
−40°C
25°C
85°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
IEE
Power Supply Current
27
32
27
32
32
37
mA
VOH
Output HIGH Voltage (Note 8)
−1085 −1005
−880
−1025
−955
−880
−1025
−955
−880
mV
VOL
Output LOW Voltage (Note 8)
−1830 −1695 −1555 −1810 −1705 −1620 −1810 −1705 −1620
mV
VIH
Input HIGH Voltage (Single−Ended)
−1165
−880
−1165
−880
−1165
−880
mV
VIL
Input LOW Voltage (Single−Ended)
−1810
−1475 −1810
−1475 −1810
−1475
mV
IIH
Input HIGH Current
150
150
150
mA
IIL
Input LOW Current
0.5
0.5
0.5
mA
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
7. Input and output parameters vary 1:1 with VCC. VEE can vary +0.8 V / −0.5 V.
8. Outputs are terminated through a 50 W resistor to VCC − 2.0 V.
Table 7. AC CHARACTERISTICS VCC = 5.0 V; VEE = 0 V or VCC = 0 V; VEE = −5.0 V (Note 9)
−40°C
25°C
85°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
fmax
Maximum Toggle Frequency
1.4
2.0
1.8
2.2
1.8
2.2
GHz
tPLH
tPHL
Propagation Delay
CLK
to Output
MR
290
225
515
450
740
675
350
275
525
450
700
625
395
350
570
525
745
700
ps
tS
Setup Time
J, K
150
0
150
0
150
0
ps
tH
Hold Time
J, K
250
100
250
100
250
100
ps
tRR
Reset Recovery
400
200
400
200
400
200
ps
tPW
Minimum Pulse Width
CLK, Reset
400
400
400
ps
tJITTER
Cycle−to−Cycle Jitter
1.0
1.0
1.0
ps
tr
tf
Output Rise/Fall Times Q
(20% − 80%)
100
225
350
100
225
350
100
225
350
ps
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
9. 10 Series: VEE can vary +0.25 V / −0.5 V.
100 Series: VEE can vary +0.8 V / −0.5 V.
Figure 2. Typical Termination for Output Driver and Device Evaluation
(See Application Note AND8020/D − Termination of ECL Logic Devices.)
Driver
Device
Receiver
Device
QD
Q
D
Zo = 50 W
Zo = 50 W
50 W
50 W
VTT
VTT = VCC − 3.0 V


Similar Part No. - MC100EL35DTR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100EL35DTG ONSEMI-MC100EL35DTG Datasheet
157Kb / 7P
   5 V ECL JK Flip?륡lop
July, 2016 ??Rev. 8
More results

Similar Description - MC100EL35DTR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10EP35 ONSEMI-MC10EP35_06 Datasheet
157Kb / 11P
   3.3V / 5V ECL JK Flip?묯lop
December, 2006 ??Rev. 5
logo
Micrel Semiconductor
SY10EL35 MICREL-SY10EL35_06 Datasheet
50Kb / 4P
   JK FLIP-FLOP
logo
ON Semiconductor
MC10EP35 ONSEMI-MC10EP35 Datasheet
81Kb / 8P
   JK Flip Flop
Sep, 1999 ??Rev. 1.0
logo
Micrel Semiconductor
SY10EL35 MICREL-SY10EL35 Datasheet
47Kb / 4P
   JK FLIP-FLOP
logo
ON Semiconductor
MC10EL35 ONSEMI-MC10EL35 Datasheet
75Kb / 3P
   JK Flip-Flop
1996 REV 2
MC10EP35 ONSEMI-MC10EP35_16 Datasheet
180Kb / 10P
   ECL JK Flip?륡lop
August, 2016 ??Rev. 7
logo
NXP Semiconductors
HEF4027B NXP-HEF4027B Datasheet
83Kb / 13P
   Dual JK flip-flop
Rev. 05-10 November 2008
logo
Nexperia B.V. All right...
HEF4027B NEXPERIA-HEF4027B Datasheet
220Kb / 11P
   Dual JK flip-flop
Rev. 11 - 7 December 2021
logo
Integral Corp.
IW4027B INTEGRAL-IW4027B Datasheet
48Kb / 6P
   Dual JK Flip-Flop
logo
KODENSHI_AUK CORP.
KK4027B KODENSHI-KK4027B Datasheet
232Kb / 6P
   Dual JK Flip-Flop
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com