Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC10E160FN Datasheet(PDF) 5 Page - ON Semiconductor

Part # MC10E160FN
Description  5V ECL 12-Bit Parity Generator/Checker
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10E160FN Datasheet(HTML) 5 Page - ON Semiconductor

  MC10E160FN Datasheet HTML 1Page - ON Semiconductor MC10E160FN Datasheet HTML 2Page - ON Semiconductor MC10E160FN Datasheet HTML 3Page - ON Semiconductor MC10E160FN Datasheet HTML 4Page - ON Semiconductor MC10E160FN Datasheet HTML 5Page - ON Semiconductor MC10E160FN Datasheet HTML 6Page - ON Semiconductor MC10E160FN Datasheet HTML 7Page - ON Semiconductor MC10E160FN Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
MC10E160, MC100E160
http://onsemi.com
5
AC CHARACTERISTICS VCCx= 5.0 V; VEE= 0.0 V or VCCx= 0.0 V; VEE= −5.0 V (Note 10)
0°C
25°C
85°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
fMAX
Maximum Toggle Frequency
700
1100
700
1100
700
1100
MHz
tPLH
Propagation Delay to Output
ps
tPHL
D to Q
400
650
950
400
650
950
400
650
950
En to Q
300
550
750
300
550
750
300
550
750
CLK to Y
275
500
700
275
500
700
275
500
700
R to Y
275
500
725
275
500
725
275
500
725
ts
Setup Time
ps
D
1200
900
1200
900
1200
900
HOLD
600
300
600
300
600
300
S-IN
350
150
350
150
350
150
SHIFT
500
250
500
250
500
250
th
Hold Time
ps
D − 400
− 900
− 400
− 900
− 400
− 900
HOLD
100
− 300
100
− 300
100
− 300
S-IN
300
−150
300
−150
300
−150
SHIFT
200
− 250
200
− 250
200
− 250
tJITTER
Random Clock Jitter (RMS)
< 1
< 1
< 1
ps
tr
Rise/Fall Time
ps
tf
(20 - 80%)
300
450
650
300
450
650
300
450
650
NOTE: Devices are designed to meet the AC specifications shown in the above table, after thermal equilibrium has been established. The
circuit is in a test socket or mounted on a printed circuit board and transverse air flow greater than 500 LFPM is maintained.
10.10 Series: VEE can vary −0.46 V / +0.06 V.
100 Series: VEE can vary −0.46 V / +0.8 V.


Similar Part No. - MC10E160FN

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10E160 ONSEMI-MC10E160 Datasheet
106Kb / 4P
   12-BIT PARITY GENERATOR/CHECKER
1996 REV 2
More results

Similar Description - MC10E160FN

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10E160 MICREL-SY10E160 Datasheet
60Kb / 4P
   12-BIT PARITY GENERATOR/CHECKER
logo
ON Semiconductor
MC10H160 ONSEMI-MC10H160 Datasheet
111Kb / 4P
   12-Bit Parity Generator-Checker
May, 2000 ??Rev. 7
logo
Motorola, Inc
MC10160 MOTOROLA-MC10160 Datasheet
84Kb / 4P
   12-Bit parity Generator-Checker
logo
Micrel Semiconductor
SY10E160 MICREL-SY10E160_06 Datasheet
62Kb / 5P
   12-BIT PARITY GENERATOR/CHECKER
logo
ON Semiconductor
MC10E160 ONSEMI-MC10E160 Datasheet
106Kb / 4P
   12-BIT PARITY GENERATOR/CHECKER
1996 REV 2
logo
Toshiba Semiconductor
TC74AC280P TOSHIBA-TC74AC280P Datasheet
265Kb / 7P
   9 - BIT PARITY GENERATOR CHECKER
logo
Renesas Technology Corp
HD74AC280 RENESAS-HD74AC280 Datasheet
214Kb / 8P
   9-bit Parity Generator/Checker
logo
Texas Instruments
74AC11280 TI1-74AC11280 Datasheet
99Kb / 5P
[Old version datasheet]   9-BIT PARITY GENERATOR/CHECKER
logo
Fairchild Semiconductor
74F280SCX FAIRCHILD-74F280SCX Datasheet
77Kb / 6P
   9-Bit Parity Generator/Checker
logo
National Semiconductor ...
54AC280 NSC-54AC280 Datasheet
183Kb / 6P
   9-Bit Parity Generator/Checker
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com