Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC100E163 Datasheet(PDF) 5 Page - ON Semiconductor

Part # MC100E163
Description  5V ECL 2-Bit 8:1 Multiplexer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100E163 Datasheet(HTML) 5 Page - ON Semiconductor

  MC100E163 Datasheet HTML 1Page - ON Semiconductor MC100E163 Datasheet HTML 2Page - ON Semiconductor MC100E163 Datasheet HTML 3Page - ON Semiconductor MC100E163 Datasheet HTML 4Page - ON Semiconductor MC100E163 Datasheet HTML 5Page - ON Semiconductor MC100E163 Datasheet HTML 6Page - ON Semiconductor MC100E163 Datasheet HTML 7Page - ON Semiconductor MC100E163 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
MC10E163, MC100E163
http://onsemi.com
5
Table 8. AC CHARACTERISTICS VCCx = 5.0 V; VEE = 0.0 V or VCCx = 0.0 V; VEE = −5.0 V (Note 9)
0°C
25°C
85°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
fMAX
Maximum Toggle Frequency
700
1100
700
1100
700
1100
MHz
tPLH
Propagation Delay to Output
ps
tPHL
D
500
700
900
500
700
900
500
700
900
SEL0
500
765
1050
500
765
1050
500
765
1050
SEL1
525
735
950
525
735
950
525
735
950
SEL2
450
625
825
450
625
825
450
625
825
tSKEW
Within-Device Skew (Note 10)
ps
An, Bn to Q
40
40
40
An, Am to QA
30
30
30
Bn, Bm to QB
30
30
30
tJITTER
Random Clock Jitter (RMS)
< 1
< 1
< 1
ps
tr
Rise/Fall Time
ps
tf
(20 - 80%)
275
375
575
275
375
575
275
375
575
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
9. 10 Series: VEE can vary −0.46 V / +0.06 V.
100 Series: VEE can vary −0.46 V / +0.8 V.
10.Within-device skew is defined as identical transitions on similar paths through a device; n = 0-7, m n, m = 0-7.


Similar Part No. - MC100E163

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100E163 ONSEMI-MC100E163 Datasheet
102Kb / 4P
   2-BIT 8:1 MULTIPLEXER
1996 REV 2
More results

Similar Description - MC100E163

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10E158 ONSEMI-MC10E158_06 Datasheet
78Kb / 8P
   5V ECL 5-Bit 2:1 Multiplexer
December, 2006 ??Rev. 9
MC10EP58 ONSEMI-MC10EP58_06 Datasheet
157Kb / 11P
   3.3V / 5V ECL 2:1 Multiplexer
December, 2006 ??Rev. 6
MC100EP58 ONSEMI-MC100EP58 Datasheet
69Kb / 8P
   3.3V / 5V ECL 2:1 Multiplexer
June, 2001 ??Rev. 4
MC100EL59 ONSEMI-MC100EL59_06 Datasheet
107Kb / 5P
   5V ECL Triple 2:1 Multiplexer
November, 2006 ??Rev. 3
MC100EL56 ONSEMI-MC100EL56_06 Datasheet
117Kb / 6P
   5V ECL Dual Differential 2:1 Multiplexer
November, 2006 ??Rev. 7
MC10E171 ONSEMI-MC10E171_06 Datasheet
126Kb / 8P
   5V ECL 3-Bit 4:1 Multiplexer
November, 2006 ??Rev. 7
MC10E457 ONSEMI-MC10E457_16 Datasheet
167Kb / 9P
   5V ECL Triple Differential 2:1 Multiplexer
July, 2016 ??Rev. 9
MC100EL56 ONSEMI-MC100EL56 Datasheet
153Kb / 6P
   5V ECL Dual Differential 2:1 Multiplexer
July, 2016 ??Rev. 9
MC10E457 ONSEMI-MC10E457_06 Datasheet
135Kb / 9P
   5V ECL Triple Differential 2:1 Multiplexer
November, 2006 ??Rev. 8
MC10E164 ONSEMI-MC10E164_06 Datasheet
125Kb / 9P
   5V ECL 16:1 Multiplexer
November, 2006 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com