Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC100E175 Datasheet(PDF) 5 Page - ON Semiconductor

Part # MC100E175
Description  5V ECL 9-Bit Latch With Parity
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100E175 Datasheet(HTML) 5 Page - ON Semiconductor

  MC100E175 Datasheet HTML 1Page - ON Semiconductor MC100E175 Datasheet HTML 2Page - ON Semiconductor MC100E175 Datasheet HTML 3Page - ON Semiconductor MC100E175 Datasheet HTML 4Page - ON Semiconductor MC100E175 Datasheet HTML 5Page - ON Semiconductor MC100E175 Datasheet HTML 6Page - ON Semiconductor MC100E175 Datasheet HTML 7Page - ON Semiconductor MC100E175 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
MC10E175, MC100E175
http://onsemi.com
5
Table 8. AC CHARACTERISTICS VCCx = 5.0 V; VEE = 0.0 V or VCCx = 0.0 V; VEE = −5.0 V (Note 9)
Symbol
Characteristic
0
°C
25
°C
85
°C
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
fMAX
Maximum Toggle Frequency
700
1100
700
1100
700
1100
MHz
tPLH
tPHL
Propagation Delay to Output
ps
D to Q
550
800
975
550
800
975
550
800
975
D to ODDPAR
950
1400
1600
950
1400
1600
950
1400
1600
LEN to Q
525
800
975
525
800
975
525
800
975
LEN to ODDPAR
525
800
975
525
800
975
525
800
975
MR to Q(tPHL)
525
800
975
525
800
975
525
800
975
MR to ODDPAR(tPHL)
525
800
975
525
800
975
525
800
975
ts
Setup Time
ps
D (Q)
275
100
275
275
D (ODDPAR)
900
700
900
900
th
Hold Time
ps
D (Q)
175
−100
175
175
D (ODDPAR)
− 300
−70
− 300
− 300
tRR
Reset Recovery Time
850
600
850
600
850
600
ps
tSKEW
Within-Device Skew (Note 10)
ps
LEN, MR
75
75
75
D to Q
75
75
75
D to ODDPAR
200
200
200
tJITTER
Random Clock Jitter (RMS)
< 1
< 1
< 1
ps
tr
tf
Rise/Fall Times
ps
(20 - 80%)
300
500
800
300
500
800
300
500
800
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
9. 10 Series: VEE can vary −0.46 V / −0.06 V.
100 Series: VEE can vary −0.46 V / −0.8 V.
10. Within-device skew is defined as identical transitions on similar paths through a device.


Similar Part No. - MC100E175

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100E175 ONSEMI-MC100E175 Datasheet
106Kb / 4P
   9-BIT LATCH WITH PARITY
REV 2
More results

Similar Description - MC100E175

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10E175 MICREL-SY10E175_06 Datasheet
62Kb / 4P
   9-BIT LATCH WITH PARITY
logo
ON Semiconductor
MC10E175 ONSEMI-MC10E175 Datasheet
106Kb / 4P
   9-BIT LATCH WITH PARITY
REV 2
logo
Micrel Semiconductor
SY10E175 MICREL-SY10E175 Datasheet
60Kb / 4P
   9-BIT LATCH WITH PARITY
logo
ON Semiconductor
MC10E160 ONSEMI-MC10E160_06 Datasheet
191Kb / 8P
   5V ECL 12-Bit Parity Generator/Checker
June, 2006 ??Rev. 6
MC10E122 ONSEMI-MC10E122_06 Datasheet
121Kb / 8P
   5V ECL 9-Bit Buffer
November, 2006 ??Rev. 7
MC10E150 ONSEMI-MC10E150_06 Datasheet
79Kb / 8P
   5V ECL 6-Bit D Latch
December, 2006 ??Rev. 10
MC10H602 ONSEMI-MC10H602 Datasheet
86Kb / 4P
   9-Bit Latch TTL/ECL Translator
1996 REV 5
MC10H603 ONSEMI-MC10H603 Datasheet
89Kb / 5P
   9-Bit Latch ECL/TTL Translator
1996 REV 5
MC10E142 ONSEMI-MC10E142_06 Datasheet
150Kb / 8P
   5V ECL 9-Bit Shift Register
February, 2006 ??Rev. 7
MC10E166 ONSEMI-MC10E166_06 Datasheet
123Kb / 7P
   5V ECL 9-Bit Magnitude Comparator
November, 2006 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com